Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS56528 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS56528
Descripción Electrónicos  4.5V to 18V Input, 5-A Synchronous Step-Down Converter with Advanced Eco-mode?
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS56528 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS56528 Datasheet HTML 3Page - Texas Instruments TPS56528 Datasheet HTML 4Page - Texas Instruments TPS56528 Datasheet HTML 5Page - Texas Instruments TPS56528 Datasheet HTML 6Page - Texas Instruments TPS56528 Datasheet HTML 7Page - Texas Instruments TPS56528 Datasheet HTML 8Page - Texas Instruments TPS56528 Datasheet HTML 9Page - Texas Instruments TPS56528 Datasheet HTML 10Page - Texas Instruments TPS56528 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
(
)
(
)
2
IN
OUT
OUT
OUT LL
IN
V
V
V
I
L fsw
V
-
×
=
×
× ×
1
TPS56528
www.ti.com
SLVSBV3A – APRIL 2013 – REVISED APRIL 2013
OVERVIEW
The TPS56528 is a 5-A synchronous step-down (buck) converter with two integrated N-channel MOSFETs. It
operates using D-CAP2™ mode control. The fast transient response of D-CAP2™ control reduces the output
capacitance required to meet a specific level of performance. Proprietary internal circuitry allows the use of low
ESR output capacitors including ceramic and special polymer types. And also PG output can be used for
sequence operation.
DETAILED DESCRIPTION
PWM Operation
The main control loop of the TPS56528 is an adaptive on-time pulse width modulation (PWM) controller that
supports a proprietary D-CAP2™ mode control. D-CAP2™ mode control combines constant on-time control with
an internal compensation circuit for pseudo-fixed frequency and low external component count configuration with
both low ESR and ceramic output capacitors. It is stable even with virtually no ripple at the output.
At the beginning of each cycle, the high-side MOSFET is turned on. This MOSFET is turned off after internal one
shot timer expires. This one shot is set by the converter input voltage, VIN, and the output voltage, VO, to
maintain a pseudo-fixed frequency over the input voltage range, hence it is called adaptive on-time control. The
one-shot timer is reset and the high-side MOSFET is turned on again when the feedback voltage falls below the
reference voltage. An internal ramp is added to reference voltage to simulate output ripple, eliminating the need
for ESR induced output ripple from D-CAP2™ mode control.
PWM Frequency and Adaptive On-Time Control
TPS56528 uses an adaptive on-time control scheme and does not have a dedicated on board oscillator. The
TPS56528 runs with a pseudo-constant frequency of 650 kHz by using the input voltage and output voltage to
set the on-time one-shot timer. The on-time is inversely proportional to the input voltage and proportional to the
output voltage; therefore, when the duty ratio is VOUT/VIN, the frequency is constant.
Advanced Auto-Skip Eco-Mode™ Control
The TPS56528 is designed with advanced auto-skip Eco-mode™ to increase higher light load efficiency. As the
output current decreases from heavy load condition, the inductor current is also reduced. If the output current is
reduced enough, the inductor current ripple valley reaches the zero level, which is the boundary between
continuous conduction and discontinuous conduction modes. The rectifying low-side MOSFET is turned off when
its zero inductor current is detected. As the load current further decreases the converter run into discontinuous
conduction mode. The on-time is kept approximately the same as is in continuous conduction mode. The off-time
increases as it takes more time to discharge the output capacitor to the level of the reference voltage with
smaller load current. The transition point to the light load operation IOUT(LL) current can be calculated in
Equation 1
(1)
Soft Start and Pre-Biased Soft Start
The TPS56528 has an internal 1.0ms soft-start. When the EN pin becomes high, internal soft-start function
begins ramping up the reference voltage to the PWM comparator.
The TPS56528 contains a unique circuit to prevent current from being pulled from the output during startup if the
output is pre-biased. When the soft-start commands a voltage higher than the pre-bias level (internal soft start
becomes greater than feedback voltage VFB), the controller slowly activates synchronous rectification by starting
the first low side FET gate driver pulses with a narrow on-time. It then increments that on-time on a cycle-by-
cycle basis until it coincides with the time dictated by (1-D), where D is the duty cycle of the converter. This
scheme prevents the initial sinking of the pre-bias output, and ensure that the out voltage (VO) starts and ramps
up smoothly into regulation and the control loop is given time to transition from pre-biased start-up to normal
mode operation.
Copyright © 2013, Texas Instruments Incorporated
7
Product Folder Links :TPS56528


Número de pieza similar - TPS56528

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS56520 TI1-TPS56520 Datasheet
1Mb / 44P
[Old version datasheet]   Synchronous Step-Down Voltage Regulator with Voltage Scaling
TPS565201 TI1-TPS565201 Datasheet
3Mb / 25P
[Old version datasheet]   4.5-V to 17-V Input, 5-A Synchronous Step-Down Voltage Regulator
TPS565201DDCR TI1-TPS565201DDCR Datasheet
3Mb / 25P
[Old version datasheet]   4.5-V to 17-V Input, 5-A Synchronous Step-Down Voltage Regulator
TPS565201DDCT TI1-TPS565201DDCT Datasheet
3Mb / 25P
[Old version datasheet]   4.5-V to 17-V Input, 5-A Synchronous Step-Down Voltage Regulator
TPS565208 TI1-TPS565208 Datasheet
2Mb / 26P
[Old version datasheet]   4.5-V to 17-V Input, 5-A Synchronous Step-Down Voltage Regulator in SOT-23
More results

Descripción similar - TPS56528

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54528 TI1-TPS54528 Datasheet
821Kb / 23P
[Old version datasheet]   4.5V to 18V Input, 5-A Synchronous Step-Down Converter with Eco-Mode?
TPS54526 TI1-TPS54526 Datasheet
970Kb / 28P
[Old version datasheet]   4.5V to 18V Input, 5.5-A Synchronous Step-Down Converter with Eco-Mode?
TPS54329E TI1-TPS54329E Datasheet
791Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-Mode?
TPS54229E TI1-TPS54229E Datasheet
816Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-Mode?
TPS56628 TI-TPS56628_15 Datasheet
1,019Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter with Eco-mode?
TPS54228 TI-TPS54228_15 Datasheet
1Mb / 30P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-mode?
TPS54628 TI-TPS54628 Datasheet
1,006Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter with Eco-mode?
TPS56628 TI1-TPS56628 Datasheet
1Mb / 23P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter with Eco-mode
TPS54329E TI-TPS54329E_15 Datasheet
724Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-Mode?
TPS54326 TI1-TPS54326_16 Datasheet
1Mb / 30P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com