Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS65290BMRHFT Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza TPS65290BMRHFT
Descripción Electrónicos  LOW QUIESCENT CURRENT, MULTI-MODE PMIC FOR BATTERY POWERED
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS65290BMRHFT Datasheet(HTML) 1 Page - Texas Instruments

  TPS65290BMRHFT Datasheet HTML 1Page - Texas Instruments TPS65290BMRHFT Datasheet HTML 2Page - Texas Instruments TPS65290BMRHFT Datasheet HTML 3Page - Texas Instruments TPS65290BMRHFT Datasheet HTML 4Page - Texas Instruments TPS65290BMRHFT Datasheet HTML 5Page - Texas Instruments TPS65290BMRHFT Datasheet HTML 6Page - Texas Instruments TPS65290BMRHFT Datasheet HTML 7Page - Texas Instruments TPS65290BMRHFT Datasheet HTML 8Page - Texas Instruments TPS65290BMRHFT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
Buck boost
VIN
Control options
I2C
SPI
GPIO1,2,3,4
MAX
LDO
PWR_VMAX
PWR_BB1
VMICRO
BB_OUT
PWR_VIN
PWR_BB2
VMAX
PWR_LDO2
PWR_LDO1
Serial Interface
GPIO control
I2C/SPI
EN BB
I2C/SPI
CE
I2C/SPI
I2C/SPI
GPIO3
I2C/SPI
GPIO2
I2C/SPI
GPIO2
I2C/SPI
GPIO3
I2C/SPI
GPIO4
I2C/SPI
I2C/SPI
GPIO1
I2C/SPI
VMAX
I2C/SPI
LDO_IN
LDO_OUT
2.5-3.6
Vin
CHIP_EN*
INT management
INT
Always on
I2C/SPI
Zero Leak Adjustable Bias
TPS65290ZB
Low IQQ ldo
TPS65290LM
Buck Mini
TPS65290BM
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS65290
www.ti.com
SLVSBY5B – APRIL 2013 – REVISED JUNE 2013
LOW QUIESCENT CURRENT, MULTI-MODE PMIC FOR BATTERY POWERED, ENERGY
HARVESTING APPLICATIONS
1
FEATURES
Operating Input Voltage Range: 2.2 V to 5 V
Input Voltage Recovery Comparator With
Selectable Threshold
500-mA Buck-Boost Converter, Stand-Alone
Operation or Serial Bus Controlled
Factory Selectable SPI/I2C Interface
PFM/PWM Operation With Forced PWM Option
-40°C to 85°C Ambient Temperature Range
150 mA LDO
24-Pin RHF (QFN) Package
Stand-Alone or Serial Bus (SPI or I2C)
APPLICATIONS
Controlled
Low Power, Energy Harvesting Systems
Two Power Distribution Switches Powered
from Buck-Boost Output
Battery Powered Applications
One Power Distribution Switch Powered from
the Maximum of Buck Boost or Battery Input
Two Power Distribution Switches Powered
from LDO Output
One Power Switch Powered from Battery Input
One Power Switch to Connect BB Output to
LDO Output and Improve System Efficiency
Automatic Power Max Function Between
Battery Supply and Buck-Boost With Smart
Capabilities to Maximize System Energy
Management
Low Power Always-On Bias Supply for
Microcontroller Sleep Mode With Three
Factory Selectable Options:
10-mA, 100-nA IDDQ Deep Sleep Zero
Leakage Current Bias Controller With Pre-
Set Voltage
10-mA, 400-nA IDDQ LDOMINI
30-mA, 300-nA IDQQ BuckMINI
DESCRIPTION
TPS65290 is a PMIC designed to operate in applications dependent on efficient power management over a wide
range of system load conditions ranging from fractions of a microamp to a few hundred miliamps. The device
operates over a wide 2.2-V to 5-V input-voltage range and incorporates a very low quiescent current always-on
power supply, a 500-mA buck/boost converter, a 150-mA low dropout regulator and 8 power distribution
switches. The always-on supply features three different factory selectable options: 30mA buck converter with
300-nA quiescent current. 10-mA LDO with 400-nA quiescent current and 10-mA Zero IDDQ drop with 100-nA
quiescent current. The buck-boost converter employs PFM/PWM operation with forced PWM option, for
maximum overall efficiency. The switches can be used to support different configurations for the various loads
supported by the TPS65290. For energy harvesting applications, a programmable input voltage monitor is
integrated to allow for connection and disconnection of the different power blocks and switches without the
intervention of the master processor.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - TPS65290BMRHFT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65290BMRHFT TI1-TPS65290BMRHFT Datasheet
4Mb / 56P
[Old version datasheet]   Low-Quiescent-Current, Multi-Mode PMIC
More results

Descripción similar - TPS65290BMRHFT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65290 TI1-TPS65290_14 Datasheet
4Mb / 60P
[Old version datasheet]   LOW QUIESCENT CURRENT, MULTI-MODE PMIC FOR BATTERY POWERED, ENERGY HARVESTING APPLICATIONS
TPS65290 TI1-TPS65290_16 Datasheet
4Mb / 56P
[Old version datasheet]   Low-Quiescent-Current, Multi-Mode PMIC
logo
Rohm
BD71815AGW ROHM-BD71815AGW Datasheet
2Mb / 107P
   System PMIC for Battery Powered Systems
logo
Texas Instruments
TPS652170 TI1-TPS652170 Datasheet
1Mb / 85P
[Old version datasheet]   Programmable PMIC for Battery-Powered Systems
logo
Rohm
BD71805MWV ROHM-BD71805MWV Datasheet
3Mb / 100P
   System PMIC for Battery Powered Systems
logo
Dialog Semiconductor
DA9070 DIALOG-DA9070 Datasheet
2Mb / 130P
   Ultra-Low Quiescent Current PMIC
DA9072 DIALOG-DA9072 Datasheet
2Mb / 113P
   Ultra-Low Quiescent Current PMIC
logo
Renesas Technology Corp
DA9073 RENESAS-DA9073 Datasheet
3Mb / 131P
   Ultra-Low Quiescent Current PMIC
13-Oct-2020
logo
Dialog Semiconductor
DA9073 DIALOG-DA9073 Datasheet
3Mb / 130P
   Ultra-Low Quiescent Current PMIC
logo
Renesas Technology Corp
DA9070 RENESAS-DA9070 Datasheet
3Mb / 133P
   Ultra-Low Quiescent Current PMIC
21-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com