Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS92023 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS92023
Descripción Electrónicos  Resonant-Switching Driver Controller for LED Lighting
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS92023 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS92023 Datasheet HTML 4Page - Texas Instruments TPS92023 Datasheet HTML 5Page - Texas Instruments TPS92023 Datasheet HTML 6Page - Texas Instruments TPS92023 Datasheet HTML 7Page - Texas Instruments TPS92023 Datasheet HTML 8Page - Texas Instruments TPS92023 Datasheet HTML 9Page - Texas Instruments TPS92023 Datasheet HTML 10Page - Texas Instruments TPS92023 Datasheet HTML 11Page - Texas Instruments TPS92023 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
0
15
20
40
Dead Time Resistance (kW)
0
400
600
1000
25
45
100
300
700
900
35
5
200
500
800
10
30
–40 °C
25 °C
125 °C
0
200
300
600
Dead Time Current (mA)
0
400
600
1000
400
700
100
300
700
900
500
100
200
500
800
–40 °C
25 °C
125 °C
6
7
8
9
12
13
Bias Supply Voltage (V)
0
0.2
0.4
0.6
0.8
1.0
10
11
14
0.1
0.3
0.5
0.7
0.9
V
OC = OPEN
0
1.0
2.0
4.0
Timing Resistance Current (mA)
0
150
200
350
3.0
5.0
50
100
250
300
–40 °C
25 °C
125 °C
0.5
1.5
3.5
2.5
4.5
TPS92023
SLUSBH3 – JUNE 2013
www.ti.com
TYPICAL CHARACTERISTICS
At VVCC = 12 V, RRT = 4.7 kΩ, RDT = 16.9 kΩ, VSS = 5 V, VOC = 0 V; all voltages are with respect to GND, TJ = TA
= 25°C, unless otherwise noted.
Figure 1. Bias Supply Current vs. Bias Supply Voltage
Figure 2. Switching Frequency vs. Timing Resistance
Figure 3. Dead Time vs. Dead Time Current
Figure 4. Dead Time vs. Dead Time Resistance
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS92023


Número de pieza similar - TPS92023

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS92020 TI-TPS92020 Datasheet
553Kb / 22P
[Old version datasheet]   Resonant-Switching Driver Controller for LED Lighting
TPS92020D TI-TPS92020D Datasheet
553Kb / 22P
[Old version datasheet]   Resonant-Switching Driver Controller for LED Lighting
TPS92020DR TI-TPS92020DR Datasheet
553Kb / 22P
[Old version datasheet]   Resonant-Switching Driver Controller for LED Lighting
More results

Descripción similar - TPS92023

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS92020 TI-TPS92020 Datasheet
553Kb / 22P
[Old version datasheet]   Resonant-Switching Driver Controller for LED Lighting
logo
NXP Semiconductors
SSL4120 NXP-SSL4120 Datasheet
631Kb / 48P
   Resonant power supply controller IC with PFC for LED lighting
Rev. 1-8 January 2013
logo
ON Semiconductor
NCL30080 ONSEMI-NCL30080_13 Datasheet
257Kb / 26P
   Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
April, 2013 ??Rev. 0
logo
Infineon Technologies A...
ICL5101 INFINEON-ICL5101 Datasheet
1Mb / 44P
   Resonant controller IC with PFC for LED driver
Rev. 1.3, 2016-01-15
ICL5101 INFINEON-ICL5101_15 Datasheet
1Mb / 44P
   Resonant controller IC with PFC for LED driver
Rev. 1.2, 2015-09-23
ICL5101 INFINEON-ICL5101_16 Datasheet
1Mb / 44P
   Resonant controller IC with PFC for LED driver
Rev. 1.3, 2016-01-15
logo
ON Semiconductor
NCL30086 ONSEMI-NCL30086 Datasheet
378Kb / 28P
   Controller for LED Lighting
February, 2015 ??Rev. 2
NCL30081 ONSEMI-NCL30081 Datasheet
310Kb / 23P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
January, 2013 ??Rev. P0
NCL30083 ONSEMI-NCL30083 Datasheet
443Kb / 34P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
February, 2013 ??Rev. P2
NCL30081 ONSEMI-NCL30081_13 Datasheet
309Kb / 31P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
April, 2013 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com