Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS92023 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS92023
Descripción Electrónicos  Resonant-Switching Driver Controller for LED Lighting
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS92023 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS92023 Datasheet HTML 6Page - Texas Instruments TPS92023 Datasheet HTML 7Page - Texas Instruments TPS92023 Datasheet HTML 8Page - Texas Instruments TPS92023 Datasheet HTML 9Page - Texas Instruments TPS92023 Datasheet HTML 10Page - Texas Instruments TPS92023 Datasheet HTML 11Page - Texas Instruments TPS92023 Datasheet HTML 12Page - Texas Instruments TPS92023 Datasheet HTML 13Page - Texas Instruments TPS92023 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
0
20
0
30
10
90
60
100
70
50
50
100
150
300
200
250
350
Switching Frequency (kHz)
40
80
OVP-Off Threshold (VCC Rising)
OVP-On Threshold (VCC Falling)
–60
17.0
16.0
20
17.5
16.5
21.5
20.5
22.0
21.0
20.0
–40 –20
0
40
120
60
80
100
140
Junction Temperature (°C)
19.0
18.0
19.5
18.5
–60
20
–40 –20
0
40
120
60
80
100
140
Junction Temperature (°C)
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
OC Off Threshold (V
OC Rising)
OC On Threshold (V
OC Falling)
OC Latch Threshold (V
OC Rising)
2.4
TPS92023
SLUSBH3 – JUNE 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Figure 9. Overvoltage Threshold vs. Temperature
Figure 10. Overcurrent Threshold Voltage vs. Temperature
Figure 11. On-Time Mismatch vs. Switching Frequency
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS92023


Número de pieza similar - TPS92023

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS92020 TI-TPS92020 Datasheet
553Kb / 22P
[Old version datasheet]   Resonant-Switching Driver Controller for LED Lighting
TPS92020D TI-TPS92020D Datasheet
553Kb / 22P
[Old version datasheet]   Resonant-Switching Driver Controller for LED Lighting
TPS92020DR TI-TPS92020DR Datasheet
553Kb / 22P
[Old version datasheet]   Resonant-Switching Driver Controller for LED Lighting
More results

Descripción similar - TPS92023

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS92020 TI-TPS92020 Datasheet
553Kb / 22P
[Old version datasheet]   Resonant-Switching Driver Controller for LED Lighting
logo
NXP Semiconductors
SSL4120 NXP-SSL4120 Datasheet
631Kb / 48P
   Resonant power supply controller IC with PFC for LED lighting
Rev. 1-8 January 2013
logo
ON Semiconductor
NCL30080 ONSEMI-NCL30080_13 Datasheet
257Kb / 26P
   Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
April, 2013 ??Rev. 0
logo
Infineon Technologies A...
ICL5101 INFINEON-ICL5101 Datasheet
1Mb / 44P
   Resonant controller IC with PFC for LED driver
Rev. 1.3, 2016-01-15
ICL5101 INFINEON-ICL5101_15 Datasheet
1Mb / 44P
   Resonant controller IC with PFC for LED driver
Rev. 1.2, 2015-09-23
ICL5101 INFINEON-ICL5101_16 Datasheet
1Mb / 44P
   Resonant controller IC with PFC for LED driver
Rev. 1.3, 2016-01-15
logo
ON Semiconductor
NCL30086 ONSEMI-NCL30086 Datasheet
378Kb / 28P
   Controller for LED Lighting
February, 2015 ??Rev. 2
NCL30081 ONSEMI-NCL30081 Datasheet
310Kb / 23P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
January, 2013 ??Rev. P0
NCL30083 ONSEMI-NCL30083 Datasheet
443Kb / 34P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
February, 2013 ??Rev. P2
NCL30081 ONSEMI-NCL30081_13 Datasheet
309Kb / 31P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
April, 2013 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com