Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS3831G12DQNR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS3831G12DQNR
Descripción Electrónicos  Ultralow Power, Supply Voltage Supervisor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS3831G12DQNR Datasheet(HTML) 3 Page - Texas Instruments

  TPS3831G12DQNR Datasheet HTML 1Page - Texas Instruments TPS3831G12DQNR Datasheet HTML 2Page - Texas Instruments TPS3831G12DQNR Datasheet HTML 3Page - Texas Instruments TPS3831G12DQNR Datasheet HTML 4Page - Texas Instruments TPS3831G12DQNR Datasheet HTML 5Page - Texas Instruments TPS3831G12DQNR Datasheet HTML 6Page - Texas Instruments TPS3831G12DQNR Datasheet HTML 7Page - Texas Instruments TPS3831G12DQNR Datasheet HTML 8Page - Texas Instruments TPS3831G12DQNR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
TPS3831
TPS3839
www.ti.com
SBVS193B – JUNE 2012 – REVISED APRIL 2013
THERMAL INFORMATION
TPS3831
TPS3839
TPS3839
THERMAL METRIC(1)
UNITS
DBZ (SOT23-3)
DQN (X2SON)
3 PINS
4 PINS
θJA
Junction-to-ambient thermal resistance
286.9
249.9
θJCtop
Junction-to-case (top) thermal resistance
105.6
N/A
θJB
Junction-to-board thermal resistance
123.4
N/A
°C/W
ψJT
Junction-to-top characterization parameter
25.8
6.0
ψJB
Junction-to-board characterization parameter
107.9
N/A
θJCbot
Junction-to-case (bottom) thermal resistance
N/A
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
ELECTRICAL CHARACTERISTICS
At TA = –40°C to +85°C, 0.9 V < VDD < 6.5 V, and C1 = 0.1 µF, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD
Input supply voltage range
0.9
6.5
V
V(VO)
Minimum VDD voltage for valid output
IOL = 1 µA
0.6
V
IDD
Supply current (into VDD pin)
Output not connected
150
500
nA
VDD = 0.9 V to 1.2 V, IOL = 120 µA
0.4
V
VOL
Low-level output voltage (RESET pin)
VDD = 1.2 V to 2.8 V, IOL = 0.5 mA
0.4
V
VDD = 2.8 V to 6.5 V, IOL = 2 mA
0.4
V
VDD = 0.9 V to 1.2 V, IOH = –50 µA
VDD – 0.4
V
VOH
High-level output voltage (RESET pin)
VDD = 1.2 V to 3.3 V, IOH = –0.5 mA
VDD – 0.4
V
VDD = 3.3 V to 6.5 V, IOH = –2 mA
VDD – 0.4
V
VIL
Low-level input voltage (MR pin)
0.3VDD
V
VIH
High-level input voltage (MR pin)
0.7VDD
V
RMR
MR pin pull-up resistance
10
20
30
k
Ω
Negative-going input threshold accuracy TA = +25°C
±1.0%
TPS3839A09
0.874
0.900
0.914
V
TPS3839G12
1.073
1.100
1.117
V
TPS3839E16
1.482
1.520
1.543
V
TPS3839G18
1.628
1.670
1.695
V
VIT–
Negative-going threshold voltage
TPS3839L30
2.564
2.630
2.669
V
TPS3839K33
2.857
2.930
2.974
V
TPS3839G33
3.003
3.080
3.126
V
TPS3839K50
4.271
4.380
4.446
V
TPS3839A09
54
mV
TPS3839G12
11
mV
TPS3839E16
15
mV
TPS3839G18
17
mV
Vhys
Hysteresis voltage
TPS3839L30
26
mV
TPS3839K33
29
mV
TPS3839G33
31
mV
TPS3839K50
44
mV
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS3831 TPS3839


Número de pieza similar - TPS3831G12DQNR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3831G12DQNR TI1-TPS3831G12DQNR Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Power, Supply Voltage Monitor
More results

Descripción similar - TPS3831G12DQNR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TL7700 TI1-TL7700_16 Datasheet
1Mb / 23P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TPS3831 TI1-TPS3831_16 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Power, Supply Voltage Monitor
logo
Toshiba Semiconductor
TA8505P TOSHIBA-TA8505P Datasheet
213Kb / 6P
   SUPPLY VOLTAGE SUPERVISOR
logo
Texas Instruments
TL7700 TI-TL7700_06 Datasheet
266Kb / 15P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7700 TI-TL7700 Datasheet
144Kb / 11P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7702 TI-TL7702 Datasheet
340Kb / 17P
[Old version datasheet]   Supply voltage Supervisor
1633903 TI-1633903 Datasheet
774Kb / 22P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7700 TI-TL7700_07 Datasheet
400Kb / 17P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TPS3839A09 TI1-TPS3839A09 Datasheet
227Kb / 11P
[Old version datasheet]   Ultra-Low Power, Supply Voltage Supervisor
logo
ON Semiconductor
ASM1834 ONSEMI-ASM1834 Datasheet
176Kb / 11P
   Power Supply Supervisor
August, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com