Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS3831K50DQNT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS3831K50DQNT
Descripción Electrónicos  Ultralow Power, Supply Voltage Supervisor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS3831K50DQNT Datasheet(HTML) 5 Page - Texas Instruments

  TPS3831K50DQNT Datasheet HTML 1Page - Texas Instruments TPS3831K50DQNT Datasheet HTML 2Page - Texas Instruments TPS3831K50DQNT Datasheet HTML 3Page - Texas Instruments TPS3831K50DQNT Datasheet HTML 4Page - Texas Instruments TPS3831K50DQNT Datasheet HTML 5Page - Texas Instruments TPS3831K50DQNT Datasheet HTML 6Page - Texas Instruments TPS3831K50DQNT Datasheet HTML 7Page - Texas Instruments TPS3831K50DQNT Datasheet HTML 8Page - Texas Instruments TPS3831K50DQNT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
GND
RESET
1
2
3
VDD
VDD
GND
RESET
NC
1
2
3
4
Thermal
Pad
VDD
GND
RESET
MR
1
2
3
4
Thermal
Pad
TPS3831
TPS3839
www.ti.com
SBVS193B – JUNE 2012 – REVISED APRIL 2013
PIN CONFIGURATIONS
TPS3831 DQN PACKAGE
TPS3839 DQN PACKAGE
1-mm × 1-mm X2SON
1-mm × 1-mm X2SON
(TOP VIEW)
(TOP VIEW)
TPS3839 DBZ PACKAGE
SOT23-3
(TOP VIEW)
PIN ASSIGNMENTS
PIN NUMBER
NAME
TPS3839DBZ
TPS3839DQN
TPS3831DQN
DESCRIPTION
GND
1
3
3
Ground
Manual reset. Pull this pin to a logic low to assert the RESET
MR
N/A
N/A
2
output. After the MR pin is deasserted, the RESET output
deasserts after the reset delay (td) elapses.
NC
N/A
2
N/A
No internal connection.
Active-low reset output. RESET has a push-pull output drive and is
capable of directly driving input pins. RESET is low as long as VDD
RESET
2
1
1
remains below the factory threshold voltage, and until the delay
time (tD) elapses after VDD rises above the threshold voltage.
Thermal pad
N/A
Available
Available
Connect to ground or floating copper plane for mechanical stability.
VDD
3
4
4
Supply voltage
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS3831 TPS3839


Número de pieza similar - TPS3831K50DQNT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3831K50DQNT TI1-TPS3831K50DQNT Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Power, Supply Voltage Monitor
More results

Descripción similar - TPS3831K50DQNT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TL7700 TI1-TL7700_16 Datasheet
1Mb / 23P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TPS3831 TI1-TPS3831_16 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Power, Supply Voltage Monitor
logo
Toshiba Semiconductor
TA8505P TOSHIBA-TA8505P Datasheet
213Kb / 6P
   SUPPLY VOLTAGE SUPERVISOR
logo
Texas Instruments
TL7700 TI-TL7700_06 Datasheet
266Kb / 15P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7700 TI-TL7700 Datasheet
144Kb / 11P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7702 TI-TL7702 Datasheet
340Kb / 17P
[Old version datasheet]   Supply voltage Supervisor
1633903 TI-1633903 Datasheet
774Kb / 22P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7700 TI-TL7700_07 Datasheet
400Kb / 17P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TPS3839A09 TI1-TPS3839A09 Datasheet
227Kb / 11P
[Old version datasheet]   Ultra-Low Power, Supply Voltage Supervisor
logo
ON Semiconductor
ASM1834 ONSEMI-ASM1834 Datasheet
176Kb / 11P
   Power Supply Supervisor
August, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com