Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC_PRE Datasheet(PDF) 6 Page - Vishay Siliconix

No. de pieza MC_PRE
Descripción Electrónicos  Precision Thin Film Chip Resistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MC_PRE Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button MC_PRE Datasheet HTML 2Page - Vishay Siliconix MC_PRE Datasheet HTML 3Page - Vishay Siliconix MC_PRE Datasheet HTML 4Page - Vishay Siliconix MC_PRE Datasheet HTML 5Page - Vishay Siliconix MC_PRE Datasheet HTML 6Page - Vishay Siliconix MC_PRE Datasheet HTML 7Page - Vishay Siliconix MC_PRE Datasheet HTML 8Page - Vishay Siliconix MC_PRE Datasheet HTML 9Page - Vishay Siliconix MC_PRE Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MCS 0402, MCT 0603, MCU 0805, MCA 1206 - Precision
www.vishay.com
Vishay Beyschlag
Revision: 16-Jan-13
6
Document Number: 28700
For technical questions, contact: thinfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TESTS AND REQUIREMENTS
All tests are carried out in accordance with the following
specifications:
EN 60115-1, generic specification (includes tests)
EN 140400, sectional specification (includes schedule for
qualification approval)
EN 140401-801, detail specification (includes schedule for
conformance inspection)
The components are approved in accordance with the
European CECC-system, where applicable. The following
table contains only the most important tests. For the full test
schedule refer to the documents listed above. The testing
also covers most of the requirements specified by
EIA/IS-703 and JIS-C-5202.
The tests are carried out in accordance with IEC 60068 and
under standard atmospheric conditions in accordance with
IEC 60068-1, 5.3. Climatic category LCT/UCT/56 (rated
temperature range: Lower Category Temperature, Upper
Category Temperature; damp heat, long term, 56 days) is
valid.
Unless otherwise specified the following values apply:
Temperature: 15 °C to 35 °C
Relative humidity: 45 % to 75 %
Air pressure: 86 kPa to 106 kPa (860 mbar to 1060 mbar).
The components are mounted for testing on boards in
accordance with EN 60115-1, 4.31 unless otherwise
specified.
The parameters stated in the Test Procedures and
Requirements table are based on the required tests and
permitted limits of EN 140401-801. However, some
additional tests and a number of improvements against
those minimum requirements have been included.
TEST PROCEDURES AND REQUIREMENTS
EN
60115-1
CLAUSE
IEC
60068-2
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
PERMISSIBLE CHANGE (
R)
STABILITY CLASS 0.1
STABILITY CLASS 0.25
Stability for product types:
MCS 0402
100
 to 10 k
> 10 k
to 221 k
MCT 0603
100
 to 10 k
39
 to < 100 ;
> 10 k
 to 511 k
MCU 0805
100
 to 47.5 k
39
 to < 100 ;
> 47.5 k
 to 1.5 M
MCA 1206
47
 to 332 k
39
 to < 47 ;
> 332 k
 to 2 M
4.5
-
Resistance
-
± 0.1 % R; ±
0.25 % R
4.8.4.2
-
Temperature
coefficient
At (20/- 10/20) °C and
(20/85/20) °C
± 25 ppm/K; ± 15 ppm/K;
± 10 ppm/K
-
At (20/- 55/20) °C and
(20/125/20) °C
-
± 25 ppm/K; ± 15 ppm/K;
± 10 ppm/K
4.25.1
-
Endurance
at 70 °C:
Precision
operation mode
U =
or U = Umax.;
whichever is the less
severe;
1.5 h on; 0.5 h off;
70 °C; 1000 h
± (0.1 % R + 0.02
) (1)
70 °C; 8000 h
±
(0.2 % R + 0.02 ) (1)
Endurance
at 70 °C:
Standard
operation mode
U =
or U = Umax.;
whichever is the less
severe;
1.5 h on; 0.5 h off;
70 °C; 1000 h
± (0.2 % R + 0.02
) (1)
70 °C; 8000 h
±
(0.4 % R + 0.05 ) (1)
P
70 x R
P
70 x R


Número de pieza similar - MC_PRE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
MCFPR35V337M10X16 ETC2-MCFPR35V337M10X16 Datasheet
51Kb / 6P
   General Purpose Radial Capacitors
MCFPR35V476M6.3X11 ETC2-MCFPR35V476M6.3X11 Datasheet
51Kb / 6P
   General Purpose Radial Capacitors
MCFPR35V477M10X21 ETC2-MCFPR35V477M10X21 Datasheet
51Kb / 6P
   General Purpose Radial Capacitors
logo
NXP Semiconductors
MCGPR100V227M16X26 NXP-MCGPR100V227M16X26 Datasheet
294Kb / 8P
   RF Power GaN Transistor
MCGPR100V227M16X26 NXP-MCGPR100V227M16X26 Datasheet
379Kb / 9P
   RF Power GaN Transistor
More results

Descripción similar - MC_PRE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bourns Electronic Solut...
CRT0603-CV-1003ELF BOURNS-CRT0603-CV-1003ELF Datasheet
425Kb / 4P
   Thin Film Precision Chip Resistors
logo
TT Electronics.
PFC-W0603LF-03 TTELEC-PFC-W0603LF-03 Datasheet
714Kb / 3P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MCS0402AT VISHAY-MCS0402AT_V01 Datasheet
150Kb / 10P
   Precision Thin Film Chip Resistors
01-Jan-2022
logo
Bourns Electronic Solut...
CRT BOURNS-CRT Datasheet
390Kb / 3P
   Thin Film Precision Chip Resistors
logo
IRC - a TT electronics ...
PFC-W0402R-01-1001 IRCTT-PFC-W0402R-01-1001 Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
logo
MERITEK ELECTRONICS COR...
RN73 MERITEK-RN73 Datasheet
424Kb / 5P
   Precision Thin Film Chip Resistors
logo
TT Electronics.
PFC-W0805LF-03 TTELEC-PFC-W0805LF-03 Datasheet
714Kb / 3P
   Precision Thin Film Chip Resistors
PFC-W1206LF-03 TTELEC-PFC-W1206LF-03 Datasheet
714Kb / 3P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MCS-0402-AT VISHAY-MCS-0402-AT Datasheet
151Kb / 10P
   Precision Thin Film Chip Resistors
Revision: 21-Feb-17
logo
List of Unclassifed Man...
PFC-W1206LF-03-1001-B ETC-PFC-W1206LF-03-1001-B Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com