Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC2932 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza DAC2932
Descripción Electrónicos  Dual, 12-Bit, 40MSPS Current Output DAC, Four 12-bit Voltage Output DAC-for Tranamit Control
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

DAC2932 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DAC2932 Datasheet HTML 7Page - Texas Instruments DAC2932 Datasheet HTML 8Page - Texas Instruments DAC2932 Datasheet HTML 9Page - Texas Instruments DAC2932 Datasheet HTML 10Page - Texas Instruments DAC2932 Datasheet HTML 11Page - Texas Instruments DAC2932 Datasheet HTML 12Page - Texas Instruments DAC2932 Datasheet HTML 13Page - Texas Instruments DAC2932 Datasheet HTML 14Page - Texas Instruments DAC2932 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
DAC2932
SBAS279D − AUGUST 2003 − REVISED JULY 2005
www.ti.com
11
TYPICAL CHARACTERISTICS (continued)
TA = +25°C, +VA = +VAV = +3V, +VD = +VDV = +3V, IOUTFS = 2mA, differential transformer-coupled output (n = 4:1), RL = 400Ω on I-DAC,
RL = 2kΩ on V-DAC, and GSET = H unless otherwise noted.
Figure 9
80
75
70
65
60
55
50
0
2
4
6
8
10
12
16
14
18
20
fOUT (MHz)
SFDR vs IOUT FS AND fOUT AT 40MSPS, 0dBFS
1.5mA
0.5mA
1mA
2mA
Figure 10
SFDR vs TEMPERATURE
−40
80
75
70
65
60
55
50
−30
70
−20
40
60
50
80 85
−10 0 10 20 30
Temperature (
_C)
2.2MHz, 40MSPS
1MHz, 20MSPS
10MHz, 40MSPS
19.9MHz, 40MSPS
Figure 11
TOTAL HARMONIC DISTORTION vs
fCLK AT fOUT =2.2MHZ
5
−60
−65
−70
−75
−80
40
35
30
25
20
15
10
fCLK (MSPS)
Figure 12
TOTAL HARMONIC DISTORTION vs TEMPERATURE
fOUT = 1MHz at 20MSPS
−40
−50
−55
−60
−65
−70
−75
−80
−85
−90
−30
70
−20
40
60
50
80 85
−10 0 10 20 30
Temperature (
_C)
Figure 13
1.223
1.222
1.221
1.220
1.219
1.218
1.217
1.216
1.215
−40
−20
0
20
40
60
80 85
Temperature (
_C)
REFERENCE VOLTAGE vs TEMPERATURE
Figure 14
1.2201
1.2200
1.2199
2.72.8
2.93.0
3.13.2
3.3
Supply Voltage (V)
REFERENCE VOLTAGE vs SUPPLY VOLTAGE


Número de pieza similar - DAC2932

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
DAC2932 BURR-BROWN-DAC2932 Datasheet
343Kb / 24P
   DUAL 12-BIT 40MSPS DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
DAC2932 TI1-DAC2932 Datasheet
829Kb / 29P
[Old version datasheet]   Dual, 12-Bit, 40MSPS Digital-to-analog Converter
logo
Burr-Brown (TI)
DAC2932PFBR BURR-BROWN-DAC2932PFBR Datasheet
343Kb / 24P
   DUAL 12-BIT 40MSPS DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
DAC2932PFBR TI1-DAC2932PFBR Datasheet
829Kb / 29P
[Old version datasheet]   Dual, 12-Bit, 40MSPS Digital-to-analog Converter
DAC2932PFBRG4 TI1-DAC2932PFBRG4 Datasheet
829Kb / 29P
[Old version datasheet]   Dual, 12-Bit, 40MSPS Digital-to-analog Converter
More results

Descripción similar - DAC2932

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wolfson Microelectronic...
WM2618 WOLFSON-WM2618 Datasheet
125Kb / 10P
   Dual 12-Bit Serial Input Voltage Output DAC
logo
Maxim Integrated Produc...
MAX5322 MAXIM-MAX5322 Datasheet
692Kb / 18P
   짹10V, Dual, 12-Bit, Serial, Voltage-Output DAC
Rev 2; 10/05
logo
Wolfson Microelectronic...
WM2616 WOLFSON-WM2616 Datasheet
132Kb / 9P
   12-bit Serial Input Voltage Output DAC
WM2619 WOLFSON-WM2619 Datasheet
124Kb / 9P
   12-bit Parallel Input Voltage Output DAC
logo
Analog Devices
DAC8420 AD-DAC8420 Datasheet
587Kb / 16P
   Quad 12-Bit Serial Voltage Output DAC
REV. 0
DAC8420 AD-DAC8420_16 Datasheet
511Kb / 23P
   Quad 12-Bit Serial Voltage Output DAC
logo
Maxim Integrated Produc...
MAX5312 MAXIM-MAX5312 Datasheet
1Mb / 19P
   -10V, 12-Bit, Serial, Voltage-Output DAC
Rev 0; 12/03
logo
Analog Devices
DAC8420 AD-DAC8420_07 Datasheet
1Mb / 24P
   Quad 12-Bit Serial Voltage Output DAC
REV. B
AD5512A AD-AD5512A Datasheet
503Kb / 21P
   Serial-Input Voltage-Output, 12-/16-Bit DAC
AD8522 AD-AD8522_15 Datasheet
244Kb / 8P
   Dual 12-Bit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com