Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5349B Datasheet(PDF) 2 Page - Micro Commercial Components

No. de pieza 1N5349B
Descripción Electrónicos  5 Watt Zener Diode 5.1 to 51 Volts Epoxy meets UL 94 V-0 flammability rating
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MCC [Micro Commercial Components]
Página de inicio  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1N5349B Datasheet(HTML) 2 Page - Micro Commercial Components

  1N5349B Datasheet HTML 1Page - Micro Commercial Components 1N5349B Datasheet HTML 2Page - Micro Commercial Components 1N5349B Datasheet HTML 3Page - Micro Commercial Components 1N5349B Datasheet HTML 4Page - Micro Commercial Components 1N5349B Datasheet HTML 5Page - Micro Commercial Components 1N5349B Datasheet HTML 6Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1N5338B THRU 1N5369B
ELECTRICAL CHARACTERISTICS (TA=25
unless otherwise noted, VF=1.2 Max @ IF=1A for all types).
NOTE:
1. TOLERANCE AND VOLTAGE DESIGNATION - The JEDEC type numbers shown indicate a tolerance of+/-10% with
guaranteed limits on only Vz, IR,Ir, and VF as shown in the electrical characteristics table. Units with guaranteed limits
on all seven parameters are indicated by suffix “B” for+/-5% tolerance.
2. ZENER VOLTAGE (Vz) AND IMPEDANCE (ZZT &ZZK) - Test conditions for Zener voltage and impedance are as
follows; Iz is applied 40+/-10 ms prior to reading. Mounting contacts are located from the inside edge of mounting
clips to the body of the diode(Ta=25
)
MCC PART
NUMBER
REGULATOR
VOLTAGE
VZ
TEST
CURRENT
IZT
MAXIMUM
DYNAMIC
IMPEDANCE
ZZk (@IZT)
MAXIMUM
REVERSE
CURRENT
IR
TEST
VOLTAGE
VR
MAXIMUM
REGULATOR
CURRENT
IZM
MAXIMUM
DYNAMIC
KNEE
IMPEDANCE
ZZK@ 1.0mA
MAXIMUM
SURGE
CURRENT
Ir
MAXIMUM
VOLTAGE
REGULATION
VOLTS
mA
OHMS
A
VOLTS
mA
ohms
A
VOLTS
1N5339B
5.6
220
1.0
1.0
2.0
865
400
13.4
0.25
1N5340B
6.0
200
1.0
1.0
3.0
790
300
12.7
0.19
1N5341B
6.2
200
1.0
1.0
3.0
765
200
12.4
0.10
1N5342B
6.8
175
1.0
10
5.2
700
200
11.5
0.15
1N5343B
7.5
175
1.5
10
5.7
630
200
10.7
0.15
1N5344B
8.2
150
1.5
10
6.2
580
200
10
0.20
1N5345B
8.7
150
2.0
10
6.6
545
200
9.5
0.20
1N5346B
9.1
150
2.0
7.5
6.9
520
150
9.2
0.22
1N5347B
10
125
2.0
5.0
7.6
475
125
8.6
0.22
1N5348B
11
125
2.5
5.0
8.4
430
125
8.0
0.25
1N5349B
12
100
2.5
2.0
9.1
395
125
7.5
0.25
1N5350B
13
100
2.5
1.0
9.9
365
100
7.0
0.25
1N5351B
14
100
2.5
1.0
10.6
340
75
6.7
0.25
1N5352B
15
75
2.5
1.0
11.5
315
75
6.3
0.25
1N5353B
16
75
2.5
1.0
12.2
295
75
6.0
0.30
1N5354B
17
70
2.5
0.5
12.9
280
75
5.8
0.35
1N5355B
18
65
2.5
0.5
13.7
264
75
5.5
0.40
1N5356B
19
65
3.0
0.5
14.4
250
75
5.3
.040
1N5357B
20
65
3.0
0.5
15.2
237
75
5.1
.040
1N5358B
22
50
3.5
0.5
16.7
216
75
4.7
0.45
1N5359B
24
50
3.5
0.5
18.2
198
100
4.4
0.55
1N5360B
25
50
4.0
0.5
19
190
110
4.3
0.55
1N5361B
27
50
5.0
0.5
20.6
176
120
4.1
0.60
1N5362B
28
50
6.0
0.5
21.2
170
130
3.9
0.60
1N5363B
30
40
8.0
0.5
22.8
158
140
3.7
0.60
1N5364B
33
40
10
0.5
25.1
144
150
3.5
0.60
1N5365B
36
30
11
0.5
27.4
132
160
3.3
0.65
1N5366B
39
30
14
0.5
29.7
122
170
3.1
0.65
1N5367B
43
30
20
0.5
32.7
110
190
2.8
0.70
1N5368B
47
25
25
0.5
35.8
100
210
2.7
0.80
1N5369B
51
25
27
0.5
38.8
93
230
2.5
0.90
C
C
(Note2)
(Note2)
(Note2)
(Note3)
(Note5)
(Note4)
MC C
1N5338B5.1
2401.5
1.0
1.0
930
400
14.4
0.39
Revision: A
2011/01/01
www.mccsemi.com
2 of 6
Micro Commercial Components
TM


Número de pieza similar - 1N5349B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
1N5349B MICROSEMI-1N5349B Datasheet
157Kb / 3P
   Silicon 5 Watt Zener Diodes
logo
Motorola, Inc
1N5349B MOTOROLA-1N5349B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
ON Semiconductor
1N5349B ONSEMI-1N5349B Datasheet
135Kb / 7P
   5 Watt Surmetic 40 Zener Voltage Regulators
November, 2013 ??Rev. 15
logo
Semikron International
1N5349B SEMIKRON-1N5349B Datasheet
51Kb / 2P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
1N5349B EIC-1N5349B Datasheet
59Kb / 3P
   SILICON ZENER DIODES
More results

Descripción similar - 1N5349B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
RB521S-30-TP ETC2-RB521S-30-TP Datasheet
268Kb / 3P
   Epoxy meets UL 94 V-0 flammability rating
logo
Micro Commercial Compon...
SK52AFL MCC-SK52AFL Datasheet
637Kb / 3P
   Epoxy meets UL 94 V-0 flammability rating
UF4007-TP MCC-UF4007-TP Datasheet
259Kb / 3P
   Epoxy meets UL 94 V-0 flammability rating
1N4004W MCC-1N4004W Datasheet
479Kb / 3P
   Epoxy meets UL 94 V-0 flammability rating
logo
Shanghai Leiditech Elec...
BC846 LEIDITECH-BC846 Datasheet
595Kb / 5P
   Epoxy meets UL-94 V-0 flammability rating
ES2A LEIDITECH-ES2A Datasheet
512Kb / 3P
   Epoxy meets UL 94 V-0 flammability rating
logo
Micro Commercial Compon...
1N5339B-TP MCC-1N5339B-TP Datasheet
333Kb / 6P
   5 Watt Zener Diode 5.1 to 51 Volts
DL5918B MCC-DL5918B Datasheet
219Kb / 3P
   1.5 Watt Zener Diode 5.1 to 51 Volts
logo
Marathon Special Produc...
R6T30AXS MARATHON-R6T30AXS Datasheet
481Kb / 3P
   Flammability rating of insulator base: UL 94 V-0
REV-D 05/30/2019
135X706 MARATHON-135X706 Datasheet
273Kb / 4P
   Flammability rating of insulator base: UL 94 V-0
REV-E 11/25/2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com