Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM317L-N Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM317L-N
Descripción Electrónicos  The LM317L-N is an adjustable 3-terminal positive voltage regulator capable of supplying 100mA over a 1.2V to 37V output range.
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM317L-N Datasheet(HTML) 2 Page - Texas Instruments

  LM317L-N Datasheet HTML 1Page - Texas Instruments LM317L-N Datasheet HTML 2Page - Texas Instruments LM317L-N Datasheet HTML 3Page - Texas Instruments LM317L-N Datasheet HTML 4Page - Texas Instruments LM317L-N Datasheet HTML 5Page - Texas Instruments LM317L-N Datasheet HTML 6Page - Texas Instruments LM317L-N Datasheet HTML 7Page - Texas Instruments LM317L-N Datasheet HTML 8Page - Texas Instruments LM317L-N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
LM317L-N
SNVS775J – MARCH 2000 – REVISED MARCH 2013
www.ti.com
*NC = Not Internally connected.
Figure 3. 6-DSBGA - Top View
Figure 4. DSBGA Laser Mark
(Bump Side Down)
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Rating
(1) (2)
Power Dissipation
Internally Limited
Input-Output Voltage Differential
40V
Operating Junction Temperature Range
−40°C to +125°C
Storage Temperature
−55°C to +150°C
Lead Temperature (Soldering, 4 seconds)
260°C
Output is Short Circuit Protected
Human Body Mode(3)
2kV
ESD Susceptibility
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
The human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin.
2
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM317L-N


Número de pieza similar - LM317L-N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM317L-N TI1-LM317L-N Datasheet
435Kb / 22P
[Old version datasheet]   LM317L 3-Terminal Adjustable Regulator
LM317L-N TI1-LM317L-N Datasheet
2Mb / 37P
[Old version datasheet]   3-Terminal Adjustable Regulator
LM317L-N TI1-LM317L-N_16 Datasheet
2Mb / 37P
[Old version datasheet]   3-Terminal Adjustable Regulator
More results

Descripción similar - LM317L-N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NTE Electronics
NTE1911 NTE-NTE1911 Datasheet
26Kb / 2P
   3 Terminal Adjustable Negative Voltage Regulator -1.2V to -37V, 1.5A
NTE1901 NTE-NTE1901 Datasheet
24Kb / 3P
   Integrated Circuit Negative Adjustable Voltage Regulator, -1.2V to -37V, 100mA
logo
E-Tech Electronics LTD
LM317A ETL-LM317A Datasheet
254Kb / 5P
   MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
Unisonic Technologies
LM317A UTC-LM317A_V01 Datasheet
301Kb / 6P
   MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
LM317M UTC-LM317M_10 Datasheet
251Kb / 5P
   MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
Texas Instruments
LM317L-N TI1-LM317L-N Datasheet
435Kb / 22P
[Old version datasheet]   LM317L 3-Terminal Adjustable Regulator
logo
NTE Electronics
NTE1929 NTE-NTE1929 Datasheet
26Kb / 2P
   3 Terminal Adjustable Positive Voltage Regulator 1.2V to 33V, 3A
logo
Unisonic Technologies
LM317M UTC-LM317M_V01 Datasheet
299Kb / 5P
   MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
Texas Instruments
LM2596T-5.0 TI-LM2596T-5.0 Datasheet
4Mb / 42P
[Old version datasheet]   Adjustable Version Output Voltage Range, 1.2V to 37V 짹4% Max Over Line and Load Conditions
logo
Unisonic Technologies
LM317M UTC-LM317M_11 Datasheet
254Kb / 5P
   MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com