Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS1W-MCH71 Datasheet(PDF) 1 Page - Omron Electronics LLC

No. de pieza CS1W-MCH71
Descripción Electrónicos  Improve Equipment Design Efficiency and Shorten Tact Time
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OMRON [Omron Electronics LLC]
Página de inicio  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-MCH71 Datasheet(HTML) 1 Page - Omron Electronics LLC

  CS1W-MCH71 Datasheet HTML 1Page - Omron Electronics LLC CS1W-MCH71 Datasheet HTML 2Page - Omron Electronics LLC CS1W-MCH71 Datasheet HTML 3Page - Omron Electronics LLC CS1W-MCH71 Datasheet HTML 4Page - Omron Electronics LLC CS1W-MCH71 Datasheet HTML 5Page - Omron Electronics LLC CS1W-MCH71 Datasheet HTML 6Page - Omron Electronics LLC CS1W-MCH71 Datasheet HTML 7Page - Omron Electronics LLC CS1W-MCH71 Datasheet HTML 8Page - Omron Electronics LLC CS1W-MCH71 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
CSM_CJ1W-MCH71_DS_E_4_1
1
CJ-series Motion Control Unit with MECHATROLINK-II interface
CJ1W-MCH71
Improve Equipment Design Efficiency and
Shorten Tact Time
• Control Servos for up to 16 axes in a motion network with one
Position Control Unit that supports MECHATROLINK-II *
* MECHATROLINK-II is a registered trademark of the MECHATROLINK Members
Association.
Features
• High-precision motion control with less wiring using MECHATROLINK-II Servo communications with superior concurrency.
• Many synchronization and axis control commands are supported to aid existing synchronized control applications and improve motion control
tact time.
• Program control commands (such as branching commands) and various arithmetic operations are supported for maximum motion programming
efficiency.
System Configuration
Note: OMNUC G5 series and G series cannot be connected with CJ1W-MCH71.
CJ1W-MCH71
Programmable Terminals
NS-series
Motion Control Unit
CJ1W-MCH71
Programmable Controller
CJ-series
30 axes max., overall cable length:50m
50m max.
Sensors
(limit inputs, origin
proximity inputs, etc.)
30 axes max.
Connect a JEPMC-W6022 Terminator to the device
at the end of the MECHATROLINK-II network.
Support Tool
CX-Motion-MCH
OMNUC W series
AC Servo Drives with
Built-in MECHATROLINK-II
Communications
(R88D-WN
-ML2)
AC Servo motor(R88M-W)
SMARTSTEP Junior
AC Servo Drives with
Built-in MECHATROLINK-II
Communications
(R7D-ZN
-ML2)
AC Servo motor(R7M-Z)
OMNUC W series
AC Servo Drive with
General-purpose Pulse
or Analog inputs
(R88D-WT)
MECHATROLINK-II
Interface Unit
(FNY-NS115)
AC Servo motor
(R88M-G)


Número de pieza similar - CS1W-MCH71

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Omron Electronics LLC
CS1W-MCH71 OMRON-CS1W-MCH71 Datasheet
8Mb / 70P
   Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
More results

Descripción similar - CS1W-MCH71

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
AN-973 IRF-AN-973 Datasheet
342Kb / 7P
   HEXFETs Improve Efficiency
logo
NXP Semiconductors
AN10829 PHILIPS-AN10829_15 Datasheet
514Kb / 22P
   SSL2101 dimmable high efficiency flyback design
Rev. 3-22 June 2011
logo
Astrodyne Corporation
WSA430 ASTRODYNE-WSA430 Datasheet
275Kb / 2P
   HIGH EFFICIENCY, COMPACT DESIGN SWITCHMODE TECHNOLOGY
WSA533 ASTRODYNE-WSA533 Datasheet
275Kb / 2P
   HIGH EFFICIENCY, COMPACT DESIGN SWITCHMODE TECHNOLOGY
logo
Littelfuse
250R080 LITTELFUSE-250R080 Datasheet
619Kb / 7P
   Fast time - to - trip Access equipment Lan/Wan equipment
logo
List of Unclassifed Man...
ISIS ETC2-ISIS Datasheet
485Kb / 2P
   x86 compatible, fanless design High performance and efficiency Comprehensive expansion capabilities
logo
Delta Electronics, Inc.
DPS-150AB-15 DELTA-DPS-150AB-15 Datasheet
667Kb / 2P
   Active PFC design, which can improve the performance on ripple noise and also be benefit for saving energy.
logo
Hotchip Technology Co.,...
HT2269 HOTCHIP-HT2269 Datasheet
1Mb / 13P
   Extended Burst Mode Control For Improved Efficiency and Minimum Standby Power Design
logo
Axiomtek Co., Ltd.
RBOX100 AXIOMTEK-RBOX100 Datasheet
357Kb / 2P
   Fanless and cableless design
logo
KODENSHI_AUK CORP.
PIC-A1804 KODENSHI-PIC-A1804 Datasheet
1Mb / 3P
   Compact and lightweight design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com