Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS1W-CN223 Datasheet(PDF) 9 Page - Omron Electronics LLC

No. de pieza CS1W-CN223
Descripción Electrónicos  CPU Selection
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OMRON [Omron Electronics LLC]
Página de inicio  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-CN223 Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button CS1W-CN223 Datasheet HTML 5Page - Omron Electronics LLC CS1W-CN223 Datasheet HTML 6Page - Omron Electronics LLC CS1W-CN223 Datasheet HTML 7Page - Omron Electronics LLC CS1W-CN223 Datasheet HTML 8Page - Omron Electronics LLC CS1W-CN223 Datasheet HTML 9Page - Omron Electronics LLC CS1W-CN223 Datasheet HTML 10Page - Omron Electronics LLC CS1W-CN223 Datasheet HTML 11Page - Omron Electronics LLC CS1W-CN223 Datasheet HTML 12Page - Omron Electronics LLC CS1W-CN223 Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
CJ1 Ordering Guide
B-126 Programmable Controller
CJ1
DeviceNet
DeviceNet Slaves (continued)
Item
Description/Specifications
Standards
Part number
Remote I/O Terminals with Transistors
d C
t
32 input points (NPN with + common)
CE
DRT1-ID32ML
/
and Connectors
32 input points (PNP with -- common)
DRT1-ID32ML-1
32 output points (NPN with -- common)
DRT1-OD32ML
32 output points (PNP with + common)
DRT1-OD32ML-1
32 input points (NPN with -- common)
32 output points (NPN with -- common)
DRT1-MD32ML
32 input points (PNP with + common)
32 output points (PNP with + common)
DRT1-MD32ML-1
Mounting Bracket B
---
SRT2-ATT02
Remote Adapters
16 input points (NPN with + common), prewired
connector
U, C, CE
DRT1-ID16X
16 input points (PNP with -- common), prewired
connector
DRT1-ID16X-1
16 output points (NPN with -- common), prewired
connector
DRT1-OD16X
16 output points (PNP with + common), prewired
connector
DRT1-OD16X-1
Flat Cable
Connectors with MIL
Straight DIP pins
XG4A-2031
Connectors with MIL
Plugs
L-shaped DIP pins
XG4A-2034
DeviceNet Fiber Amplifier Sensor
Communication Module
Connects to up to 16 Fiber Amplifier Modules for the
E3X-DA-N
E3X-DRT21
Fiber Amplifier Module
E3X-DA6-P
(Order the Fiber
Amplifier Module and
Reduced-wiring
Connector together.)
Reduced-wiring Connector
E3X-CN02
(Order the Fiber
Amplifier Module and
Reduced-wiring
Connector together.)
Terminal Unit
E39-TM1
Sensor Terminals
(f
2
i
S
)
8 sensor I/O points (NPN), 2 inputs per Sensor
DRT1-HD16S
(for 2-wire Senors)
8 sensor I/O points (PNP)
DRT1-ND16S
Cable Connectors
0.3 to 0.5 mm2
XS8A-0441
(Each package
contains 10
Connectors. Always
order in multiples
of 10.)
0.14 to 0.2 mm2
XS8A-0442
(Each package
contains 10
Connectors. Always
order in multiples
of 10.)
Water-resistant Terminals
4 input points (NPN with + common)
CE
DRT1-ID04CL
4 input points (PNP with -- common)
DRT1-ID04CL-1
4 output points (NPN with -- common)
DRT1-OD04CL
4 output points (PNP with + common)
DRT1-OD04CL-1
8 input points (NPN with + common)
DRT1-ID08CL
8 input points (PNP with -- common)
DRT1-ID08CL-1
8 output points (NPN with -- common)
DRT1-OD08CL
8 output points (PNP with + common)
DRT1-OD08CL-1
(This table continues on the next page.)


Número de pieza similar - CS1W-CN223

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Omron Electronics LLC
CS1W-CN223 OMRON-CS1W-CN223 Datasheet
344Kb / 15P
   CJ1 Ordering Guide
CS1W-CN223 OMRON-CS1W-CN223 Datasheet
220Kb / 8P
   CJ1 Programmable Controllers
CS1W-CN223 OMRON-CS1W-CN223 Datasheet
452Kb / 38P
   CS1 Ordering Guide C200H Basic I/O Modules
More results

Descripción similar - CS1W-CN223

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
FGM603 SANKEN-FGM603 Datasheet
175Kb / 4P
   Selection Guide
logo
Vincotech
V23990-P63X-A-U-P1-48 VINCOTECH-V23990-P63X-A-U-P1-48 Datasheet
50Kb / 3P
   selection guide
logo
List of Unclassifed Man...
NPX-25T ETC2-NPX-25T Datasheet
670Kb / 12P
   SELECTION GUIDE
logo
Omron Electronics LLC
E2A-M18KN16-WP-C12M OMRON-E2A-M18KN16-WP-C12M Datasheet
3Mb / 48P
   Master Selection Guide
logo
TE Connectivity Ltd
S1006 TEC-S1006 Datasheet
8Mb / 20P
   Adhesives Selection Guide
2018
logo
Integrated Device Techn...
8V74S4622 IDT-8V74S4622 Datasheet
393Kb / 16P
   Clock signal selection
logo
Everlight Electronics C...
59-146UTDTR8 EVERLIGHT-59-146UTDTR8 Datasheet
379Kb / 11P
   Device Selection Guide
logo
STMicroelectronics
AN4190 STMICROELECTRONICS-AN4190 Datasheet
1Mb / 29P
   Antenna selection guidelines
logo
Silicon Laboratories
AN521 SILABS-AN521 Datasheet
1Mb / 26P
   IRLED SELECTION GUIDE
logo
Freescale Semiconductor...
AN1668 FREESCALE-AN1668 Datasheet
161Kb / 6P
   Washing Appliance Sensor Selection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com