Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2595S-12 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM2595S-12
Descripción Electrónicos  LM2595 SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM2595S-12 Datasheet(HTML) 5 Page - Texas Instruments

  LM2595S-12 Datasheet HTML 1Page - Texas Instruments LM2595S-12 Datasheet HTML 2Page - Texas Instruments LM2595S-12 Datasheet HTML 3Page - Texas Instruments LM2595S-12 Datasheet HTML 4Page - Texas Instruments LM2595S-12 Datasheet HTML 5Page - Texas Instruments LM2595S-12 Datasheet HTML 6Page - Texas Instruments LM2595S-12 Datasheet HTML 7Page - Texas Instruments LM2595S-12 Datasheet HTML 8Page - Texas Instruments LM2595S-12 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
LM2595
www.ti.com
SNVS122B – MAY 1999 – REVISED APRIL 2013
All Output Voltage Versions Electrical Characteristics (continued)
Specifications with standard type face are for TJ = 25°C, and those with boldface type apply over full Operating
Temperature Range. Unless otherwise specified, VIN = 12V for the 3.3V, 5V, and Adjustable version and VIN = 24V for the
12V version. ILOAD = 200 mA.
Symbol
Parameter
Conditions
LM2595-XX
Units
(Limits)
Typ
Limit
(1)
(2)
ICL
Current Limit
Peak Current (4) (5)
1.5
A
1.2/1.15
A(min)
2.4/2.6
A(max)
IL
Output Leakage Current
Output = 0V
(4) (6) and (7)
50
μA(max)
Output =
−1V
2
mA
15
mA(max)
IQ
Quiescent Current
See (6)
5
mA
10
mA(max)
ISTBY
Standby Quiescent
ON/OFF pin = 5V (OFF) (7)
85
μA
Current
200/250
μA(max)
θJC
Thermal Resistance
TO-220 or TO-263 Package, Junction to Case
2
°C/W
θJA
TO-220 Package, Junction to Ambient (8)
50
°C/W
θJA
TO-263 Package, Junction to Ambient (9)
50
°C/W
θJA
TO-263 Package, Junction to Ambient (10)
30
°C/W
θJA
TO-263 Package, Junction to Ambient (11)
20
°C/W
ON/OFF CONTROL Test Circuit Figure 21
ON /OFF Pin Logic Input
1.3
V
VIH
Threshold Voltage
Low (Regulator ON)
0.6
V(max)
VIL
High (Regulator OFF)
2.0
V(min)
IH
ON/OFF Pin
VLOGIC = 2.5V (Regulator OFF)
5
μA
Input Current
15
μA(max)
IL
VLOGIC = 0.5V (Regulator ON)
0.02
μA
5
μA(max)
(7)
VIN = 40V.
(8)
Junction to ambient thermal resistance (no external heat sink) for the TO-220 package mounted vertically, with the leads soldered to a
printed circuit board with (1 oz.) copper area of approximately 1 in2.
(9)
Junction to ambient thermal resistance with the TO-263 package tab soldered to a single printed circuit board with 0.5 in2 of (1 oz.)
copper area.
(10) Junction to ambient thermal resistance with the TO-263 package tab soldered to a single sided printed circuit board with 2.5 in2 of (1
oz.) copper area.
(11) Junction to ambient thermal resistance with the TO-263 package tab soldered to a double sided printed circuit board with 3 in2 of (1 oz.)
copper area on the LM2595S side of the board, and approximately 16 in2 of copper on the other side of the p-c board. See Application
Information in this data sheet and the thermal model in Switchers Made Simple® version 4.3 software.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM2595


Número de pieza similar - LM2595S-12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2595S-12 NSC-LM2595S-12 Datasheet
935Kb / 29P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2595S-12 TI1-LM2595S-12 Datasheet
3Mb / 41P
[Old version datasheet]   LM2595 SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595S-12 TI1-LM2595S-12 Datasheet
4Mb / 43P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz 1-A Step-Down Voltage Regulator
logo
Guangdong Youtai Semico...
LM2595S-12 UMW-LM2595S-12 Datasheet
986Kb / 11P
   2A 150KHZ DC switching voltagestabilizing circuit
logo
Texas Instruments
LM2595S-12/NOPB TI1-LM2595S-12/NOPB Datasheet
4Mb / 43P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz 1-A Step-Down Voltage Regulator
More results

Descripción similar - LM2595S-12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM2595S-50 TI1-LM2595S-50 Datasheet
3Mb / 41P
[Old version datasheet]   LM2595 SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595 TI1-LM2595_13 Datasheet
3Mb / 41P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2598 TI1-LM2598_13 Datasheet
2Mb / 45P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM2596SX-ADJ NSC-LM2596SX-ADJ Datasheet
736Kb / 31P
   SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2596S-3.3 TI1-LM2596S-3.3 Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2591HV NSC-LM2591HV Datasheet
730Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595 NSC-LM2595 Datasheet
935Kb / 29P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2599 NSC-LM2599_00 Datasheet
817Kb / 32P
   SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator, with Features
logo
Texas Instruments
LM2594 TI1-LM2594 Datasheet
1Mb / 41P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER짰 Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2591HV TI-LM2591HV_15 Datasheet
3Mb / 28P
[Old version datasheet]   LM2591HV SIMPLE SWITCHER짰Power Converter 150 kHz 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com