Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMR62014 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LMR62014
Descripción Electrónicos  Input Voltage Range of 2.7V to 14V, Output Voltage up to 20V
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LMR62014 Datasheet(HTML) 5 Page - Texas Instruments

  LMR62014 Datasheet HTML 1Page - Texas Instruments LMR62014 Datasheet HTML 2Page - Texas Instruments LMR62014 Datasheet HTML 3Page - Texas Instruments LMR62014 Datasheet HTML 4Page - Texas Instruments LMR62014 Datasheet HTML 5Page - Texas Instruments LMR62014 Datasheet HTML 6Page - Texas Instruments LMR62014 Datasheet HTML 7Page - Texas Instruments LMR62014 Datasheet HTML 8Page - Texas Instruments LMR62014 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
1.222
1.223
1.224
1.225
1.226
1.227
1.228
1.229
1.23
1.231
-40
-25
0
25
50
75
100
125
TEMPERATURE (
oC)
TEMPERATURE (
oC)
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
-50
-25
0
25
50
75
100 125 150
92.1
92.2
92.3
92.4
92.5
92.6
92.7
92.8
92.9
93
TEMPERATURE (
oC)
VIN = 5V
VIN = 3.3V
-50
-25
0
25
50
75
100 125 150
TEMPERATURE (
oC)
340
345
350
355
360
365
370
375
380
-50
-25
0
25
50
75
100 125 150
-50
-25
0
25
50
75
100
125
150
TEMPERATURE (
oC)
1.8
1.85
1.9
1.95
2
2.05
2.1
2.15
2.2
1.4
1.42
1.44
1.46
1.48
1.5
1.52
1.54
1.56
1.58
TEMPERATURE (
oC)
VIN = 5V
VIN = 3.3V
-50
-25
0
25
50
75
100 125 150
LMR62014
www.ti.com
SNVS735B – OCTOBER 2011 – REVISED APRIL 2013
Typical Performance Characteristics
Unless otherwise specified: VIN = 5V, SHDN pin tied to VIN.
Iq Vin (Active) vs Temperature
Oscillator Frequency vs Temperature
Figure 2.
Figure 3.
Max. Duty Cycle vs Temperature
Iq Vin (Idle) vs Temperature
Figure 4.
Figure 5.
Feedback Bias Current vs Temperature
Feedback Voltage vs Temperature
Figure 6.
Figure 7.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMR62014


Número de pieza similar - LMR62014

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LMR62014 NSC-LMR62014 Datasheet
396Kb / 14P
   SIMPLE SWITCHER짰 20Vout, 1.4A Step-Up Voltage Regulator in SOT-23
logo
Texas Instruments
LMR62014 TI1-LMR62014 Datasheet
366Kb / 12P
[Old version datasheet]   SIMPLE SWITCHER짰 42Vin, 0.6A Step-Down Voltage Regulator in SOT-23
LMR62014 TI1-LMR62014 Datasheet
1Mb / 12P
[Old version datasheet]   Application Note 2183 LMR62014/LMR64010 Demo Board
LMR62014 TI-LMR62014 Datasheet
993Kb / 22P
[Old version datasheet]   LMR62014 SIMPLE SWITCHER 20Vout, 1.4A Step-Up Voltage Regulator in SOT-23
LMR62014 TI1-LMR62014 Datasheet
1Mb / 22P
[Old version datasheet]   SIMPLE SWITCHER짰 20Vout, 1.4A Step-Up Voltage Regulator in SOT-23
More results

Descripción similar - LMR62014

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMR12010XMKE-NOPB TI-LMR12010XMKE-NOPB Datasheet
1Mb / 25P
[Old version datasheet]   Input Voltage Range of 3V to 20V, Output Voltage Range of 0.8V to 17V
logo
Maxim Integrated Produc...
MAX20812EVKIT MAXIM-MAX20812EVKIT Datasheet
2Mb / 19P
   2.7V to 16V Input Voltage Range
Rev 1; 3/21
MAX1687EVKIT MAXIM-MAX1687EVKIT Datasheet
114Kb / 4P
   2.7V to 6V Input Voltage Range
1999
MAX20074EVKIT MAXIM-MAX20074EVKIT Datasheet
109Kb / 2P
   2.7V to 5.5V Input Voltage Range
MAX20073EVKIT MAXIM-MAX20073EVKIT Datasheet
109Kb / 2P
   2.7V to 5.5V Input Voltage Range
logo
National Semiconductor ...
LM5119 NSC-LM5119_1 Datasheet
1Mb / 10P
   Evaluation Board Input Voltage Range: 14V to 55V
logo
Texas Instruments
LMR14203 TI-LMR14203 Datasheet
804Kb / 16P
[Old version datasheet]   Input Voltage Range of 4.5V to 42V, Output Voltage Range of 0.765V to 34V
logo
Maxim Integrated Produc...
MAX17108EVKIT MAXIM-MAX17108EVKIT Datasheet
313Kb / 8P
   6V to 20V AVDD Input Voltage Range
Rev 0; 10/08
logo
Gamma Microelectronics ...
GM7230HV GAMMA-GM7230HV Datasheet
546Kb / 9P
   Input voltage range up to 60V
logo
Recom International Pow...
RAC-ADAPT-ST-1 RECOM-RAC-ADAPT-ST-1 Datasheet
1Mb / 4P
   Up to 488VAC input voltage range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com