Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMV112 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LMV112
Descripción Electrónicos  Small Signal Bandwidth 40 MHz, Supply Voltage Range 2.4V to 5V
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LMV112 Datasheet(HTML) 5 Page - Texas Instruments

  LMV112 Datasheet HTML 1Page - Texas Instruments LMV112 Datasheet HTML 2Page - Texas Instruments LMV112 Datasheet HTML 3Page - Texas Instruments LMV112 Datasheet HTML 4Page - Texas Instruments LMV112 Datasheet HTML 5Page - Texas Instruments LMV112 Datasheet HTML 6Page - Texas Instruments LMV112 Datasheet HTML 7Page - Texas Instruments LMV112 Datasheet HTML 8Page - Texas Instruments LMV112 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LMV112
www.ti.com
SNAS297B – MAY 2005 – REVISED MAY 2013
5V ELECTRICAL CHARACTERISTICS (continued)
Unless otherwise specified, all limits are specified for TJ = 25°C, VDD = 5V, VSS = 0V, VCM = 1V, Enable1,2 = VDD, CL = 20 pF,
RL = 30 kΩ, CCOUPLING = 1 nF. Boldface limits apply at temperature range extremes of operating condition. See
(1).
Symbol
Parameter
Conditions
Min(2)
Typ(3)
Max(2)
Units
Miscellaneous Performance
RIN
Input Resistance per Buffer
Enable = VDD
134
k
Enable = VSS
134
CIN
Input Capacitance per Buffer
Enable = VDD
2.0
pF
Enable = VSS
2.0
ZIN
Input Impedance
f = 26 MHz, Enable = VDD
7.2
k
f = 26 MHz, Enable = VSS
8.0
VO
Output Swing Positive
VIN = VDD
4.96
4.99
V
4.94
Output Swing Negative
VIN = VSS
40
10
mV
55
ISC
Output Short-Circuit Current (6)
Sourcing
-40
-68
-28
mA
Sinking
70
98
50
Ven_hmin
Enable High Active Minimum Voltage
1.2
V
Ven_lmax
Enable Low Inactive Maximum Voltage
0.6
(6)
Short-Circuit test is a momentary test. Continuous short circuit operation at elevated ambient temperature can result in exceeding the
maximum allowed junction temperature of 150°C.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMV112


Número de pieza similar - LMV112

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LMV112 NSC-LMV112 Datasheet
975Kb / 14P
   40 MHz Dual Clock Buffer
logo
Texas Instruments
LMV112 TI1-LMV112 Datasheet
1Mb / 19P
[Old version datasheet]   40 MHz Dual Clock Buffer
logo
National Semiconductor ...
LMV112SD NSC-LMV112SD Datasheet
975Kb / 14P
   40 MHz Dual Clock Buffer
logo
Texas Instruments
LMV112SD TI1-LMV112SD Datasheet
1Mb / 19P
[Old version datasheet]   40 MHz Dual Clock Buffer
LMV112SD/NOPB TI1-LMV112SD/NOPB Datasheet
1Mb / 19P
[Old version datasheet]   40 MHz Dual Clock Buffer
More results

Descripción similar - LMV112

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
PL8333 ETC2-PL8333 Datasheet
655Kb / 2P
   Wide supply voltage range: 2.4V to 5V
logo
Rectron Semiconductor
SD101CW RECTRON-SD101CW Datasheet
140Kb / 3P
   SMALL SIGNAL DIODE VOLTAGE RANGE 40 Volts
SD103AW RECTRON-SD103AW Datasheet
137Kb / 3P
   SMALL SIGNAL DIODE VOLTAGE RANGE 40 Volts
logo
Texas Instruments
LMH6882 TI1-LMH6882 Datasheet
1Mb / 38P
[Old version datasheet]   Small Signal Bandwidth: 2400 MHz
LMH6881 TI1-LMH6881 Datasheet
1Mb / 35P
[Old version datasheet]   Small Signal Bandwidth: 2400 MHz
logo
ams AG
AS1313 AMSCO-AS1313 Datasheet
568Kb / 26P
   Wide input voltage range (2.4V to 5.5V)
logo
Richtek Technology Corp...
RT8023GQW RICHTEK-RT8023GQW Datasheet
391Kb / 19P
   Converter Input Voltage Range : 2.6V to 5.5V, LDO Input Voltage Range : 2.4V to 5.5V
logo
KR Electronics, Inc.
2847-S KR-2847-S Datasheet
49Kb / 2P
   40 MHz Bandwidth
logo
Chenmko Enterprise Co. ...
BZX79C2V7PT CHENMKO-BZX79C2V7PT Datasheet
125Kb / 3P
   SILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 2.4V TO 51V
1N5221PT CHENMKO-1N5221PT Datasheet
132Kb / 4P
   SILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 2.4V TO 200V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com