Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS61161DRVT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS61161DRVT
Descripción Electrónicos  White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61161DRVT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS61161DRVT Datasheet HTML 4Page - Texas Instruments TPS61161DRVT Datasheet HTML 5Page - Texas Instruments TPS61161DRVT Datasheet HTML 6Page - Texas Instruments TPS61161DRVT Datasheet HTML 7Page - Texas Instruments TPS61161DRVT Datasheet HTML 8Page - Texas Instruments TPS61161DRVT Datasheet HTML 9Page - Texas Instruments TPS61161DRVT Datasheet HTML 10Page - Texas Instruments TPS61161DRVT Datasheet HTML 11Page - Texas Instruments TPS61161DRVT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
I
LED +
V
FB
R
SET
TPS61160
TPS61161
SLVS791C – NOVEMBER 2007 – REVISED APRIL 2012
www.ti.com
DETAILED DESCRIPTION
OPERATION
The TPS61160/1 is a high efficiency, high output voltage boost converter in a small package size. The device is
ideal for driving white LED in series. The serial LED connection provides even illumination by sourcing the same
output current through all LEDs, eliminating the need for expensive factory calibration. The device integrates
40V/0.7A switch FET and operates in pulse width modulation (PWM) with 600kHz fixed switching frequency. For
operation see the block diagram. The duty cycle of the converter is set by the error amplifier output and the
current signal applied to the PWM control comparator. The control architecture is based on traditional current-
mode control; therefore, a slope compensation is added to the current signal to allow stable operation for duty
cycles larger than 50%. The feedback loop regulates the FB pin to a low reference voltage (200mV typical),
reducing the power dissipation in the current sense resistor.
SOFT START-UP
Soft-start circuitry is integrated into the IC to avoid a high inrush current during start-up. After the device is
enabled, the voltage at FB pin ramps up to the reference voltage in 32 steps with each step taking 213
μs. This
ensures that the output voltage rises slowly to reduce the input current. Additionally, for the first 5msec after the
COMP voltage ramps, the current limit of the switch is set to half of the normal current limit spec. During this
period, the input current is kept below 400mA (typical). See the start-up waveform of a typical example,
Figure 11.
OPEN LED PROTECTION
Open LED protection circuitry prevents IC damage as the result of white LED disconnection. The TPS61160/1
monitors the voltage at the SW pin and FB pin during each switching cycle. The circuitry turns off the switch FET
and shuts down the IC when both of the following conditions persist for 8 switching clock cycles: (1) the SW
voltage exceeds the VOVP threshold and (2) the FB voltage is less than half of regulation voltage. As a result, the
output voltage falls to the level of the input supply. The device remains in shutdown mode until it is enabled by
toggling the CTRL pin logic. To allow the use of inexpensive low-voltage output capacitor, the TPS61160/1 has
different open lamp protection thresholds. The threshold is set at 26V for the TPS61160 and 38V for the
TPS61161. Select the appropriate device so that the product of the number of external LEDs and each LED's
maximum forward voltage plus the 200mV reference voltage does not exceed the minimum OVP threshold or
(nLEDS X VLED(MAX)) + 200 mV ≤ VOVP(MIN).
SHUTDOWN
The TPS61160/1 enters shutdown mode when the CTRL voltage is logic low for more than 2.5ms. During
shutdown, the input supply current for the device is less than 1
μA (max). Although the internal FET does not
switch in shutdown, there is still a DC current path between the input and the LEDs through the inductor and
Schottky diode. The minimum forward voltage of the LED array must exceed the maximum input voltage to
ensure that the LEDs remain off in shutdown. However, in the typical application with two or more LEDs, the
forward voltage is large enough to reverse bias the Schottky and keep leakage current low.
CURRENT PROGRAM
The FB voltage is regulated by a low 0.2V reference voltage. The LED current is programmed externally using a
current-sense resistor in series with the LED string. The value of the RSET is calculated using Equation 1:
(1)
Where
ILED = output current of LEDs
VFB = regulated voltage of FB
RSET = current sense resistor
The output current tolerance depends on the FB accuracy and the current sensor resistor accuracy.
8
Submit Documentation Feedback
Copyright © 2007–2012, Texas Instruments Incorporated
Product Folder Link(s): TPS61160 TPS61161


Número de pieza similar - TPS61161DRVT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61161DRVT TI-TPS61161DRVT Datasheet
557Kb / 21P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package for up to 10 LEDs in Series
TPS61161DRVT TI1-TPS61161DRVT Datasheet
1Mb / 39P
[Old version datasheet]   White LED Drivers With Digital and PWM Brightness Control in 2-mm x 2-mm WSON Package
TPS61161DRVTG4 TI1-TPS61161DRVTG4 Datasheet
1Mb / 39P
[Old version datasheet]   White LED Drivers With Digital and PWM Brightness Control in 2-mm x 2-mm WSON Package
More results

Descripción similar - TPS61161DRVT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61160 TI1-TPS61160_14 Datasheet
1Mb / 28P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
TPS61165 TI-TPS61165 Datasheet
503Kb / 21P
[Old version datasheet]   High Brightness White LED Driver in 2mm x 2mm QFN Package
logo
Global Mixed-mode Techn...
G5139 GMT-G5139 Datasheet
54Kb / 1P
   Boost White LED Driver with PWM Brightness Control in 2mm x 2mm TDFN Package
G5129 GMT-G5129 Datasheet
53Kb / 1P
   Boost White LED Driver with PWM Brightness Control in 2mm x 2mm TDFN Package
logo
Texas Instruments
TPS61160 TI-TPS61160 Datasheet
557Kb / 21P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package for up to 10 LEDs in Series
TPS61160A TI-TPS61160A Datasheet
834Kb / 20P
[Old version datasheet]   White LED Driver With PWM Brightness Control in 2mm x 2mm QFN Package for up to 10 LEDs in Series
TPS61165 TI-TPS61165_10 Datasheet
862Kb / 26P
[Old version datasheet]   High Brightness White LED Driver in 2mm x 2mm QFN and SOT-23 Packages
logo
Will Semiconductor Ltd.
WD3138 WILLSEMI-WD3138 Datasheet
1Mb / 23P
   White LED Driver with Digital and PWM Brightness Control in Tiny Package
logo
Micrel Semiconductor
MIC3287 MICREL-MIC3287 Datasheet
339Kb / 9P
   1.2MHz PWM White LED Driver with OVP in Thin SOT-23 and 2mm x 2mm MFL
logo
Shanghai awinic technol...
AW9961 AWINIC-AW9961 Datasheet
2Mb / 30P
   White LED Driver with Flexible Digital and PWM Brightness Control in Small Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com