Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DL4148 Datasheet(PDF) 3 Page - Micro Commercial Components

No. de pieza DL4148
Descripción Electrónicos  500mW High Speed Switching Diode 100 Volt Surface Mount Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MCC [Micro Commercial Components]
Página de inicio  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DL4148 Datasheet(HTML) 3 Page - Micro Commercial Components

  DL4148 Datasheet HTML 1Page - Micro Commercial Components DL4148 Datasheet HTML 2Page - Micro Commercial Components DL4148 Datasheet HTML 3Page - Micro Commercial Components DL4148 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1
100
4
0
400
800
1200
8
Figure 5
Peak Forward Surge Current
Peak Forward Surge Current - Amperes versus
Number Of Cycles At 60Hz - Cycles
MilliAmps
Cycles
2
6
10
20
60 80
40
1600
2000
2400
Figure 4
Typical Reverse Characteristics
Instantaneous Reverse Leakage Current - NanoAmperes versus
Junction Temperature -
°C
TJ
40
60
200
100
NanoAmp
s
2
0
120
4
0
60
80
100
.1
.2
.4
.6
1
2
4
6
10
20
400
600
1000
140
TA=25
°C
Revision: B
2012/08/22
DL4148
MCC
TM
Micro Commercial Components
www.mccsemi.com
3 of 4


Número de pieza similar - DL4148

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Dc Components
DL4148 DCCOM-DL4148 Datasheet
259Kb / 2P
   TECHNICAL SPECIFICATIONS OF HIGH SPEED SWITCHING DIODES
logo
Micro Commercial Compon...
DL4148 MCC-DL4148 Datasheet
77Kb / 3P
   500mW 100 Volt Silicon Switching Diode
logo
Shanghai Lunsure Electr...
DL4148 CHENYI-DL4148 Datasheet
100Kb / 3P
   500mw high speed switching diode 100 volt
logo
Micro Commercial Compon...
DL4148 MCC-DL4148 Datasheet
462Kb / 4P
   500mW High Speed Switching Diode 100 Volt
logo
Shanghai Shunye Electro...
DL4148 SY-DL4148 Datasheet
198Kb / 3P
   500mW High Speed Switching Diode100 Volt
More results

Descripción similar - DL4148

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Commercial Compon...
DL4148 MCC-DL4148_11 Datasheet
462Kb / 4P
   500mW High Speed Switching Diode 100 Volt
1N4148-TP MCC-1N4148-TP Datasheet
239Kb / 4P
   500mW High Speed Switching Diode 100 Volt
1N4148 MCC-1N4148_11 Datasheet
212Kb / 4P
   500mW High Speed Switching Diode 100 Volt
DL4148-TP MCC-DL4148-TP Datasheet
469Kb / 4P
   500mW High Speed Switching Diode 100 Volt
logo
Shanghai Lunsure Electr...
DL4148 CHENYI-DL4148 Datasheet
100Kb / 3P
   500mw high speed switching diode 100 volt
logo
Micro Commercial Compon...
1N4148 MCC-1N4148_12 Datasheet
224Kb / 4P
   500mW High Speed Switching Diode 100 Volt
DL914 MCC-DL914 Datasheet
361Kb / 3P
   500mW 100 Volt Silicon Switching Diode
DL914 MCC-DL914_14 Datasheet
378Kb / 4P
   500mW 100 Volt Silicon Switching Diode
DL4148 MCC-DL4148 Datasheet
77Kb / 3P
   500mW 100 Volt Silicon Switching Diode
DL914 MCC-DL914_11 Datasheet
723Kb / 4P
   500mW 100 Volt Silicon Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com