Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI826X-EVB Datasheet(PDF) 1 Page - Silicon image

No. de pieza SI826X-EVB
Descripción Electrónicos  Si826X LED EMULATOR INPUT ISODRIVER EVALUATION BOARD USER?셎 GUIDE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILICONIMAGE [Silicon image]
Página de inicio  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

SI826X-EVB Datasheet(HTML) 1 Page - Silicon image

  SI826X-EVB Datasheet HTML 1Page - Silicon image SI826X-EVB Datasheet HTML 2Page - Silicon image SI826X-EVB Datasheet HTML 3Page - Silicon image SI826X-EVB Datasheet HTML 4Page - Silicon image SI826X-EVB Datasheet HTML 5Page - Silicon image SI826X-EVB Datasheet HTML 6Page - Silicon image SI826X-EVB Datasheet HTML 7Page - Silicon image SI826X-EVB Datasheet HTML 8Page - Silicon image SI826X-EVB Datasheet HTML 9Page - Silicon image Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Rev. 0.1 2/13
Copyright © 2013 by Silicon Laboratories
Si826x-EVB
Si826x-EVB
Si826 X LED E MULATOR I NPUT I SODRIVER
E VALUATION B OARD U SER S G UIDE
1. Introduction
The Si826x evaluation board allows designers to evaluate Silicon Lab's Si826x family of CMOS based LED
Emulator Input ISOdrivers. The Si826x ISOdrivers are pin-compatible, drop-in upgrades for popular opto-coupled
gate drivers, such as 0.6 A ACPL-0302/3020, 2.5 A HCPL-3120/ACPL-3130, HCNW3120/3130, and similar opto-
drivers. The devices are ideal for driving power MOSFETs and IGBTs used in a wide variety of inverter and motor
control applications. The Si826x isolated gate drivers utilize Silicon Laboratories' proprietary silicon isolation
technology, supporting up to 5.0 kVRMS withstand
voltage per UL1577. This technology enables higher-performance,
reduced variation with temperature and age, tighter part-to-part matching, and superior common-mode rejection
compared to opto-coupled gate drivers. While the input circuit mimics the characteristics of an LED, less drive
current is required, resulting in higher efficiency. Propagation delay time is independent of input drive current,
resulting in consistently short propagation times, tighter unit-to-unit variation, and greater input circuit design
flexibility. As a result, the Si826x series offers longer service life and dramatically higher reliability compared to
opto-coupled gate drivers. The evaluation kit consists of four separately orderable boards with each board
featuring either the DIP8, SOIC8, SDIP6, or LGA8 package. For more information on configuring the ISOdriver
itself, see the Si826x product data sheet and application note “AN677: Using the Si826x Family of Isolated Gate
Drivers”.
1.1. Kit Contents
Each Si826x Evaluation Kit contains the following items:
Si826x based evaluation board as shown in Figures 1 through 4.
Si826x LED Emulator Input ISOdriver (installed on the evaluation board)

Si8261 (DIP8, SOIC8, SDIP6, LGA8)
Figure 1. Si826x DIP8 Evaluation Board Overview
Figure 2. Si826x SOIC8 Evaluation Board Overview


Número de pieza similar - SI826X-EVB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon image
SI826X SILICONIMAGE-SI826X Datasheet
423Kb / 42P
   5 KV LED EMULATOR INPUT, 4.0 A ISOLATED GATE DRIVERS
logo
Silicon Laboratories
SI826X SILABS-SI826X Datasheet
1Mb / 40P
   Rail-to-rail output voltage
logo
Skyworks Solutions Inc.
SI826X SKYWORKS-SI826X Datasheet
459Kb / 39P
   5 KV LED EMULATOR INPUT, 4.0 A ISOLATED GATE DRIVERS
Rev 1.51
More results

Descripción similar - SI826X-EVB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI8261 SILABS-SI8261 Datasheet
1Mb / 18P
   LED EMULATOR INPUT ISODRIVER EVALUATION BOARD USERS GUIDE
logo
Silicon image
SI87XX-EVB SILICONIMAGE-SI87XX-EVB Datasheet
323Kb / 20P
   Si87XX LED EMULATOR INPUT ISOLATOR EVALUATION BOARD USER?셎 GUIDE
logo
Silicon Laboratories
SI4700-EVB SILABS-SI4700-EVB Datasheet
2Mb / 44P
   Si4700/01/02/03 EVALUATION BOARD USER?셎 GUIDE
SI4312-DB SILABS-SI4312-DB Datasheet
455Kb / 11P
   Si4312 DEMO BOARD USER?셎 GUIDE
SI4311-DB SILABS-SI4311-DB Datasheet
445Kb / 11P
   Si4311 DEMO BOARD USER?셎 GUIDE
logo
Analog Devices
UG-1121 AD-UG-1121 Datasheet
196Kb / 7P
   Evaluation Board User Guide
Rev. 0
UG-287 AD-UG-287 Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
UG-128 AD-UG-128 Datasheet
225Kb / 8P
   Evaluation Board User Guide
REV. B
UG-272 AD-UG-272 Datasheet
558Kb / 12P
   Evaluation Board User Guide
REV. A
UG-486 AD-UG-486 Datasheet
532Kb / 8P
   Evaluation Board User Guide
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com