Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCPL-M611-500E Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza HCPL-M611-500E
Descripción Electrónicos  Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-M611-500E Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-M611-500E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-M611-500E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-M611-500E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-M611-500E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-M611-500E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-M611-500E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-M611-500E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-M611-500E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-M611-500E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Insulation and Safety Related Specifications
Parameter
Symbol
Value
Units
Conditions
Minimum External Air Gap
(External Clearance)
L(101)
5
mm
Measured from input terminals to output terminals,
shortest distance through air.
Minimum External
Tracking (External Creepage)
L(102)
5
mm
Measured from input terminals to output terminals,
shortest distance path along body.
Minimum Internal Plastic Gap
(Internal Clearance)
0.08
mm
Through insulation distance conductor to conductor,
usually the straight line distance thickness between
the emitter and detector.
Tracking Resistance
(Comparative Tracking Index)
CTI
175
V
DIN IEC 112/VDE 0303 Part 1
Isolation Group
IIIa
Material Group (DIN VDE 0110, 1/89, Table 1)
IEC/EN/DIN EN 60747-5-5 Insulation Characteristics* (Option 060)
Description
Symbol
Characteristic
Unit
Installation classification per DIN VDE 0110/39, Table 1
for rated mains voltage
d 150 Vrms
for rated mains voltage
d 300 Vrms
I – IV
I – III
Climatic Classification
55/85/21
Pollution Degree (DIN VDE 0110/1.89)
2
Maximum Working Insulation Voltage
VIORM
560
Vpeak
Input to Output Test Voltage, Method b*
VIORM x 1.875=VPR, 100% Production Test with tm=1 sec,
Partial discharge < 5 pC
VPR
1050
Vpeak
Input to Output Test Voltage, Method a*
VIORM x 1.5=VPR, Type and Sample Test, tm=60 sec,
Partial discharge < 5 pC
VPR
840
Vpeak
Highest Allowable Overvoltage
(Transient Overvoltage tini =10 sec)
VIOTM
6000
Vpeak
Safety-limiting values – maximum values allowed in the event
of a failure.
Case Temperature
Input Current**
Output Power**
TS
IS, INPUT
PS, OUTPUT
150
150
600
°C
mA
mW
Insulation Resistance at TS, VIO = 500 V
RS
>109
:
*
Refer to the optocoupler section of the Isolation and Control Components Designer’s Catalog, under Product Safety Regulations section, (IEC/
EN/DIN EN 60747-5-2) for a detailed description of Method a and Method b partial discharge test profiles.
** Refer to the following figure for dependence of PS and IS on ambient temperature.
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Input Current, Low Level
IFL*
0
250
μA
Input Current, High Level
IFH**
5
15
mA
Supply Voltage, Output
VCC
4.5
5.5
V
Fan Out (RL = 1 kΩ)
N
5
TTL Loads
Output Pull-Up Resistor
RL
330
4,000
Ω
Operating Temperature
TA
-40
85
°C
*
The off condition can also be guaranteed by ensuring that VF(off) ≤ 0.8 volts.
** The initial switching threshold is 5mA or less. It is recommended that 6.3mA to 10mA be used for best performance and to permit at least a
20% LED degradation guardband.


Número de pieza similar - HCPL-M611-500E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HCPL-M611 HP-HCPL-M611 Datasheet
261Kb / 10P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M611 AVAGO-HCPL-M611 Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M611 AVAGO-HCPL-M611 Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M611 AVAGO-HCPL-M611 Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M611 AVAGO-HCPL-M611 Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
More results

Descripción similar - HCPL-M611-500E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M611 AVAGO-HCPL-M611 Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-M611 HP-HCPL-M611 Datasheet
261Kb / 10P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M600 AVAGO-HCPL-M600 Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M601-000E AVAGO-HCPL-M601-000E Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M601-500E AVAGO-HCPL-M601-500E Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M600500 AVAGO-HCPL-M600500 Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
logo
Broadcom Corporation.
ACPL-M60L BOARDCOM-ACPL-M60L Datasheet
762Kb / 14P
   Small Outline, 5 Leads, High CMR, High-Speed, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M60L-000E AVAGO-ACPL-M60L-000E Datasheet
237Kb / 11P
   Small Outline, 5 Leads, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M453-000E AVAGO-HCPL-M453-000E Datasheet
152Kb / 9P
   Small Outline, 5 Lead, High Speed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-M452 HP-HCPL-M452 Datasheet
89Kb / 8P
   Small Outline, 5 Lead, High Speed Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com