Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BU30TD3WG-XTR Datasheet(PDF) 5 Page - Rohm |
|
BU30TD3WG-XTR Datasheet(HTML) 5 Page - Rohm |
5 / 12 page www.rohm.com © 2013 ROHM Co., Ltd. All rights reserved. TSZ02201-0RBR0A300030-1-2 TSZ22111・15・001 5/9 17.JAN.2013.Rev.001 BUxxTD3WG series Datasheet ●Reference data BU18TD3WG (Ta=25ºC unless otherwise specified.) Fig 3. Output Voltage Fig 4. Line Regulation Fig 5. Circuit Current IGND Fig 6. VSTBY - ISTBY Fig 7. IOUT - IGND Fig 8. Load Regulation Fig 9. OCP Threshold Fig 10. STBY Threshold Fig 11. VOUT - Temp Fig 12. IGND - Temp Fig 13. IGND - Temp (STBY) 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 00.511.522.5 33.54 4.555.5 Input Voltage (V) Temp=-40°C Temp=25°C Temp=85°C 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 00.511.522.533.544.555.5 Input Voltage (V) Temp=25°C Io=0uA Io=100uA Io=50mA Io=200mA VIN=STBY 1.75 1.76 1.77 1.78 1.79 1.80 1.81 1.82 1.83 1.84 1.85 1.7 1.8 1.9 2 2.1 2.2 2.3 2.4 2.5 Input Voltage (V) Temp=25°C Io=0uA Io=100uA Io=50mA Io=200mA VIN=STBY 0 20 40 60 80 100 00.5 11.522.5 33.544.5 55.5 Input Voltage (V) Io=0uA Temp=85°C Temp=25°C VIN=STBY Temp=-40°C 0 20 40 60 80 100 0 0.05 0.1 0.15 0.2 Output Current (A) Temp=-40°C Temp=25°C Temp=85°C VIN=2.8V STBY=1.5V 1.75 1.76 1.77 1.78 1.79 1.80 1.81 1.82 1.83 1.84 1.85 0 0.05 0.1 0.15 0.2 Output Current (A) VIN=2.8V STBY=1.5V Temp=-40°C Temp=25°C Temp=85°C 0.0 0.5 1.0 1.5 2.0 0 0.5 1 1.5 STBY Voltage (V) VIN=3.8V Io=0mA Temp=-40°C Temp=25°C Temp=85°C 1.75 1.76 1.77 1.78 1.79 1.80 1.81 1.82 1.83 1.84 1.85 -40 -15 10 35 60 85 Temp (°C) VIN=2.8V STBY=1.5V Io=0.1mA 0 10 20 30 40 50 60 -40 -15 10 35 60 85 Temp (°C) VIN=2.8V STBY=1.5V Io=0mA 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 -40 -15 10 35 60 85 Temp (°C) VIN=2.8V STBY=0V 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 0.00.10.20.30.40.50.6 Output Current (mA) VIN=2.3V VIN=2.8V VIN=5.5V Temp=25°C STBY=1.5V |
Número de pieza similar - BU30TD3WG-XTR |
|
Descripción similar - BU30TD3WG-XTR |