Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FW80321M400 Datasheet(PDF) 9 Page - Intel Corporation

No. de pieza FW80321M400
Descripción Electrónicos  80321 I/O Processor
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTEL [Intel Corporation]
Página de inicio  http://www.intel.com
Logo INTEL - Intel Corporation

FW80321M400 Datasheet(HTML) 9 Page - Intel Corporation

Back Button FW80321M400 Datasheet HTML 5Page - Intel Corporation FW80321M400 Datasheet HTML 6Page - Intel Corporation FW80321M400 Datasheet HTML 7Page - Intel Corporation FW80321M400 Datasheet HTML 8Page - Intel Corporation FW80321M400 Datasheet HTML 9Page - Intel Corporation FW80321M400 Datasheet HTML 10Page - Intel Corporation FW80321M400 Datasheet HTML 11Page - Intel Corporation FW80321M400 Datasheet HTML 12Page - Intel Corporation FW80321M400 Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
Intel
® 80321 I/O Processor
Introduction
Datasheet
January 2005
9
1.2
About the Intel® 80321 I/O Processor
The 80321 is a single-function device that integrates the Intel XScale
® core with intelligent
peripherals, including a PCI bus application bridge. The 80321 consolidates into a single system:
Intel XScale® core
PCI - Local Memory Bus Address Translation Unit
Messaging Unit
Direct Memory Access (DMA) Controller
Peripheral Bus Interface Unit
Integrated Memory Controller
Performance Monitor
Application Accelerator
Two I2C Bus Interface Units
Synchronous Serial Port Unit
Eight General Purpose Input Output (GPIO) ports
It is an integrated processor that addresses the needs of intelligent I/O applications and helps
reduce intelligent I/O system costs.
The PCI Bus is an industry standard, high performance, low latency system bus. The 80321 PCI
Bus is capable of 133 MHz operation in PCI-X mode as defined by the PCI-X Addendum to the
PCI Local Bus Specification, Revision 1.0a. Also, the processor supports a 66 MHz conventional
PCI mode as defined by the PCI Local Bus Specification, Revision 2.2. The addition of the Intel
XScale
® core brings intelligence to the PCI bus application bridge.
The 80321 is a single-function PCI device. This function represents the address translation unit.
The address translation unit is an ‘application bridge’ as defined by the PCI-X Addendum to the
PCI Local Bus Specification, Revision 1.0a. The 80321 contains PCI configuration space
accessible through the PCI bus.


Número de pieza similar - FW80321M400

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agere Systems
FW803 AGERE-FW803 Datasheet
395Kb / 24P
   PHY IEEE 1394A Three-Cable Transceiver/Arbiter Device
FW803-09-DB AGERE-FW803-09-DB Datasheet
395Kb / 24P
   PHY IEEE 1394A Three-Cable Transceiver/Arbiter Device
More results

Descripción similar - FW80321M400

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intel Corporation
80333 INTEL-80333 Datasheet
1Mb / 75P
   I/O Processor
UPI-452 INTEL-UPI-452 Datasheet
499Kb / 53P
   CHMOS PROGRAMMABLE I/O PROCESSOR
273943-004US INTEL-273943-004US Datasheet
1Mb / 68P
   Intel 80331 I/O Processor
logo
CML Microcircuits
MX839 CMLMICRO-MX839 Datasheet
169Kb / 20P
   Digitally Controlled Analog I/O Processor
logo
List of Unclassifed Man...
MX839 ETC-MX839 Datasheet
165Kb / 20P
   Digitally Controlled Analog I/O Processor
logo
Intel Corporation
QG80331M500SL9BE INTEL-QG80331M500SL9BE Datasheet
804Kb / 67P
   Intel 80331 I/O Processor Specification Update
QG80333M500SL8CC INTEL-QG80333M500SL8CC Datasheet
525Kb / 48P
   Intel 80333 I/O Processor Specification Update
I960 INTEL-I960 Datasheet
591Kb / 70P
   i960 RP/RD I/O PROCESSOR AT 3.3 VOLTS
logo
Schneider Electric
171CBU78090 SCHNEIDER-171CBU78090 Datasheet
133Kb / 5P
   Unity M1 processor - RS232/485 - USB - I/O bus
Apr 12, 2022
171CBU98090 SCHNEIDER-171CBU98090 Datasheet
134Kb / 5P
   Unity M1E processor - RS232/485 - Ethernet - USB - I/O bus
Apr 12, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com