Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4150 Datasheet(PDF) 1 Page - Rohm

No. de pieza 1N4150
Descripción Electrónicos  Switching diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

1N4150 Datasheet(HTML) 1 Page - Rohm

  1N4150 Datasheet HTML 1Page - Rohm 1N4150 Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N4531 / 1N4148 / 1N4150 / 1N4448
Diodes
Switching diode
1N4531 / 1N4148 / 1N4150 / 1N4448
∗This product is available only outside of Japan.
Application
High-speed switching
Features
1) Glass sealed envelope. (MSD, GSD)
2) High speed.
3) High reliability.
Construction
Silicon epitaxial planar
External dimensions (Units : mm)
φ 0.5±0.1
C
29
±1
29
±1
CATHODE BAND (BLACK)
3.8
±0.2
A
φ 1.8±0.2
Type No.
ROHM : GSD
EIAJ :
JEDEC : DO-35
φ 0.5±0.1
C
29
±1
29
±1
CATHODE BAND (BLACK)
2.7
±0.3
A
φ 1.8±0.2
Type No.
ROHM : MSD
EIAJ :
JEDEC : DO-34
1N4531
1N4148 / 1N4150 / 1N4448
Absolute maximum ratings (Ta = 25
°C)
Type
1N4148
100
−65~+200
−65~+200
(V)
VRM
75
(V)
VR
450
(mA)
IFM
150
(mA)
IO
200
(mA)
IF
2
(A)
1
µs
IFSM
500
(mW)
P
200
1N4531
100
−65~+200
−65~+200
75
450
150
200
2
500
200
1N4150
50
−65~+200
−65~+200
50
600
200
250
4
500
200
1N4448
100
−65~+200
−65~+200
75
450
150
200
2
500
200
(
°C)
Tj
(
°C)
Topr
(
°C)
Tstg
Electrical characteristics (Ta = 25
°C)
Type
0.1mA
1.0
0.66
0.62
0.74
0.76
0.86
0.82
0.92
1.0
0.87
1.0
0.54
0.62
0.72
@
0.25mA
@
1mA
@
2mA
@
5mA
@
10mA
@
20mA
@
30mA
@
50mA
@
100mA
@
200mA
@
250mA
@
5
µA
75
100
50.0
20
4
4
0.025
5.0
20
75
50
0.1
50
100.0
50
2.5
4
100
50.0
20
4
4
@
100
µA
@
@150
°C
VR (V)
@25
°C
VR (V)
trr (ns)
Cr (pF)
IR (
µA) Max.
BV (V) Min.
VF (V)
IF
=10mA
f
=1MHz
VR
=0
RL
=100Ω
VR
=6V
1N4148
1.0
75
100
50.0
20
4
4
0.025
5.0
20
75
1N4531
1N4150
1N4448
0.025
5.0
20
75
The upper figure is the minimum VF and the lower figure is the maximum VF value.


Número de pieza similar - 1N4150

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
1N4150 PHILIPS-1N4150 Datasheet
53Kb / 8P
   High-speed diodes
1999 Jun 01
logo
Rohm
1N4150 ROHM-1N4150 Datasheet
34Kb / 2P
   Switching diode
logo
GOOD-ARK Electronics
1N4150 GOOD-ARK-1N4150 Datasheet
23Kb / 1P
   SILICON EPITAXIAL PLANAR DIODES
logo
New Jersey Semi-Conduct...
1N4150 NJSEMI-1N4150 Datasheet
44Kb / 1P
   Small Signal Devices
logo
TRANSYS Electronics Lim...
1N4150 TEL-1N4150 Datasheet
128Kb / 2P
   HIGH SPEED SILICON SWITCHING DIODE
More results

Descripción similar - 1N4150

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com