Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA7535013TR Datasheet(PDF) 6 Page - STMicroelectronics

No. de pieza TDA7535013TR
Descripción Electrónicos  Delta/sigma cascade 20 bit stereo DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7535013TR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7535013TR Datasheet HTML 2Page - STMicroelectronics TDA7535013TR Datasheet HTML 3Page - STMicroelectronics TDA7535013TR Datasheet HTML 4Page - STMicroelectronics TDA7535013TR Datasheet HTML 5Page - STMicroelectronics TDA7535013TR Datasheet HTML 6Page - STMicroelectronics TDA7535013TR Datasheet HTML 7Page - STMicroelectronics TDA7535013TR Datasheet HTML 8Page - STMicroelectronics TDA7535013TR Datasheet HTML 9Page - STMicroelectronics TDA7535013TR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Electrical specification
TDA7535
6/12
2.7
DAC electrical characteristics
Table 9.
DAC electrical characteristics
Vdd = 3.3 V; Tamb = 25 °C; Input signal frequency = sinus wave generated by
audio precision Sys.2; Input signal amplitude (see notes); Noise integration
bandwidth = 20 Hz to 22 kHz (A- weighted)
Parameter
Test condition
Min.
Typ.
Max.
Unit
Noise + distortion (1)
1.
It is the ratio between the maximum input signal and the integration of the in-band noise after deducing the
power of signal fundamental. It depends on the input signal amplitude. In this case 0dB means full scale
digital, 1 kHz frequency used.
@0 dB
@-6 dBb
@-40 dB
@-60 dB
89
94
96
96
dB
dB
dB
dB
Total harmonic distortion
see note (2)
2.
It is the ratio of the rms value of the signal fundamental component at 0 dB (full scale digital) to the rms
value of all of the harmonic components in the band.
70(3)
3.
By correlation to beuch results. ATE limits are 60 dB.
94
dB
Dynamic range
see note (4)
4.
Measured using the SNR at -60dB input signal, with 60dB added to compensate for small input signal.
84(5)
5.
By correlation to beuch results. ATE limits are 80 dB.
96
dB
Crosstalk
see note (6)
6.
Left channel on with 0dB/1kHz input signal, Right channel on with DC input signal.
-95
dB
Full scale output voltage
Vdd = 3.15 to 3.45 V
Full scale input
0.8
0.9
1.0
Vrms
Input sampling rate
36
48
kHz
Passband ripple
0.12
dB
Stopband
@ 3dB
@ 90dB
44.1kHz sampling rate
21.53
24.80
kHz
Interchannel gain mismatch
0.05
0.1
dB
Obsolete
Product(s)
- Obsolete
Product(s)


Número de pieza similar - TDA7535013TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TDA7535 STMICROELECTRONICS-TDA7535 Datasheet
160Kb / 9P
   DELTA/SIGMA CASCADE 20 BIT STEREO DAC
TDA7535 STMICROELECTRONICS-TDA7535_06 Datasheet
128Kb / 9P
   DELTA/SIGMA CASCADE 20 BIT STEREO DAC
More results

Descripción similar - TDA7535013TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TDA7535 STMICROELECTRONICS-TDA7535 Datasheet
160Kb / 9P
   DELTA/SIGMA CASCADE 20 BIT STEREO DAC
TDA7535 STMICROELECTRONICS-TDA7535_06 Datasheet
128Kb / 9P
   DELTA/SIGMA CASCADE 20 BIT STEREO DAC
logo
Texas Instruments
TLC320AD75C TI-TLC320AD75C Datasheet
211Kb / 43P
[Old version datasheet]   20-Bit Sigma-Delta Stereo ADA Circuit
TLC320AD75 TI1-TLC320AD75 Datasheet
224Kb / 43P
[Old version datasheet]   20-Bit Sigma-Delta Stereo ADA Circuit
logo
Analog Devices
AD1852 AD-AD1852_15 Datasheet
501Kb / 20P
   Stereo, 24-Bit, 192 kHz, Multibit, Sigma-Delta DAC
REV. A
AD1852JRSZRL AD-AD1852JRSZRL Datasheet
515Kb / 20P
   Stereo, 24-Bit, 192 kHz, Multibit, Sigma-Delta DAC
REV. A
logo
Samsung semiconductor
BW0405XA SAMSUNG-BW0405XA Datasheet
159Kb / 14P
   0.35關m 16-BIT 44.1KHZ SIGMA-DELTA STEREO DAC
logo
Core Technology (Shenzh...
CS1180 CHIPSEA-CS1180 Datasheet
757Kb / 30P
   20-bit Sigma-Delta ADC
logo
Analog Devices
AD1858 AD-AD1858_15 Datasheet
266Kb / 16P
   Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
REV. 0
AD1857 AD-AD1857 Datasheet
263Kb / 16P
   Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com