Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF7855TRPBF Datasheet(PDF) 1 Page - International Rectifier

No. de pieza IRF7855TRPBF
Descripción Electrónicos  Primary Side Switch in Bridge Topology in Isolated DC-DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF7855TRPBF Datasheet(HTML) 1 Page - International Rectifier

  IRF7855TRPBF Datasheet HTML 1Page - International Rectifier IRF7855TRPBF Datasheet HTML 2Page - International Rectifier IRF7855TRPBF Datasheet HTML 3Page - International Rectifier IRF7855TRPBF Datasheet HTML 4Page - International Rectifier IRF7855TRPBF Datasheet HTML 5Page - International Rectifier IRF7855TRPBF Datasheet HTML 6Page - International Rectifier IRF7855TRPBF Datasheet HTML 7Page - International Rectifier IRF7855TRPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.irf.com
1
05/17/06
IRF7855PbF
HEXFET® Power MOSFET
Applications
l Primary Side Switch in Bridge Topology
in Isolated DC-DC Converters
l Primary Side Switch in Push-Pull
Topology for 18-36Vin Isolated DC-DC
Converters
l Secondary Side Synchronous
Rectification Switch for 15Vout
l Suitable for 48V Non-Isolated
Synchronous Buck DC-DC Applications
Benefits
l Low Gate to Drain Charge to Reduce
Switching Losses
l Fully Characterized Capacitance Including
Effective COSS to Simplify Design, (See
App. Note AN1001)
l Fully Characterized Avalanche Voltage
and Current
Notes
 through ‡ are on page 8
SO-8
Top View
8
1
2
3
4
5
6
7
D
D
D
D
G
S
A
S
S
A
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
V
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
A
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
c
PD @TA = 25°C
Maximum Power Dissipation
e
W
Linear Derating Factor
W/°C
dv/dt
Peak Diode Recovery dv/dt
h
V/ns
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJL
Junction-to-Drain Lead
–––
20
°C/W
RθJA
Junction-to-Ambient (PCB Mount)
ei
–––
50
9.9
-55 to + 150
0.02
2.5
Max.
12
8.7
97
60
± 20
VDSS
RDS(on) max
ID
60V
9.4m
:@VGS = 10V
12A
PD - 97173A


Número de pieza similar - IRF7855TRPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
IRF7855 KEXIN-IRF7855 Datasheet
2Mb / 6P
   N-Channel MOSFET
IRF7855-HF KEXIN-IRF7855-HF Datasheet
2Mb / 6P
   N-Channel MOSFET
logo
International Rectifier
IRF7855PBF IRF-IRF7855PBF Datasheet
232Kb / 8P
   HEXFETPower MOSFET
IRF7855PBF IRF-IRF7855PBF Datasheet
618Kb / 8P
   Primary Side Switch in Bridge Topology in Isolated DC-DC Converters
IRF7855PBF IRF-IRF7855PBF_15 Datasheet
618Kb / 8P
   Primary Side Switch in Bridge Topology in Isolated DC-DC Converters
More results

Descripción similar - IRF7855TRPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7855PBF IRF-IRF7855PBF_15 Datasheet
618Kb / 8P
   Primary Side Switch in Bridge Topology in Isolated DC-DC Converters
IRF7853TRPBF IRF-IRF7853TRPBF Datasheet
214Kb / 8P
   Primary Side Switch in Bridge Topology
IRF8721PBF IRF-IRF8721PBF_15 Datasheet
235Kb / 9P
   Control MOSFET for Isolated DC-DC Converters in Networking Systems
IRF8714PBF IRF-IRF8714PBF_15 Datasheet
256Kb / 9P
   Control MOSFET for Isolated DC-DC Converters in Networking Systems
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com