Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM358DR2G Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza LM358DR2G
Descripción Electrónicos  Single Supply Dual Operational Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM358DR2G Datasheet(HTML) 4 Page - ON Semiconductor

  LM358DR2G Datasheet HTML 1Page - ON Semiconductor LM358DR2G Datasheet HTML 2Page - ON Semiconductor LM358DR2G Datasheet HTML 3Page - ON Semiconductor LM358DR2G Datasheet HTML 4Page - ON Semiconductor LM358DR2G Datasheet HTML 5Page - ON Semiconductor LM358DR2G Datasheet HTML 6Page - ON Semiconductor LM358DR2G Datasheet HTML 7Page - ON Semiconductor LM358DR2G Datasheet HTML 8Page - ON Semiconductor LM358DR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LM258, LM358, LM358A, LM2904, LM2904A, LM2904V, NCV2904, NCV2904V
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (VCC = 5.0 V, VEE = GND, TA = 25°C, unless otherwise noted.)
Characteristic
Symbol
LM258
LM358
LM358A
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Input Offset Voltage
VCC = 5.0 V to 30 V, VIC = 0 V to VCC −1.7 V,
VO ] 1.4 V, RS = 0 W
VIO
mV
TA = 25°C
2.0
5.0
2.0
7.0
2.0
3.0
TA = Thigh (Note 5)
7.0
9.0
5.0
TA = Tlow (Note 5)
7.0
9.0
5.0
Average Temperature Coefficient of Input Offset
Voltage
DVIO/DT
7.0
7.0
7.0
mV/°C
TA = Thigh to Tlow (Note 5)
Input Offset Current
IIO
3.0
30
5.0
50
5.0
30
nA
TA = Thigh to Tlow (Note 5)
100
150
75
Input Bias Current
IIB
−45
−150
−45
−250
−45
−100
TA = Thigh to Tlow (Note 5)
−50
−300
−50
−500
−50
−200
Average Temperature Coefficient of Input Offset
Current
DIIO/DT
10
10
10
pA/°C
TA = Thigh to Tlow (Note 5)
Input Common Mode Voltage Range (Note 6),
VCC = 30 V
VICR
0
28.3
0
28.3
0
28.5
V
VCC = 30 V, TA = Thigh to Tlow
0
28
0
28
0
28
Differential Input Voltage Range
VIDR
VCC
VCC
VCC
V
Large Signal Open Loop Voltage Gain
AVOL
V/mV
RL = 2.0 kW, VCC = 15 V, For Large VO Swing,
50
100
25
100
25
100
TA = Thigh to Tlow (Note 5)
25
15
15
Channel Separation
CS
−120
−120
−120
dB
1.0 kHz ≤ f ≤ 20 kHz, Input Referenced
Common Mode Rejection
CMR
70
85
65
70
65
70
dB
RS ≤ 10 kW
Power Supply Rejection
PSR
65
100
65
100
65
100
dB
Output Voltage−High Limit
TA = Thigh to Tlow (Note 5)
VOH
V
VCC = 5.0 V, RL = 2.0 kW, TA = 25°C
3.3
3.5
3.3
3.5
3.3
3.5
VCC = 30 V, RL = 2.0 kW
26
26
26
VCC = 30 V, RL = 10 kW
27
28
27
28
27
28
Output Voltage−Low Limit
VOL
5.0
20
5.0
20
5.0
20
mV
VCC = 5.0 V, RL = 10 kW,
TA = Thigh to Tlow (Note 5)
Output Source Current
IO +
mA
VID = +1.0 V, VCC = 15 V
20
40
20
40
20
40
TA = Thigh to Tlow (LM358A Only)
10
Output Sink Current
IO −
VID = −1.0 V, VCC = 15 V
10
20
10
20
10
20
mA
TA = Thigh to Tlow (LM358A Only)
5.0
mA
VID = −1.0 V, VO = 200 mV
12
50
12
50
12
50
mA
Output Short Circuit to Ground (Note 7)
ISC
40
60
40
60
40
60
mA
Power Supply Current (Total Device)
TA = Thigh to Tlow (Note 5)
ICC
mA
VCC = 30 V, VO = 0 V, RL = ∞
1.5
3.0
1.5
3.0
1.5
2.0
VCC = 5 V, VO = 0 V, RL = ∞
0.7
1.2
0.7
1.2
0.7
1.2
5. LM258: Tlow = −25°C, Thigh = +85°C
LM358, LM358A: Tlow = 0°C, Thigh = +70°C
LM2904/LM2904A: Tlow = −40°C, Thigh = +105°C
LM2904V & NCV2904: Tlow = −40°C, Thigh = +125°C
NCV2904 and NCV2904V are qualified for automotive use. NCV2904V: Tlow = −40°C, Thigh = +150°C
6. The input common mode voltage or either input signal voltage should not be allowed to go negative by more than 0.3 V. The upper end of
the common mode voltage range is VCC − 1.7 V.
7. Short circuits from the output to VCC can cause excessive heating and eventual destruction. Destructive dissipation can result from
simultaneous shorts on all amplifiers.


Número de pieza similar - LM358DR2G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LM358DR2G ONSEMI-LM358DR2G Datasheet
137Kb / 14P
   Single Supply Dual Operational Amplifiers
July, 2004 ??Rev. 18
LM358DR2G ONSEMI-LM358DR2G Datasheet
142Kb / 14P
   Single Supply Dual Operational Amplifiers
October, 2016 ??Rev. 32
LM358DR2G ONSEMI-LM358DR2G Datasheet
376Kb / 16P
   Single Supply Dual Operational Amplifiers
August, 2021 - Rev. 34
More results

Descripción similar - LM358DR2G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LM258 ONSEMI-LM258_06 Datasheet
234Kb / 14P
   Single Supply Dual Operational Amplifiers
June, 2006 ??Rev. 22
logo
Guangdong Kexin Industr...
KM386 KEXIN-KM386 Datasheet
59Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM358DG ONSEMI-LM358DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM258 ONSEMI-LM258_V01 Datasheet
376Kb / 16P
   Single Supply Dual Operational Amplifiers
August, 2021 - Rev. 34
logo
Taiwan Semiconductor Co...
TS358 TSC-TS358_09 Datasheet
763Kb / 8P
   Single Supply Dual Operational Amplifiers
logo
Guangdong Kexin Industr...
KM358 KEXIN-KM358 Datasheet
398Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM358S ONSEMI-LM358S Datasheet
101Kb / 9P
   Single Supply Dual Operational Amplifiers
October, 2014 ??Rev. 0
logo
Guangdong Kexin Industr...
LM358 KEXIN-LM358 Datasheet
882Kb / 3P
   Single Supply Dual Operational Amplifiers
logo
Shenzhen Luguang Electr...
LM358 LUGUANG-LM358 Datasheet
167Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
Guangdong Kexin Industr...
LM258 KEXIN-LM258 Datasheet
73Kb / 2P
   Single Supply Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com