Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FQPF4P40 Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza FQPF4P40
Descripción Electrónicos  400V P-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF4P40 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FQPF4P40 Datasheet HTML 1Page - Fairchild Semiconductor FQPF4P40 Datasheet HTML 2Page - Fairchild Semiconductor FQPF4P40 Datasheet HTML 3Page - Fairchild Semiconductor FQPF4P40 Datasheet HTML 4Page - Fairchild Semiconductor FQPF4P40 Datasheet HTML 5Page - Fairchild Semiconductor FQPF4P40 Datasheet HTML 6Page - Fairchild Semiconductor FQPF4P40 Datasheet HTML 7Page - Fairchild Semiconductor FQPF4P40 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©2000 Fairchild Semiconductor International
August 2000
Rev. A, August 2000
QFET
QFET
QFET
QFETTM
FQPF4P40
400V P-Channel MOSFET
General Description
These P-Channel enhancement mode power field effect
transistors are produced using Fairchild’s proprietary,
planar stripe, DMOS technology.
This advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are well
suited for electronic lamp ballast based on complimentary
half bridge.
Features
• -2.4A, -400V, RDS(on) = 3.1Ω @VGS = -10 V
• Low gate charge ( typical 18 nC)
• Low Crss ( typical 11 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
Symbol
Parameter
FQPF4P40
Units
VDSS
Drain-Source Voltage
-400
V
ID
Drain Current
- Continuous (TC = 25°C)
-2.4
A
- Continuous (TC = 100°C)
-1.52
A
IDM
Drain Current
- Pulsed
(Note 1)
-9.6
A
VGSS
Gate-Source Voltage
± 30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
260
mJ
IAR
Avalanche Current
(Note 1)
-2.4
A
EAR
Repetitive Avalanche Energy
(Note 1)
3.9
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
-4.5
V/ns
PD
Power Dissipation (TC = 25°C)
39
W
- Derate above 25°C
0.31
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
300
°C
Symbol
Parameter
Typ
Max
Units
RθJC
Thermal Resistance, Junction-to-Case
--
3.2
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
--
62.5
°C/W
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
S
D
G
TO-220F
FQPF Series
G
S
D


Número de pieza similar - FQPF4P40

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FQPF4P25 FAIRCHILD-FQPF4P25 Datasheet
573Kb / 8P
   250V P-Channel MOSFET
More results

Descripción similar - FQPF4P40

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kersemi Electronic Co.,...
KSMU4P40 KERSEMI-KSMU4P40 Datasheet
1Mb / 8P
   400V P-Channel MOSFET
logo
Fairchild Semiconductor
FQB2P40 FAIRCHILD-FQB2P40 Datasheet
586Kb / 9P
   400V P-Channel MOSFET
FQP2P40 FAIRCHILD-FQP2P40 Datasheet
576Kb / 8P
   400V P-Channel MOSFET
FQD4P40 FAIRCHILD-FQD4P40 Datasheet
647Kb / 9P
   400V P-Channel MOSFET
FQD2P40 FAIRCHILD-FQD2P40 Datasheet
715Kb / 9P
   400V P-Channel MOSFET
FQD2P40 FAIRCHILD-FQD2P40_08 Datasheet
646Kb / 9P
   400V P-Channel MOSFET
logo
Guangdong Kexin Industr...
KQB4P40 KEXIN-KQB4P40 Datasheet
63Kb / 2P
   400V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD4P40 KERSEMI-KSMD4P40 Datasheet
1Mb / 8P
   400V P-Channel MOSFET
logo
Fairchild Semiconductor
FQP4P40 FAIRCHILD-FQP4P40 Datasheet
637Kb / 8P
   400V P-Channel MOSFET
FQD4P40TF FAIRCHILD-FQD4P40TF Datasheet
764Kb / 9P
   400V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com