Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BU4909FP3 Datasheet(PDF) 4 Page - Rohm |
|
BU4909FP3 Datasheet(HTML) 4 Page - Rohm |
4 / 16 page Datasheet 4/13 BU48xx series BU49xx series TSZ02201-0R7R0G300060-1-2 © 2013 ROHM Co., Ltd. All rights reserved. 22.May.2013 Rev.008 www.rohm.com TSZ22111 ・ 15 ・ 001 ● Lineup Output Type Open Drain CMOS Detection Voltage Marking Part Number Marking Part Number 4.8V JR BU4848 LH BU4948 4.7V JQ BU4847 LG BU4947 4.6V JP BU4846 LF BU4946 4.5V JN BU4845 LE BU4945 4.4V JM BU4844 LD BU4944 4.3V JL BU4843 LC BU4943 4.2V JK BU4842 LB BU4942 4.1V JJ BU4841 LA BU4941 4.0V JH BU4840 KZ BU4940 3.9V JG BU4839 KY BU4939 3.8V JF BU4838 KX BU4938 3.7V JE BU4837 KW BU4937 3.6V JD BU4836 KV BU4936 3.5V JC BU4835 KU BU4935 3.4V JB BU4834 KT BU4934 3.3V JA BU4833 KS BU4933 3.2V HZ BU4832 KR BU4932 3.1V HY BU4831 KQ BU4931 3.0V HX BU4830 KP BU4930 2.9V HW BU4829 KN BU4929 2.8V HV BU4828 KM BU4928 2.7V HU BU4827 KL BU4927 2.6V HT BU4826 KK BU4926 2.5V HS BU4825 KJ BU4925 2.4V HR BU4824 KH BU4924 2.3V HQ BU4823 KG BU4923 2.2V HP BU4822 KF BU4922 2.1V HN BU4821 KE BU4921 2.0V HM BU4820 KD BU4920 1.9V HL BU4819 KC BU4919 1.8V HK BU4818 KB BU4918 1.7V HJ BU4817 KA BU4917 1.6V HH BU4816 JZ BU4916 1.5V HG BU4815 JY BU4915 1.4V HF BU4814 JX BU4914 1.3V HE BU4813 JW BU4913 1.2V HD BU4812 JV BU4912 1.1V HC BU4811 JU BU4911 1.0V HB BU4810 JT BU4910 0.9V HA BU4809 JS BU4909 |
Número de pieza similar - BU4909FP3 |
|
Descripción similar - BU4909FP3 |