Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC7812CD2TG Datasheet(PDF) 10 Page - ON Semiconductor

No. de pieza MC7812CD2TG
Descripción Electrónicos  1.0 A Positive Voltage Regulators
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC7812CD2TG Datasheet(HTML) 10 Page - ON Semiconductor

Back Button MC7812CD2TG Datasheet HTML 6Page - ON Semiconductor MC7812CD2TG Datasheet HTML 7Page - ON Semiconductor MC7812CD2TG Datasheet HTML 8Page - ON Semiconductor MC7812CD2TG Datasheet HTML 9Page - ON Semiconductor MC7812CD2TG Datasheet HTML 10Page - ON Semiconductor MC7812CD2TG Datasheet HTML 11Page - ON Semiconductor MC7812CD2TG Datasheet HTML 12Page - ON Semiconductor MC7812CD2TG Datasheet HTML 13Page - ON Semiconductor MC7812CD2TG Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
MC7800, MC7800A, MC7800AE, NCV7800
http://onsemi.com
10
ELECTRICAL CHARACTERISTICS (Vin = 15 V, IO = 1.0 A, TJ = Tlow to 125C (Note 15), unless otherwise noted)
Characteristic
Symbol
MC7809AB/MC7809AC
Unit
Min
Typ
Max
Output Voltage (TJ = 25C)
VO
8.82
9.0
9.18
Vdc
Output Voltage (5.0 mA  IO  1.0 A, PD  15 W)
11.5 Vdc  Vin  24 Vdc
VO
8.65
9.0
9.35
Vdc
Line Regulation (Note 16)
11.5 Vdc  Vin  26 Vdc, IO = 500 mA
12 Vdc  Vin  17 Vdc, IO = 1.0 A
11.5 Vdc  Vin  24 Vdc, TJ = 25C
Regline
6.2
1.8
5.2
16
7.0
16
mV
Load Regulation (Note 16)
5.0 mA  IO  1.5 A, TJ = 25C
5.0 mA  IO  1.0 A
250 mA  IO  750 mA
Regload
25
25
15
mV
Quiescent Current
IB
3.3
6.0
mA
Quiescent Current Change
11.5 Vdc  Vin  26 Vdc, IO = 500 mA
11.5 Vdc  Vin  24 Vdc, IO = 1.0 A, TJ = 25C
5.0 mA  IO  1.0 A
DIB
0.8
0.8
0.5
mA
Ripple Rejection
11.5 Vdc  Vin  21.5 Vdc, f = 120 Hz, IO = 500 mA
RR
56
61
dB
Dropout Voltage (IO = 1.0 A, TJ = 25C)
VI _ VO
2.0
Vdc
Output Noise Voltage (TA = 25C)
10 Hz  f  100 kHz
Vn
10
mV/VO
Output Resistance f = 1.0 kHz
rO
1.0
mW
Short Circuit Current Limit (TA = 25C)
Vin = 35 Vdc
ISC
0.2
A
Peak Output Current (TJ = 25C)
Imax
2.2
A
Average Temperature Coefficient of Output Voltage
TCVO
−0.5
mV/C
15.Tlow =0C for MC78XXC, MC78XXAC,
= *40C for NCV78XX, MC78XXB, MC78XXAB.
16.Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account
separately. Pulse testing with low duty cycle is used.


Número de pieza similar - MC7812CD2TG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC7812CD2TG ONSEMI-MC7812CD2TG Datasheet
234Kb / 32P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
April, 2005 ??Rev. 14
MC7812CD2TG ONSEMI-MC7812CD2TG Datasheet
245Kb / 32P
   1.0 A Positive Voltage Regulators
August, 2006 ??Rev. 15
MC7812CD2TG ONSEMI-MC7812CD2TG Datasheet
269Kb / 34P
   1.0 A Positive Voltage Regulators
April, 2012 ??Rev. 25
MC7812CD2TG ONSEMI-MC7812CD2TG Datasheet
217Kb / 31P
   1.0 A Positive Voltage Regulators
November, 2014 ??Rev. 27
More results

Descripción similar - MC7812CD2TG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC7800 ONSEMI-MC7800_06 Datasheet
245Kb / 32P
   1.0 A Positive Voltage Regulators
August, 2006 ??Rev. 15
NCP7800 ONSEMI-NCP7800 Datasheet
167Kb / 9P
   1.0 A Positive Voltage Regulators
October, 2009 ??Rev. 0
MC7800 ONSEMI-MC7800_14 Datasheet
217Kb / 31P
   1.0 A Positive Voltage Regulators
November, 2014 ??Rev. 27
MC7800 ONSEMI-MC7800_10 Datasheet
295Kb / 33P
   1.0 A Positive Voltage Regulators
July, 2010 ??Rev. 21
MC7800 ONSEMI-MC7800_11 Datasheet
269Kb / 34P
   1.0 A Positive Voltage Regulators
April, 2012 ??Rev. 25
logo
Suntac Electronic Corp.
STC7800 SUNTAC-STC7800 Datasheet
169Kb / 11P
   1.0 A Positive Voltage Regulators
logo
ON Semiconductor
NCP7812TG ONSEMI-NCP7812TG Datasheet
144Kb / 12P
   1.0 A Positive Voltage Regulators
June, 2010 ??Rev. 1
MC7800 ONSEMI-MC7800_V01 Datasheet
439Kb / 28P
   Voltage Regulators - Positive 1.0 A
November, 2021 - Rev. 29
logo
Semtech Corporation
EZ1117 SEMTECH-EZ1117_06 Datasheet
476Kb / 6P
   0.8 & 1.0 AMP Positive Voltage Regulators
EZ1117 SEMTECH-EZ1117 Datasheet
126Kb / 4P
   0.8 & 1.0 AMP POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com