Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BAT74.215 Datasheet(PDF) 4 Page - NXP Semiconductors |
|
BAT74.215 Datasheet(HTML) 4 Page - NXP Semiconductors |
4 / 11 page BAT74_3 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 03 — 19 April 2010 4 of 10 NXP Semiconductors BAT74 Schottky barrier double diode (1) Tamb = 125 °C (2) Tamb =85 °C (3) Tamb =25 °C (1) Tamb = 125 °C (2) Tamb =85 °C (3) Tamb =25 °C Fig 1. Forward current as a function of forward voltage; typical values Fig 2. Reverse current as a function of reverse voltage; typical values f=1MHz; Tamb =25 °C Standard footprint Fig 3. Diode capacitance as a function of reverse voltage; typical values Fig 4. Power derating curve 103 102 10−1 IF (mA) VF (V) 10 1 1.2 0.8 0.4 0 msa892 (3) (2) (1) (3) (2) (1) 010 20 30 VR (V) 103 102 10−1 IR ( μA) 10 1 (1) (2) (3) msa893 010 20 30 0 5 10 15 VR (V) Cd (pF) msa891 msa894 0 100 200 300 Ptot (mW) 150 75 0 Tamb (°C) |
Número de pieza similar - BAT74.215 |
|
Descripción similar - BAT74.215 |