Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN6863WTY Datasheet(PDF) 11 Page - Fairchild Semiconductor

No. de pieza FAN6863WTY
Descripción Electrónicos  Low Standby Power: Under 0.1W
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6863WTY Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN6863WTY Datasheet HTML 7Page - Fairchild Semiconductor FAN6863WTY Datasheet HTML 8Page - Fairchild Semiconductor FAN6863WTY Datasheet HTML 9Page - Fairchild Semiconductor FAN6863WTY Datasheet HTML 10Page - Fairchild Semiconductor FAN6863WTY Datasheet HTML 11Page - Fairchild Semiconductor FAN6863WTY Datasheet HTML 12Page - Fairchild Semiconductor FAN6863WTY Datasheet HTML 13Page - Fairchild Semiconductor FAN6863WTY Datasheet HTML 14Page - Fairchild Semiconductor FAN6863WTY Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6863W • Rev. 1.0.1
11
Operation Description
Startup Operation
Figure 24 shows a typical startup circuit and transformer
auxiliary winding for a typical application. Before
switching operation begins, FAN6863W consumes only
startup current (typically 8µA) and the current supplied
through the startup resistor charges the VDD capacitor
(CDD). When VDD reaches turn-on voltage of 16V (VDD-
ON),
switching begins and the current consumed
increases to 2mA. Power is then supplied from the
transformer auxiliary winding. The large hysteresis of
VDD (7V) provides more holdup time, which allows using
a small capacitor for VDD. The startup resistor is typically
connected to AC line for a fast reset of latch protection.
Figure 24. Startup Circuit
Green-Mode Operation
The FAN6863W uses feedback voltage (VFB) as an
indicator of the output load and modulates the PWM
frequency, as shown in Figure 25, such that the
switching frequency decreases as load decreases. In
heavy-load conditions, the switching frequency is
65kHz. Once VFB decreases below VFB-N (2.5V), the
PWM frequency starts to linearly decrease from 65kHz
to 22.5kHz to reduce the switching losses. As VFB
decreases below VFB-G (2.2V), the switching frequency
is fixed at 22.5kHz and FAN6863W enters “deep” Green
Mode, where the operating current decreases to 600µA
(maximum), further reducing the standby power
consumption. As VFB decreases below VFB-ZDC (1.6V),
FAN6863W enters Burst-Mode operation. When VFB
drops below VFB-ZDC, switching stops and the output
voltage starts to drop, which causes the feedback
voltage to rise. Once VFB rises above VFB-ZDC, switching
resumes. Burst Mode alternately enables and disables
switching, thereby reducing switching loss in Standby
Mode, as shown in Figure 26.
Figure 25. PWM Frequency
Figure 26. Burst-Mode Operation
Frequency Hopping
EMI reduction is accomplished by frequency hopping,
which spreads the energy over a wider frequency range
than the bandwidth measured by the EMI test
equipment. An internal frequency hopping circuit
changes the switching frequency between 61.0kHz and
69.0kHz with a period of 4.4ms, as shown in Figure 27.
It covers the whole frequency range in hopping function
and shrinks the period with operation frequency
proportionally.
Figure 27. Frequency Hopping


Número de pieza similar - FAN6863WTY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN6863WTY FAIRCHILD-FAN6863WTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
More results

Descripción similar - FAN6863WTY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Power Mate Technology C...
TAD100 P-DUKE-TAD100 Datasheet
2Mb / 5P
   LOW STANDBY POWER CONSUMPTION UNDER 0.3 WATT
MAD100 P-DUKE-MAD100 Datasheet
2Mb / 5P
   LOW STANDBY POWER CONSUMPTION UNDER 0.3 WATT
logo
Micross Components
AS5C2568 MICROSS-AS5C2568 Datasheet
217Kb / 17P
   Low power standby
logo
Diodes Incorporated
AL1788 DIODES-AL1788 Datasheet
398Kb / 13P
   LOW STANDBY POWER PFC CONTROLLER
logo
DIWELL Electronics Co.,...
AUS-0.1W DIWELL-AUS-0.1W Datasheet
349Kb / 5P
   0.1W UNREGULATED
2019/12/24
logo
ON Semiconductor
NCP1225 ONSEMI-NCP1225 Datasheet
44Kb / 6P
   Low Standby Power SMPS Controller
November, 2003 ??Rev. P0
logo
Recom International Pow...
RACD04 RECOM-RACD04 Datasheet
460Kb / 4P
   low Standby Power, ErP conform
RACV04 RECOM-RACV04 Datasheet
1Mb / 4P
   low Standby Power, ErP conform
logo
MORNSUN Science& Techno...
LO15-26D1305-03 MORNSUN-LO15-26D1305-03 Datasheet
1Mb / 4P
   Low ripple & noise, Low standby power consumption
LO10-26D0512-04L MORNSUN-LO10-26D0512-04L Datasheet
947Kb / 4P
   Low ripple & noise, Low standby power consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com