Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FQPF7N10 Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza FQPF7N10
Descripción Electrónicos  100V LOGIC N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF7N10 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FQPF7N10 Datasheet HTML 1Page - Fairchild Semiconductor FQPF7N10 Datasheet HTML 2Page - Fairchild Semiconductor FQPF7N10 Datasheet HTML 3Page - Fairchild Semiconductor FQPF7N10 Datasheet HTML 4Page - Fairchild Semiconductor FQPF7N10 Datasheet HTML 5Page - Fairchild Semiconductor FQPF7N10 Datasheet HTML 6Page - Fairchild Semiconductor FQPF7N10 Datasheet HTML 7Page - Fairchild Semiconductor FQPF7N10 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
©2000 Fairchild Semiconductor International
Rev. A4, December 2000
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-1
10
0
10
1
※ N o te s :
1 . Z
θ JC( t ) = 6. 52
℃ /W M a x .
2 . D u ty F a c t o r , D = t
1 /t 2
3 . T
JM - T C
= P
DM
* Z
θ JC (t )
s i ngl e p u ls e
D= 0 . 5
0. 0 2
0. 2
0. 0 5
0. 1
0. 0 1
t
1 , S q uar e
W a v e P u ls e D u r a t ion [ s ec]
25
50
75
100
125
150
175
0
1
2
3
4
5
6
T
C, Case Temperature [
℃]
10
0
10
1
10
2
10
-1
10
0
10
1
10
2
1 ms
DC
100 ms
10 ms
100
µs
Operation in This Area
is Limited by R
DS(on)
※ Notes :
1. T
C = 25
o
C
2. T
J = 175
o
C
3. Single Pulse
V
DS, Drain-Source Voltage [V]
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
※ Notes :
1. V
GS = 5 V
2. I
D = 3.65 A
T
J, Junction Temperature [
o
C]
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
※ Notes :
1. V
GS = 0 V
2. I
D
= 250 μA
T
J, Junction Temperature [
o
C]
Typical Characteristics (Continued)
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs. Case Temperature
Figure 7. Breakdown Voltage Variation
vs. Temperature
Figure 8. On-Resistance Variation
vs. Temperature
Figure 11. Transient Thermal Response Curve
t
1
PDM
t
2


Número de pieza similar - FQPF7N10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FQPF7N10 FAIRCHILD-FQPF7N10 Datasheet
547Kb / 8P
   100V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQPF7N10 ISC-FQPF7N10 Datasheet
277Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
FQPF7N10L ISC-FQPF7N10L Datasheet
277Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
More results

Descripción similar - FQPF7N10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FQD13N10L FAIRCHILD-FQD13N10L Datasheet
548Kb / 9P
   100V LOGIC N-Channel MOSFET
FQB33N10L FAIRCHILD-FQB33N10L Datasheet
660Kb / 9P
   100V LOGIC N-Channel MOSFET
FQPF19N10L FAIRCHILD-FQPF19N10L Datasheet
614Kb / 8P
   100V LOGIC N-Channel MOSFET
FQU13N10L FAIRCHILD-FQU13N10L_09 Datasheet
635Kb / 9P
   100V LOGIC N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD13N10L KERSEMI-KSMD13N10L Datasheet
1Mb / 8P
   100V LOGIC N-Channel MOSFET
KSM13N10L KERSEMI-KSM13N10L Datasheet
1Mb / 6P
   100V LOGIC N-Channel MOSFET
logo
Fairchild Semiconductor
FQB19N10L FAIRCHILD-FQB19N10L Datasheet
609Kb / 9P
   100V LOGIC N-Channel MOSFET
FQT7N10L FAIRCHILD-FQT7N10L Datasheet
642Kb / 8P
   100V LOGIC N-Channel MOSFET
FQB7N10L FAIRCHILD-FQB7N10L Datasheet
556Kb / 9P
   100V LOGIC N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMU13N10L KERSEMI-KSMU13N10L Datasheet
1Mb / 8P
   100V LOGIC N-Channel MOSFET
KSMD7N10L KERSEMI-KSMD7N10L Datasheet
1Mb / 8P
   100V LOGIC N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com