Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FQD7P20TF Datasheet(PDF) 8 Page - Fairchild Semiconductor

No. de pieza FQD7P20TF
Descripción Electrónicos  Low Crss(typical 25 pF)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD7P20TF Datasheet(HTML) 8 Page - Fairchild Semiconductor

  FQD7P20TF Datasheet HTML 1Page - Fairchild Semiconductor FQD7P20TF Datasheet HTML 2Page - Fairchild Semiconductor FQD7P20TF Datasheet HTML 3Page - Fairchild Semiconductor FQD7P20TF Datasheet HTML 4Page - Fairchild Semiconductor FQD7P20TF Datasheet HTML 5Page - Fairchild Semiconductor FQD7P20TF Datasheet HTML 6Page - Fairchild Semiconductor FQD7P20TF Datasheet HTML 7Page - Fairchild Semiconductor FQD7P20TF Datasheet HTML 8Page - Fairchild Semiconductor FQD7P20TF Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
  
 
    
6.60
±0.20
0.76
±0.10
MAX0.96
2.30TYP
[2.30
±0.20]
2.30TYP
[2.30
±0.20]
5.34
±0.20
0.50
±0.10
0.50
±0.10
2.30
±0.20
(0.50)
(0.50)
(4.34)



Número de pieza similar - FQD7P20TF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FQD7P20 FAIRCHILD-FQD7P20 Datasheet
710Kb / 9P
   200V P-Channel MOSFET
logo
Inchange Semiconductor ...
FQD7P20 ISC-FQD7P20 Datasheet
310Kb / 2P
   isc P-Channel MOSFET Transistor
More results

Descripción similar - FQD7P20TF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
FQS4903TF ETC2-FQS4903TF Datasheet
740Kb / 8P
   Low Css (typical 4.5 pF)
logo
STMicroelectronics
STB130N6F7 STMICROELECTRONICS-STB130N6F7 Datasheet
851Kb / 14P
   Low Crss/Ciss ratio for EMI immunity
logo
Rochester Electronics
74HC123A ROCHESTER-74HC123A Datasheet
443Kb / 4P
   Dual Retriggerable Monostable Multivibrator Typical propagation delay: 25 ns
logo
Maxim Integrated Produc...
USB2GPIOISO MAXIM-USB2GPIOISO Datasheet
1Mb / 8P
   Low Propagation Delay 10ns, Typical
Rev 0; 4/18
logo
Fairchild Semiconductor
FQPF5N50CFTU FAIRCHILD-FQPF5N50CFTU Datasheet
662Kb / 8P
   Low gate charge ( typical 18nC)
logo
Guangdong Youtai Semico...
SN74LVC1G08 UMW-SN74LVC1G08_V01 Datasheet
2Mb / 10P
   Low input current: 0.1uA typical
logo
Micro Commercial Compon...
ESDSLC16VLB MCC-ESDSLC16VLB Datasheet
657Kb / 3P
   Ultra Low Capacitance 0.7pF typical
logo
First Silicon Co., Ltd
LB6S FS-LB6S Datasheet
158Kb / 2P
   Low Profile: Typical height of 1.4mm
logo
Analog Devices
HMC8410 AD-HMC8410 Datasheet
399Kb / 16P
   Low noise figure: 1.1 dB typical
logo
Guangdong Youtai Semico...
SN74LVC1G08 UMW-SN74LVC1G08 Datasheet
2Mb / 10P
   Low input current: typical value 0.1uA
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com