Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2903M Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza LM2903M
Descripción Electrónicos  Single Supply Operation: 2V to 36V
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM2903M Datasheet(HTML) 4 Page - Fairchild Semiconductor

  LM2903M Datasheet HTML 1Page - Fairchild Semiconductor LM2903M Datasheet HTML 2Page - Fairchild Semiconductor LM2903M Datasheet HTML 3Page - Fairchild Semiconductor LM2903M Datasheet HTML 4Page - Fairchild Semiconductor LM2903M Datasheet HTML 5Page - Fairchild Semiconductor LM2903M Datasheet HTML 6Page - Fairchild Semiconductor LM2903M Datasheet HTML 7Page - Fairchild Semiconductor LM2903M Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LM2903,LM393/LM393A,LM293A
4
Electrical Characteristics (Continued)
(VCC = 5V, TA = 25C, unless otherwise specified)
Note1
LM393/LM393A: 0
TA +70C
LM2903: -40
TA  +105C
LM293A : -25
TA  +85C
Parameter
Symbol
Conditions
LM2903
Unit
Min.
Typ.
Max.
Input Offset Voltage
VIO
VO(P) =1.4V, RS = 0
-
1
7
mV
VCM= 0 to 1.5V
Note1
-
9
15
Input Offset Current
IIO
-
5
50
nA
Note1
-
50
200
Input Bias Current
IBIAS
-65
250
nA
Note1
-
-
500
Input Common Mode
Voltage Range
VI(R)
0-
VCC
-1.5
V
Note1
0
-
VCC-2
Supply Current
ICC
RL = , VCC = 5V
-
0.6
1
mA
RL = , VCC = 30V
-
1
2.5
Voltage Gain
GV
VCC =15V, RL15k
(for large VO(P-P)swing)
25
100
-
V/mV
Large Signal Response Time
TLRES
VI =TTL Logic Swing
VREF =1.4V, VRL = 5V, RL = 5.1k
-
350
-
nS
Response Time
TRES
VRL = 5V, RL = 5.1k
-1.5
-
S
Output Sink Current
ISINK
VI(-) 1V, VI(+) = 0V, VO(P) 1.5V
6
16
-
mA
Output Saturation Voltage
VSAT
VI(-) 1V, VI(+) = 0V
-
160
400
mV
ISINK = 4mA
Note1
-
-
700
Output Leakage Current
IO(LKG)
VI(-) = 0V,
VO(P) = 5V
-
0.1
-
nA
VI(+) = 1V
VO(P) = 30V
-
-
1.0
A


Número de pieza similar - LM2903M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2903M NSC-LM2903M Datasheet
322Kb / 15P
   Low Power Low Offset Voltage Dual Comparators
logo
Fairchild Semiconductor
LM2903M FAIRCHILD-LM2903M Datasheet
77Kb / 8P
   Dual Differential Comparator
logo
Texas Instruments
LM2903M TI1-LM2903M Datasheet
447Kb / 17P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
LM2903M TI1-LM2903M Datasheet
1Mb / 24P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
logo
Fairchild Semiconductor
LM2903M FAIRCHILD-LM2903M Datasheet
155Kb / 8P
   Dual Differential Comparator
More results

Descripción similar - LM2903M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX20048EVKIT MAXIM-MAX20048EVKIT Datasheet
99Kb / 2P
   2V to 36V Input Supply Range
logo
Cadeka Microcircuits LL...
CLC2550 CADEKA-CLC2550 Datasheet
1Mb / 11P
   Low Power, Low Offset, 2V to 36V Comparators
logo
Exar Corporation
CLC2550 EXAR-CLC2550 Datasheet
1Mb / 11P
   Low Power, Low Offset, 2V to 36V Comparators
logo
Analog Devices
MAX25239 AD-MAX25239 Datasheet
1Mb / 24P
   Automotive 2V to 36V, 6A Buck-Boost Converters
Rev 6; 7/22
logo
Maxim Integrated Produc...
MAX5498EVKIT MAXIM-MAX5498EVKIT Datasheet
313Kb / 13P
   2.7V to 5.25V Single-Supply Operation
Rev 1; 12/08
MAX5389EVKIT MAXIM-MAX5389EVKIT Datasheet
645Kb / 7P
   2.8V to 5.5V Single-Supply Operation
Rev 0; 4/10
MAX44264EVKIT MAXIM-MAX44264EVKIT Datasheet
844Kb / 7P
   1.8V to 5.5V Single-Supply Operation
19-5757; Rev 0; 2/11
MAX3580EVKIT MAXIM-MAX3580EVKIT Datasheet
376Kb / 7P
   3.1V to 3.5V Single-Supply Operation
Rev 0; 7/07
MAX3162EVKIT MAXIM-MAX3162EVKIT Datasheet
896Kb / 6P
   3.0V to 5.5V Single-Supply Operation
2009
MAX5386MEVMINIQU MAXIM-MAX5386MEVMINIQU Datasheet
1Mb / 14P
   2.6V to 5.25V Single-Supply Operation
Rev 0; 1/10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com