Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SDF-01T-1.3AS Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers |
|
SDF-01T-1.3AS Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers |
8 / 8 page 16 Crimping tools Contact and Applicable dies J1000 Type II L S S M M L L 2L J1LL J2SL J3SL J2ML J3ML J2LL J3LL J32LL Yellow green Handle unit Upper pin Lower pin Case White Yellow Purple Green Orange Red Blue J2000 J300 Series Anvil Common parts Color mark Nominal Contact Model No. Crimper Receptacle SF1F-21(*)-P0.6 SJ2F-002GF-P1.0 SJ2F-01GF-P1.0 SJ2F-21GF-P1.0 SF3F-002 (*) -P2.0 SF3F-01 (*) -P2.0 SF3F-41 (*) -P2.0 SF3F-71 (*) -P2.0 SF1M-21(*)-M0.6A J1LA / B J1LC / D J2SA / B J2MA / B J2LA / B J3SA / B J3SC / D J3MA / B J3MC / D J3LA / B J3LC / D J32LA / B SJ2M-002GF-M1.0N SJ2M-01GF-M1.0N SJ2M-21GF-M1.0N — SF3M-01 (*) -M2.0N SF3M-41 (*) -M2.0N SF3M-71 (*) -M2.0N Tab Crimper Model No. Applicable wire size AWG Insulation O.D. (mm) Die mark A B C D A B A B A B A B C D A B C D A B C D A B #20 #18 #22 KV0.75 #28 #24 #24 #20 #22 #20 #28 #24 #26 #24 #24 #20 #22 #20 #20 #16 #18 #18 #16 #14 1.76 2.03 1.58 1.90 1.20 1.43 1.43 1.53 1.58 1.76 1.20 1.43 1.30 1.11 1.43 1.76 1.58 2.56 1.76 2.35 2.03 2.83 3.10 3.30 YRK-EX • High reliability of crimping is provided by choosing the crimper and anvil suitable for the wire specification. • The crimping die can be easily exchanged by only insertion and extraction of pin. • Common handle and crimping dies can be stored in One case and it is easy to carry. Dies replacement type hand crimping tools Patent pending Dimensions: 376(W) ×295(L)×73(D)mm Dimensions: 75(W) ×314(L)×25(D)mm Weight: Approx. 800g (When assembling dies) *1 Note: 1. J1000 Finish(*): T ...... Tin-plated GC ... Gold-plated 2. J300 Finish(*): GF… Nickel-undercoated, 0.38 μm selective gold-plated GI… Nickel-undercoated, 0.76 μm selective gold-plated T ...... Tin-plated 3. The wear of parts is caused by using hand tool repeatedly. Measure the crimping height daily and conduct periodical inspection of the wearing parts, such as ratchet, pin and so on. *1... Crimper is either the pair of A and B or the pair of C and D. *2... When using wire type UL 2517. *2 15 Crimping tools Contact and Applicable dies J1000 Type II L S S M M L L 2L J2000 J300 Series Nominal Contact Model No. Receptacle SF1F-21 (*) -P0.6 SJ2F-002GF-P1.0 SJ2F-01GF-P1.0 SJ2F-21GF-P1.0 SF3F-002 (*) -P2.0 SF3F-01 (*) -P2.0 SF3F-41 (*) -P2.0 SF3F-71 (*) -P2.0 SF1M-21 (*) -M0.6A YRK-1210 YRK-8851 YRK-8861 YRK-1120 YRK-8821 YRK-8811 YRK-8801 YRK-1071 LA / LB LC / LD SA / SB MA / MB LA / LB SA / SB SC / SD MA / MB MC / MD LA / LB LC / LD 2LA / 2LB SJ2M-002GF-M1.0N SJ2M-01GF-M1.0N SJ2M-21GF-M1.0N — SF3M-01 (*) -M2.0N SF3M-41 (*) -M2.0N SF3M-71 (*) -M2.0N Tab Hand crimp tools Model No. of crimper Applicable wire size AWG Insulation O.D. (mm) Marking LA LB LC LD SA SB MA MB LA LB SA SB SC SD MA MB MC MD LA LB LC LD 2LA 2LB #22 KV0.75 #20 #18 #28 #24 #24 #20 #22 #20 #28 #24 #26 #24 #24 #20 #22 #20 #20 #16 #18 #18 #16 #14 1.58 1.90 1.76 2.03 1.20 1.43 1.43 1.53 1.58 1.76 1.20 1.43 1.30 1.11 1.43 1.76 1.58 2.56 1.76 2.35 2.03 2.83 3.10 3.30 *1 *2 YRK series hand crimping tools suitable for mass-production • Crimping work, such as setting contacts to hand tools etc., is facilitated by using a strip contact to improve the productivity. • A light operation enables to terminate the contact correctly, by adopting straight-ahead crimping. • A structure, that the carrier of contact doesn't fly off, has been adopted to this tool. YRK Standard type • When exchanging the crimper, the crimping suitable for the wire specification can be conducted. • Anvil is fixed to tool. Hand Crimping Tools Dimensions: 75(W) ×314(L)×25(D)mm Weight: Approx. 800g (When assembling dies) Note: 1. J1000 Finish(*): T ...... Tin-plated GC ... Gold-plated 2. J300 Finish(*): GF… Nickel-undercoated, 0.38 μm selective gold-plated GI… Nickel-undercoated, 0.76 μm selective gold-plated T ...... Tin-plated 3. The wear of parts is caused by using hand tool repeatedly. Measure the crimping height daily and conduct periodical inspection of the wearing parts, such as ratchet, pin and so on. *1... Crimper is either the pair of A and B or the pair of C and D. *2... When using wire type UL 2517. |
Número de pieza similar - SDF-01T-1.3AS |
|
Descripción similar - SDF-01T-1.3AS |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |