Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI3011-F-GM Datasheet(PDF) 8 Page - Silicon Laboratories

No. de pieza SI3011-F-GM
Descripción Electrónicos  PROGRAMMABLE VOICE DAA SOLUTIONS
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3011-F-GM Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button SI3011-F-GM Datasheet HTML 4Page - Silicon Laboratories SI3011-F-GM Datasheet HTML 5Page - Silicon Laboratories SI3011-F-GM Datasheet HTML 6Page - Silicon Laboratories SI3011-F-GM Datasheet HTML 7Page - Silicon Laboratories SI3011-F-GM Datasheet HTML 8Page - Silicon Laboratories SI3011-F-GM Datasheet HTML 9Page - Silicon Laboratories SI3011-F-GM Datasheet HTML 10Page - Silicon Laboratories SI3011-F-GM Datasheet HTML 11Page - Silicon Laboratories SI3011-F-GM Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 128 page
background image
Si3050 + Si3011/18/19
8
Rev. 1.5
Table 4. AC Characteristics
(VD = 3.0 to 3.6 V, TA = 0 to 70 °C, Fs = 8000 Hz, see "2. Typical Application Schematic" on page 17)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Sample Rate
Fs
8
16
kHz
PCLK Input Frequency
PCLK
256
8192
kHz
Receive Frequency Response
Low –3 dBFS Corner, FILT = 0
5
Hz
Receive Frequency Response
Low –3 dBFS Corner, FILT = 1
200
Hz
Transmit Full-Scale Level1
VFS
FULL = 0 (0 dBm)
1.1
VPEAK
FULL = 1 (+3.2 dBm)2
—1.58
VPEAK
FULL2 = 1 (+6.0 dBm)2
—2.16
VPEAK
Receive Full-Scale Level1,3
VFS
FULL = 0 (0 dBm)
1.1
VPEAK
FULL = 1 (+3.2 dBm)2
—1.58
VPEAK
FULL2 = 1 (+6.0 dBm)2
—2.16
VPEAK
Dynamic Range4,5,6
DR
ILIM = 0, DCV = 11, MINI=00
DCR = 0, IL =100 mA
—80
dB
Dynamic Range4,5,6
DR
ILIM = 0, DCV = 00, MINI=11
DCR = 0, IL =20mA
—80
dB
Dynamic Range4,5,6
DR
ILIM = 1, DCV = 11, MINI=00
DCR = 0, IL =50mA
—80
dB
Transmit Total Harmonic
Distortion6,7
THD
ILIM = 0, DCV = 11, MINI=00
DCR = 0, IL =100 mA
—–72
dB
Transmit Total Harmonic
Distortion6,7
THD
ILIM = 0, DCV = 00, MINI=11
DCR = 0, IL =20mA
—–78
dB
Receive Total Harmonic
Distortion6,7
THD
ILIM = 0, DCV = 00, MINI=11
DCR = 0, IL =20mA
—–78
dB
Receive Total Harmonic
Distortion6,7
THD
ILIM = 1,DCV = 11, MINI=00
DCR = 0, IL =50mA
—–78
dB
Notes:
1. Measured at TIP and RING with 600
termination at 1 kHz, as shown in Figure 1 on page 6.
2. With FULL = 1, the transmit and receive full-scale level of +3.2 dBm can be achieved with a 600
 ac termination.
While the transmit and receive level in dBm varies with reference impedance, the DAA will transmit and receive 1 dBV
into all reference impedances. With FULL2 = 1, the transmit and receive full-scale level of +6.0 dBm can be achieved
with a 600
 termination. In this mode, the DAA will transmit and receive +1.5 dBV into all reference impedances.
3. Receive full-scale level produces –0.9 dBFS at DTX.
4. DR = 20 x log (RMS VFS/RMS Vin) + 20 x log (RMS Vin/RMS noise). The RMS noise measurement excludes
harmonics. Here, VFS is the 0 dBm full-scale level per Note 1 above.
5. Measurement is 300 to 3400 Hz. Applies to both transmit and receive paths.
6. Vin=1kHz, –3dBFS.
7. THD = 20 x log (RMS distortion/RMS signal).
8. DRCID = 20 x log (RMS VCID/RMS VIN) + 20 x log (RMS VIN/RMS noise). VCID is the 1.5 V full-scale level with the
enhanced caller ID circuit. With the typical CID circuit, the VCID full-scale level is 6 V peak, and the DRCID decreases to
50 dB.
9. Refer to Tables 10–11 for relative gain accuracy characteristics (passband ripple).
10. Analog hybrid only. ZACIM controlled by ACIM in Register 30.


Número de pieza similar - SI3011-F-GM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SI3011-F-GM SKYWORKS-SI3011-F-GM Datasheet
1Mb / 128P
   PROGRAMMABLE VOICE DAA SOLUTIONS
Rev. 1.5 August 24, 2021
More results

Descripción similar - SI3011-F-GM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SI3050 SKYWORKS-SI3050 Datasheet
1Mb / 128P
   PROGRAMMABLE VOICE DAA SOLUTIONS
Rev. 1.5 August 24, 2021
logo
Silicon Laboratories
SI3011 SILABS-SI3011 Datasheet
3Mb / 128P
   PROGRAMMABLE VOICE DAA SOLUTIONS
SI3050-KT SILABS-SI3050-KT Datasheet
1Mb / 112P
   GLOBAL VOICE DAA
SI3216 SILABS-SI3216 Datasheet
234Kb / 2P
   Broadband AND Voice Telephony Solutions
logo
CML Microcircuits
CMX885 CMLMICRO-CMX885 Datasheet
1Mb / 69P
   Programmable Voice Scrambler
CMX148 CMLMICRO-CMX148 Datasheet
1Mb / 75P
   Programmable Voice Scrambler
logo
IXYS Corporation
CYG2111 IXYS-CYG2111 Datasheet
138Kb / 5P
   Cybergate DAA
CYG2110 IXYS-CYG2110 Datasheet
490Kb / 4P
   Cybergate DAA
CYG2217 IXYS-CYG2217 Datasheet
124Kb / 4P
   Cybergate DAA
CYG2320 IXYS-CYG2320 Datasheet
136Kb / 5P
   Cybergate DAA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com