Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI3015-F-FSR Datasheet(PDF) 8 Page - Silicon Laboratories

No. de pieza SI3015-F-FSR
Descripción Electrónicos  V.22BIS ISOMODEM CHIPSET WITH ERROR CORRECTION
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3015-F-FSR Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button SI3015-F-FSR Datasheet HTML 4Page - Silicon Laboratories SI3015-F-FSR Datasheet HTML 5Page - Silicon Laboratories SI3015-F-FSR Datasheet HTML 6Page - Silicon Laboratories SI3015-F-FSR Datasheet HTML 7Page - Silicon Laboratories SI3015-F-FSR Datasheet HTML 8Page - Silicon Laboratories SI3015-F-FSR Datasheet HTML 9Page - Silicon Laboratories SI3015-F-FSR Datasheet HTML 10Page - Silicon Laboratories SI3015-F-FSR Datasheet HTML 11Page - Silicon Laboratories SI3015-F-FSR Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
Si2403
8
Rev. 1.2
Table 5. Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
DC Supply Voltage
VD
4.1
V
Input Current, Si2403 Digital Input Pins
IIN
±10
μA
Digital Input Voltage
VIND
–0.3 to 5.3
V
CLKIN/XTALI Input Voltage
VXIND
–0.3 to (VD + 0.3)
V
Operating Temperature Range
TA
–10 to 100
°C
Storage Temperature Range
TSTG
–40 to 150
°C
Note: Permanent device damage may occur if the above Absolute Maximum Ratings are exceeded. Functional operation
should be restricted to the conditions as specified in the operational sections of this data sheet. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Table 6. Switching Characteristics
(VD = 3.0 to 3.6 V, TA = 0 to 70 °C for K-Grade)
Parameter
Symbol
Min
Typ
Max
Unit
CLKOUT Output Clock Frequency
2.4576
39.3216
MHz
Baud Rate Accuracy
tBD
–1
1
%
CTS or RTS
↑ High to Start Bit↓
tRTS
10
ns
RESET
↓ to RESET ↑
tRS
5.0
ms
RESET
↑ to 1st AT Command
tAT
300
ms
Address Setup
tAS
15
ns
Address Hold
tAH
0—
ns
WR Low Pulse Width
tWL
50
ns
Write Data Setup Time
tWDSU
20
ns
Write Cycle Time
tWC
120
ns
Chip Select Setup
tCSS
10
ns
Chip Select Hold
tCSH
0—
ns
RD Low Pulse Width
tRL
50
ns
RD Low to Data Driven Time
tRLDD
——
20
ns
Data Hold
tDH
10
ns
RD High to Hi-Z Time
tDZ
——
30
ns
Read Cycle Time
tRC
120
ns
Note: All timing is referenced to the 50% level of the waveform. Input test levels are VIH =VD – 0.4 V, VIL =0.4 V


Número de pieza similar - SI3015-F-FSR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SI3015-BS ETC-SI3015-BS Datasheet
1Mb / 54P
   3.3 V FCC/JATE DIRECT ACCESS ARRANGEMENT
SI3015-BS ETC1-SI3015-BS Datasheet
1Mb / 64P
   GLOBAL MC 97 SILICON DAA
SI3015-KS ETC-SI3015-KS Datasheet
1Mb / 54P
   3.3 V FCC/JATE DIRECT ACCESS ARRANGEMENT
SI3015-KS ETC1-SI3015-KS Datasheet
1Mb / 64P
   GLOBAL MC 97 SILICON DAA
More results

Descripción similar - SI3015-F-FSR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SI2400 ETC-SI2400 Datasheet
1Mb / 76P
   V.22BIS ISOMODEM??WITH INTEGRATED GLOBAL DAA
SI2401 ETC-SI2401 Datasheet
935Kb / 74P
   V.22BIS ISOMODEM WITH INTEGRATED GLOBAL DAA
logo
Silicon Laboratories
SI2401-FSR SILABS-SI2401-FSR Datasheet
751Kb / 72P
   V.22BIS ISOMODEM WITH LOW-COST DAA
logo
Skyworks Solutions Inc.
SI2401 SKYWORKS-SI2401 Datasheet
2Mb / 75P
   V.22BIS ISOMODEM® WITH INTEGRATED GLOBAL DAA
Revision 0.7 to Revision 0.9
SI2457 SKYWORKS-SI2457 Datasheet
1,014Kb / 60P
   V.90, V.34, V.32BIS, V.22BIS ISOMODEM® WITH GLOBAL DAA
Rev. 1.3
logo
Silicon Laboratories
SI2457 SILABS-SI2457 Datasheet
971Kb / 74P
   V.90, V.34, V.32BIS, V.22BIS ISOMODEM WITH GLOBAL DAA
logo
List of Unclassifed Man...
SI2433-FT ETC2-SI2433-FT Datasheet
829Kb / 74P
   V.90, V.34, V.32BIS ISOMODEM CHIPSET WITH INTEGRATED GLOBAL DAA
logo
Micrel Semiconductor
SY10E193 MICREL-SY10E193 Datasheet
62Kb / 4P
   ERROR DETECTION/ CORRECTION CIRCUIT
logo
STMicroelectronics
AN2440 STMICROELECTRONICS-AN2440 Datasheet
246Kb / 13P
   The Error Code Correction
logo
ON Semiconductor
MC10E193 ONSEMI-MC10E193 Datasheet
108Kb / 4P
   ERROR DETECTION/ CORRECTION CIRCUIT
REV 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com