Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI4703-C19-GM Datasheet(PDF) 1 Page - Silicon Laboratories

No. de pieza SI4703-C19-GM
Descripción Electrónicos  Broadcast FM Radio Tuner for Portable Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4703-C19-GM Datasheet(HTML) 1 Page - Silicon Laboratories

  SI4703-C19-GM Datasheet HTML 1Page - Silicon Laboratories SI4703-C19-GM Datasheet HTML 2Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FM Tuner
Copyright © 2008 by Silicon Laboratories
4.3.08
VIO
I
ADC
Q
ADC
Si4702/03
DSP
FILTER
DEMOD
MPX
AUDIO
SCLK
SDIO
SEN
DAC
DAC
ROUT
LOUT
0 / 90
LOW-IF
RSSI
TUNE
GPIO
GPIO
RST
RFGND
LNA
FMIP
AFC
AGC
PGA
RCLK
REG
VA
VD
32.768 kHz
2.7–5.5 V
Headphone
Cable
RDS
(Si4703)
XTAL
OSC
Si4702/03-C19
Broadcast FM Radio Tuner for Portable Applications
Description
The Si4702/03-C19 extends Silicon Laboratories Si4700/
01 FM tuner family and further increases the ease and
attractiveness of adding FM radio reception to mobile
devices through small size and board area, minimum
component count, flexible programmability, and superior,
proven performance. The Si4702/03 leverage Silicon
Laboratories' highly successful and patented Si4700/01 FM
tuner, and are pin and software compatible to existing
Si4700/01 FM tuner designs. The Si4702/03 benefits from
proven digital integration and 100% CMOS process
technology, resulting in a completely integrated solution.
The Si4702/03 proven and highly flexible functionality
caters to the subjective nature of audio preferences and
variable FM broadcast environments worldwide.
The Si4703-C19 incorporates a digital processor for the
European Radio Data System (RDS) and the US Radio
Broadcast Data System (RBDS) including all required
symbol decoding, block synchronization, error detection,
and error correction functions. RDS enables data such as
station identification and song name to be displayed to the
user.
The Si4703 offers a detailed RDS view and a
standard view, allowing adopters to selectively choose
granularity of RDS status, data, and block errors. Si4703
software is backwards compatible to the proven Si4701,
adopted
by
leading
cell-phone,
PND,
and
MP3
manufacturers worldwide.
The Si4702/03 device’s high level of integration and
complete FM system increases quality to manufacturers,
improves
device
yields,
and
simplifies
device
manufacturing and final testing.
Features
- Worldwide FM band support (76–108 MHz)
- Digital low-IF receiver
- Frequency synthesizer with integrated VCO
- Seek tuning
- Automatic frequency control (AFC)
- Automatic gain control (AGC)
- Excellent overload immunity
- Signal strength measurement
- Programmable de-emphasis (50/75 µs)
- Adaptive noise suppression
- Volume control
- Line-level analog output
- 32.768 kHz reference clock
- 2-wire and 3-wire control interface
- 2.7 to 5.5 V supply voltage
- Integrated LDO regulator allows direct connection
to battery
- 3 x 3 mm 20-pin QFN package
- Pb-free/RoHS compliant
- RDS/RBDS Processor (Si4703)
- Integrated crystal oscillator
Applications
- Cellular handsets
- MP3 players
- Portable radios
- USB FM radio
- PDAs
- Notebook PCs
- Portable navigation
- Consumer electronics


Número de pieza similar - SI4703-C19-GM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon image
SI4703-C19-GM SILICONIMAGE-SI4703-C19-GM Datasheet
203Kb / 2P
   Broadcast FM Radio Tuner for Portable Applications
logo
Skyworks Solutions Inc.
SI4703-C19-GM SKYWORKS-SI4703-C19-GM Datasheet
449Kb / 44P
   BROADCAST FM RADIO TUNER FOR PORTABLE APPLICATIONS
Revision 0.8 to Revision 0.9
More results

Descripción similar - SI4703-C19-GM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI4708-C SILABS-SI4708-C Datasheet
1Mb / 40P
   BROADCAST FM RADIO TUNER FOR PORTABLE APPLICATIONS
SI4708 SILABS-SI4708 Datasheet
997Kb / 3P
   Broadcast FM Radio Tuner for Portable Applications
logo
Skyworks Solutions Inc.
SI4708-C SKYWORKS-SI4708-C Datasheet
412Kb / 39P
   BROADCAST FM RADIO TUNER FOR PORTABLE APPLICATIONS
Revision 0.6 to Revision 1.0
logo
Silicon Laboratories
SI4700 SILABS-SI4700 Datasheet
154Kb / 2P
   Broadcast FM Radio Tuner for Portable Applications
SI4702 SILABS-SI4702 Datasheet
184Kb / 2P
   Broadcast FM Radio Tuner for Portable Applications
logo
Silicon image
SI4703-C19-GM SILICONIMAGE-SI4703-C19-GM Datasheet
203Kb / 2P
   Broadcast FM Radio Tuner for Portable Applications
logo
Skyworks Solutions Inc.
SI4702-C19 SKYWORKS-SI4702-C19 Datasheet
449Kb / 44P
   BROADCAST FM RADIO TUNER FOR PORTABLE APPLICATIONS
Revision 0.8 to Revision 0.9
logo
Silicon Laboratories
SI4720-B20-GMR SILABS-SI4720-B20-GMR Datasheet
1Mb / 48P
   BROADCAST FM RADIO TRANSCEIVER FOR PORTABLE APPLICATIONS
SI4720 SILABS-SI4720 Datasheet
198Kb / 2P
   Broadcast FM Radio Transceiver for Portable Applications
SI4720-B20 SILABS-SI4720-B20 Datasheet
1Mb / 48P
   BROADCAST FM RADIO TRANSCEIVER FOR PORTABLE APPLICATIONS
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com