Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI8440BB-D-IS1 Datasheet(PDF) 4 Page - Silicon Laboratories

No. de pieza SI8440BB-D-IS1
Descripción Electrónicos  LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8440BB-D-IS1 Datasheet(HTML) 4 Page - Silicon Laboratories

  SI8440BB-D-IS1 Datasheet HTML 1Page - Silicon Laboratories SI8440BB-D-IS1 Datasheet HTML 2Page - Silicon Laboratories SI8440BB-D-IS1 Datasheet HTML 3Page - Silicon Laboratories SI8440BB-D-IS1 Datasheet HTML 4Page - Silicon Laboratories SI8440BB-D-IS1 Datasheet HTML 5Page - Silicon Laboratories SI8440BB-D-IS1 Datasheet HTML 6Page - Silicon Laboratories SI8440BB-D-IS1 Datasheet HTML 7Page - Silicon Laboratories SI8440BB-D-IS1 Datasheet HTML 8Page - Silicon Laboratories SI8440BB-D-IS1 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
Si8440/41/42/45
4
Rev. 1.5
1. Electrical Specifications
Table 1. Recommended Operating Conditions
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Ambient Operating Temperature*
TA
150 Mbps, 15 pF, 5 V
–40
25
125
ºC
Supply Voltage
VDD1
2.70
5.5
V
VDD2
2.70
5.5
V
*Note: The maximum ambient temperature is dependent on data frequency, output loading, number of operating channels,
and supply voltage.
Table 2. Absolute Maximum Ratings1
Parameter
Symbol
Min
Typ
Max
Unit
Storage Temperature2
TSTG
–65
150
ºC
Ambient Temperature Under Bias
TA
–40
125
ºC
Supply Voltage (Revision C)3
VDD1, VDD2
–0.5
5.75
V
Supply Voltage (Revision D)3
VDD1, VDD2
–0.5
6.0
V
Input Voltage
VI
–0.5
VDD + 0.5
V
Output Voltage
VO
–0.5
VDD + 0.5
V
Output Current Drive Channel
IO
——
10
mA
Lead Solder Temperature (10 s)
260
ºC
Maximum Isolation Voltage (1 s)
3600
VRMS
Notes:
1. Permanent device damage may occur if the above Absolute Maximum Ratings are exceeded. Functional operation
should be restricted to conditions as specified in the operational sections of this data sheet. Exposure to absolute
maximum ratings for extended periods may degrade performance.
2. VDE certifies storage temperature from –40 to 150 °C.
3. See "5. Ordering Guide" on page 27 for more information.


Número de pieza similar - SI8440BB-D-IS1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI8440 SILABS-SI8440 Datasheet
591Kb / 24P
   QUAD-CHANNEL DIGITAL ISOLATOR
logo
Silicon image
Si8440 SILICONIMAGE-Si8440 Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
Silicon Laboratories
SI8440 SILABS-SI8440 Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
List of Unclassifed Man...
SI8440 ETC2-SI8440 Datasheet
522Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
Silicon Laboratories
SI8440-A-IS SILABS-SI8440-A-IS Datasheet
591Kb / 24P
   QUAD-CHANNEL DIGITAL ISOLATOR
More results

Descripción similar - SI8440BB-D-IS1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI8441BB-C-IS SILABS-SI8441BB-C-IS Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
List of Unclassifed Man...
SI8441AA ETC2-SI8441AA Datasheet
522Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
STMicroelectronics
SI8641BD-B-IS STMICROELECTRONICS-SI8641BD-B-IS Datasheet
517Kb / 44P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
Silicon image
SI8442BA-D-IS1 SILICONIMAGE-SI8442BA-D-IS1 Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
Silicon Laboratories
SI8440 SILABS-SI8440 Datasheet
591Kb / 24P
   QUAD-CHANNEL DIGITAL ISOLATOR
logo
Texas Instruments
ISO7142CC-Q1 TI1-ISO7142CC-Q1 Datasheet
998Kb / 26P
[Old version datasheet]   Small-Footprint and Low-Power Quad Channel Digital Isolator
ISO7142CC TI-ISO7142CC_15 Datasheet
954Kb / 26P
[Old version datasheet]   VPK Small-Footprint and Low-Power Quad Channel Digital Isolator
logo
Silicon Laboratories
SI8431BB-C-IS SILABS-SI8431BB-C-IS Datasheet
498Kb / 38P
   LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
logo
Skyworks Solutions Inc.
SI866X SKYWORKS-SI866X Datasheet
990Kb / 42P
   Low Power Six-Channel Digital Isolator
July 26, 2022
SI843X SKYWORKS-SI843X Datasheet
1Mb / 36P
   LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
Rev. 1.7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com