Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DLW5BSM302SQ2 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd. |
|
DLW5BSM302SQ2 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd. |
1 / 2 page 1 Data Sheet !Note: 1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering. 2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. http://www.murata.com/ 1 Noise Suppression Products/EMI Suppression Filters > Common Mode Choke Coil > Wire Wound Type for Large Current 2012.7.5 oThis data sheet is applied for CHIP COMMON MODE CHOKE COIL used for General Electronics equipment for your design. Common Mode Choke Coil Wire Wound Type for Large Current DLW5AH/DLW5BS Series (2014/2020 Size) c Dimensions DLW5AH Series (L) 5.0±0.3 (W) 3.6±0.3 0.5 min. (2) (1) (4) (3) 1.3 ±0.3 1.3 ±0.3 0.9 ±0.3 Starting position of wiring should be covered with resin. * * * (in mm) : Electrode c Dimensions DLW5BS Series (L) 5.0±0.3 3.6±0.3 (W) 5.0±0.3 0.5 min. (2) (1) (4) (3) 1.3±0.3 1.3±0.3 0.9±0.3 3.0±0.5 (in mm) : Electrode : Marking (Top) (Bottom) c Impedance-Frequency Characteristics (Main Items) Frequency (MHz) 100000 10000 1000 100 10 1 10 100 1000 DLW5AHN402SQ2 DLW5BSM302SQ2 DLW5BSM152SQ2 DLW5BSM102SQ2 DLW5BSM351SQ2 DLW5BSM191SQ2 Common mode DLW5AHN402SQ2 DLW5BSM302SQ2 DLW5BSM152SQ2 DLW5BSM102SQ2 DLW5BSM351SQ2 DLW5BSM191SQ2 Differential mode c Equivalent Circuit (1) (4) (2) (3) No polarity. c Packaging Code Packaging Minimum Quantity L 180mm Embossed Tape 400 K 330mm Embossed Tape 1500 B Bulk(Bag) 100 c Rated Value (p: packaging code) Part Number Common Mode Impedance (at 100MHz/20°C) Rated Current Rated Voltage Insulation Resistance (min.) Withstand Voltage DC Resistance Operating Temperature Range DLW5AHN402SQ2 p 4000ohm (Typ.) 200mA 50Vdc 10M ohm 125Vdc 3.0ohm max. -25 to +85°C DLW5BSM191SQ2 p 190ohm (Typ.) 5000mA 50Vdc 10M ohm 125Vdc 0.02ohm max. -40 to +85°C DLW5BSM351SQ2 p 350ohm (Typ.) 2000mA 50Vdc 10M ohm 125Vdc 0.04ohm max. -40 to +85°C DLW5BSM102SQ2 p 1000ohm (Typ.) 1500mA 50Vdc 10M ohm 125Vdc 0.06ohm max. -40 to +85°C DLW5BSM152SQ2 p 1500ohm (Typ.) 1000mA 50Vdc 10M ohm 125Vdc 0.1ohm max. -40 to +85°C DLW5BSM302SQ2 p 3000ohm (Typ.) 500mA 50Vdc 10M ohm 125Vdc 0.3ohm max. -40 to +85°C Number of Circuit: 1 Continued on the following page. |
Número de pieza similar - DLW5BSM302SQ2 |
|
Descripción similar - DLW5BSM302SQ2 |