Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FSBM20SL60 Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza FSBM20SL60
Descripción Electrónicos  SPMTM (Smart Power Module)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSBM20SL60 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FSBM20SL60 Datasheet HTML 1Page - Fairchild Semiconductor FSBM20SL60 Datasheet HTML 2Page - Fairchild Semiconductor FSBM20SL60 Datasheet HTML 3Page - Fairchild Semiconductor FSBM20SL60 Datasheet HTML 4Page - Fairchild Semiconductor FSBM20SL60 Datasheet HTML 5Page - Fairchild Semiconductor FSBM20SL60 Datasheet HTML 6Page - Fairchild Semiconductor FSBM20SL60 Datasheet HTML 7Page - Fairchild Semiconductor FSBM20SL60 Datasheet HTML 8Page - Fairchild Semiconductor FSBM20SL60 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
©2003 Fairchild Semiconductor Corporation
Rev. D, August 2003
Integrated Power Functions
• 600V-20A IGBT inverter for 3-phase DC/AC power conversion (Please refer to Fig. 3)
Integrated Drive, Protection and System Control Functions
• For inverter high-side IGBTs: Gate drive circuit, High voltage isolated high-speed level shifting
Control circuit under-voltage (UV) protection
Note) Available bootstrap circuit example is given in Figs. 13and 14.
• For inverter low-side IGBTs: Gate drive circuit, Short-Circuit (SC) protection
Control supply circuit under-voltage (UV) protection
• Fault signaling: Corresponding to a SC fault (Low-side IGBTs) or a UV fault (Low-side control supply circuit)
• Input interface: 5V CMOS/LSTTL compatible, Schmitt trigger input
Pin Configuration
Fig. 2.
Top View
(1) V
CC(L)
(2) com
(L)
(3) IN
(UL)
(4) IN
(VL)
(5) IN
(WL)
(6) com
(L)
(7) FO
(8) C
FOD
(9) C
SC
(10) R
SC
(11) IN
(UH)
(12) V
CC(UH)
(13) V
B(U)
(14) V
S(U)
(15) IN
(VH)
(16) com
(H)
(17) V
CC(VH)
(18) V
B(V)
(19) V
S(V)
(20) IN
(WH)
(21) V
CC(WH)
(22) V
B(W)
(23) V
S(W)
(24) NC
(25) NC
(26) N
U
(27) N
V
(28) N
W
(29) U
(30) V
(31) W
(32) P
Case Temperature (T
C)
Detecting Point
Ceramic Substrate
(1) V
CC(L)
(2) com
(L)
(3) IN
(UL)
(4) IN
(VL)
(5) IN
(WL)
(6) com
(L)
(7) FO
(8) C
FOD
(9) C
SC
(10) R
SC
(11) IN
(UH)
(12) V
CC(UH)
(13) V
B(U)
(14) V
S(U)
(15) IN
(VH)
(16) com
(H)
(17) V
CC(VH)
(18) V
B(V)
(19) V
S(V)
(20) IN
(WH)
(21) V
CC(WH)
(22) V
B(W)
(23) V
S(W)
(24) NC
(25) NC
(26) N
U
(27) N
V
(28) N
W
(29) U
(30) V
(31) W
(32) P
(1) V
CC(L)
(2) com
(L)
(3) IN
(UL)
(4) IN
(VL)
(5) IN
(WL)
(6) com
(L)
(7) FO
(8) C
FOD
(9) C
SC
(10) R
SC
(11) IN
(UH)
(12) V
CC(UH)
(13) V
B(U)
(14) V
S(U)
(15) IN
(VH)
(16) com
(H)
(17) V
CC(VH)
(18) V
B(V)
(19) V
S(V)
(20) IN
(WH)
(21) V
CC(WH)
(22) V
B(W)
(23) V
S(W)
(24) NC
(25) NC
(26) N
U
(27) N
V
(28) N
W
(29) U
(30) V
(31) W
(32) P
Case Temperature (T
C)
Detecting Point
Ceramic Substrate


Número de pieza similar - FSBM20SL60

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FSBM20SH60A FAIRCHILD-FSBM20SH60A Datasheet
2Mb / 16P
   SPM (Smart Power Module)
FSBM20SM60A FAIRCHILD-FSBM20SM60A Datasheet
2Mb / 16P
   SPM (Smart Power Module)
More results

Descripción similar - FSBM20SL60

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FSAM15SL60 FAIRCHILD-FSAM15SL60 Datasheet
2Mb / 16P
   SPMTM (Smart Power Module)
FSBM15SL60 FAIRCHILD-FSBM15SL60 Datasheet
2Mb / 16P
   SPMTM (Smart Power Module)
FSAM50SM60A FAIRCHILD-FSAM50SM60A Datasheet
421Kb / 16P
   SPMTM (Smart Power Module)
FSAM20SH60A FAIRCHILD-FSAM20SH60A_03 Datasheet
1Mb / 16P
   SPMTM (Smart Power Module)
FSAM20SM60A FAIRCHILD-FSAM20SM60A Datasheet
2Mb / 16P
   SPMTM (Smart Power Module)
FSAM30SH60A FAIRCHILD-FSAM30SH60A_03 Datasheet
1Mb / 16P
   SPMTM (Smart Power Module)
FSBM15SH60 FAIRCHILD-FSBM15SH60 Datasheet
2Mb / 16P
   SPMTM (Smart Power Module)
FSBM30SH60 FAIRCHILD-FSBM30SH60 Datasheet
2Mb / 16P
   SPMTM (Smart Power Module)
FSAM20SH60A FAIRCHILD-FSAM20SH60A Datasheet
975Kb / 17P
   SPMTM (Smart Power Module)
FSAM75SM60A FAIRCHILD-FSAM75SM60A Datasheet
385Kb / 16P
   SPMTM (Smart Power Module)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com