Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD4066BCN Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

No. de pieza CD4066BCN
Descripción Electrónicos  Wide supply voltage range 3V to 15V
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

CD4066BCN Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CD4066BCN Datasheet HTML 1Page - List of Unclassifed Manufacturers CD4066BCN Datasheet HTML 2Page - List of Unclassifed Manufacturers CD4066BCN Datasheet HTML 3Page - List of Unclassifed Manufacturers CD4066BCN Datasheet HTML 4Page - List of Unclassifed Manufacturers CD4066BCN Datasheet HTML 5Page - List of Unclassifed Manufacturers CD4066BCN Datasheet HTML 6Page - List of Unclassifed Manufacturers CD4066BCN Datasheet HTML 7Page - List of Unclassifed Manufacturers CD4066BCN Datasheet HTML 8Page - List of Unclassifed Manufacturers CD4066BCN Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics (Note 3)
TA = 25°C, tr = tf = 20 ns and VSS = 0V unless otherwise noted
Note 3: AC Parameters are guaranteed by DC correlated testing.
Note 4: These devices should not be connected to circuits with the power “ON”.
Note 5: In all cases, there is approximately 5 pF of probe and jig capacitance in the output; however, this capacitance is included in CL wherever it is
specified.
Note 6: VIS is the voltage at the in/out pin and VOS is the voltage at the out/in pin. VC is the voltage at the control input.
Note 7: Conditions for VIHC: a) VIS = VDD, IOS = standard B series IOH
b) VIS = 0V, IOL = standard B series IOL.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tPHL, tPLH
Propagation Delay Time Signal
VC = VDD, CL = 50 pF, (Figure 1)
Input to Signal Output
RL = 200k
VDD = 5V
25
55
ns
VDD = 10V
15
35
ns
VDD = 15V
10
25
ns
tPZH, tPZL
Propagation Delay Time
RL = 1.0 kΩ, CL = 50 pF, (Figure 2, Figure 3)
Control Input to Signal
VDD = 5V
125
ns
Output High Impedance to
VDD = 10V
60
ns
Logical Level
VDD = 15V
50
ns
tPHZ, tPLZ
Propagation Delay Time
RL = 1.0 kΩ, CL = 50 pF, (Figure 2, Figure 3)
Control Input to Signal
VDD = 5V
125
ns
Output Logical Level to
VDD = 10V
60
ns
High Impedance
VDD = 15V
50
ns
Sine Wave Distortion
VC = VDD = 5V, VSS = −5V
0.1
%
RL = 10 kΩ, VIS = 5Vp-p, f= 1 kHz, (Figure 4)
Frequency Response-Switch
VC = VDD = 5V, VSS = −5V,
40
MHz
“ON” (Frequency at
−3 dB)
RL = 1 kΩ, VIS = 5Vp-p,
20 Log10 VOS/VOS (1 kHz)−dB,
(Figure 4)
Feedthrough — Switch “OFF”
VDD = 5.0V, VCC = VSS = −5.0V,
1.25
(Frequency at
−50 dB)
RL = 1 kΩ, VIS = 5.0Vp-p, 20 Log10,
VOS/VIS = −50 dB, (Figure 4)
Crosstalk Between Any Two
VDD = VC(A) = 5.0V; VSS = VC(B) = 5.0V,
0.9
MHz
Switches (Frequency at
−50 dB)
RL1 kΩ, VIS(A) = 5.0 Vp-p, 20 Log10,
VOS(B)/VIS(A) = −50 dB (Figure 5)
Crosstalk; Control Input to
VDD = 10V, RL = 10 kΩ, RIN = 1.0 kΩ,
150
mVp-p
Signal Output
VCC = 10V Square Wave, CL = 50 pF
(Figure 6)
Maximum Control Input
RL = 1.0 kΩ, CL = 50 pF, (Figure 7)
VOS(f) = ½ VOS(1.0 kHz)
VDD = 5.0V
6.0
MHz
VDD = 10V
8.0
MHz
VDD = 15V
8.5
MHz
CIS
Signal Input Capacitance
8.0
pF
COS
Signal Output Capacitance
VDD = 10V
8.0
pF
CIOS
Feedthrough Capacitance
VC = 0V
0.5
pF
CIN
Control Input Capacitance
5.0
7.5
pF


Número de pieza similar - CD4066BCN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
CD4066BCN FAIRCHILD-CD4066BCN Datasheet
111Kb / 9P
   Quad Bilateral Switch
CD4066BCN FAIRCHILD-CD4066BCN Datasheet
114Kb / 9P
   Quad Bilateral Switch
More results

Descripción similar - CD4066BCN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Monolithic Sys...
AMS393 AMS-AMS393 Datasheet
395Kb / 6P
   Wide supply voltage range
logo
List of Unclassifed Man...
PL8333 ETC2-PL8333 Datasheet
655Kb / 2P
   Wide supply voltage range: 2.4V to 5V
logo
Maxim Integrated Produc...
MAX6397EVKIT MAXIM-MAX6397EVKIT Datasheet
444Kb / 8P
   5.5V to 72V Wide Supply Voltage Range
Rev 2; 4/15
logo
Rochester Electronics
MM54C89 ROCHESTER-MM54C89 Datasheet
605Kb / 6P
   Random Access Read / Write Memory Wide supply voltage range 3.0V ro 15V
logo
Rohm
BD28620MUV ROHM-BD28620MUV Datasheet
1Mb / 49P
   Wide power supply voltage range
logo
Hi-Sincerity Mocroelect...
H177 HSMC-H177 Datasheet
207Kb / 6P
   Wide range of supply voltage: 3.5V to 28V.
logo
First Components Intern...
MB3800 FCI-MB3800 Datasheet
63Kb / 4P
   Wide supply voltage operating range: 1.8 to 15 V
logo
List of Unclassifed Man...
SHT3X ETC2-SHT3X Datasheet
706Kb / 13P
   Wide supply voltage range, from 2.4 to 5.5 V
logo
Texas Instruments
LP239 TI1-LP239_14 Datasheet
826Kb / 14P
[Old version datasheet]   Wide Supply-Voltage Range 3 V to 30 V
logo
Analog Devices
AD8426_1108 AD-AD8426_1108 Datasheet
805Kb / 28P
   Wide Supply Range, Rail-to-Rail
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com