Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDS6911 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

No. de pieza FDS6911
Descripción Electrónicos  Fast switching speed, Low gate charge
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

FDS6911 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FDS6911 Datasheet HTML 1Page - List of Unclassifed Manufacturers FDS6911 Datasheet HTML 2Page - List of Unclassifed Manufacturers FDS6911 Datasheet HTML 3Page - List of Unclassifed Manufacturers FDS6911 Datasheet HTML 4Page - List of Unclassifed Manufacturers FDS6911 Datasheet HTML 5Page - List of Unclassifed Manufacturers FDS6911 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
FDS6911 Rev A(W)
www.fairchildsemi.com
Electrical Characteristics
TA = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ Max Units
Drain–Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain–Source Diode Forward Current
1.3
A
VSD
Drain–Source Diode Forward
Voltage
VGS = 0 V,
IS = 1.3 A
(Note 2)
1.2
V
trr
Diode Reverse Recovery Time
24
nS
Qrr
Diode Reverse Recovery Charge
IF = 7.5 A,
diF/dt = 100 A/µs
13
nC
Notes:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of
the drain pins. RθJC is guaranteed by design while RθCA is determined by the user's board design.
a) 78°C/W when
mounted on a
0.5 in
2 pad of 2 oz
copper
b) 125°C/W when
mounted on a .02 in
2
pad of 2 oz copper
c) 135°C/W when mounted on a
minimum pad.
Scale 1 : 1 on letter size paper
2. Pulse Test: Pulse Width < 300
μs, Duty Cycle < 2.0%


Número de pieza similar - FDS6911

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDS6911 FAIRCHILD-FDS6911 Datasheet
115Kb / 6P
   Dual N-Channel Logic Level PowerTrench짰 MOSFET 20V, 7.5A, 13m廓
FDS6911 FAIRCHILD-FDS6911_11 Datasheet
200Kb / 6P
   Dual N-Channel Logic Level PowerTrench MOSFET 20V, 7.5A, 13m廓
More results

Descripción similar - FDS6911

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Power Electron...
AP4519GED A-POWER-AP4519GED Datasheet
100Kb / 7P
   Low Gate Charge, Fast Switching Speed, PDIP-8 Package
AP4523GD A-POWER-AP4523GD Datasheet
99Kb / 7P
   Low Gate Charge, Fast Switching Speed, PDIP-8 Package
AP2532GY A-POWER-AP2532GY Datasheet
122Kb / 8P
   Low Gate Charge, Fast Switching Performance
AP2530AGY-HF A-POWER-AP2530AGY-HF Datasheet
126Kb / 7P
   Low Gate Charge, Fast Switching Performance
AP2533GY-HF A-POWER-AP2533GY-HF Datasheet
124Kb / 7P
   Low Gate Charge, Fast Switching Performance
logo
GOOD-ARK Electronics
GDSSF22A5E GOOD-ARK-GDSSF22A5E Datasheet
750Kb / 5P
   Low Gate Charge for Fast Switching
logo
Taiwan Semiconductor Co...
TSM120N06LCP TSC-TSM120N06LCP Datasheet
320Kb / 6P
   Low gate charge for fast power switching
TSM120NA03CR TSC-TSM120NA03CR Datasheet
343Kb / 6P
   Low gate charge for fast power switching
TSM160N10LCR TSC-TSM160N10LCR Datasheet
308Kb / 6P
   Low gate charge for fast power switching
TSM085P03CV TSC-TSM085P03CV Datasheet
410Kb / 6P
   Low gate charge for fast power switching
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com