Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FST162245 Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza FST162245
Descripción Electrónicos  16-Bit Bus Switch with 25??Series Resistors in Outputs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FST162245 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FST162245 Datasheet HTML 1Page - Fairchild Semiconductor FST162245 Datasheet HTML 2Page - Fairchild Semiconductor FST162245 Datasheet HTML 3Page - Fairchild Semiconductor FST162245 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2001 Fairchild Semiconductor Corporation
DS500431
www.fairchildsemi.com
April 2001
Revised April 2001
FST162245
16-Bit Bus Switch with 25
Ω Series Resistors in Outputs
General Description
The Fairchild Switch FST162245 provides 16-bits of high-
speed CMOS TTL-compatible bus switching. The low On
Resistance of the switch allows inputs to be connected to
outputs without adding propagation delay or generating
additional ground bounce noise.
The device is organized as a 16-bit switch. There are two
8-bit switches with separate output enable inputs. When
OE is LOW, the switch is ON and Port a is connected to
Port B. When OE is HIGH, the switch is OFF and a high
impedance state exists between the A and B Ports. The
FST162245 has an equivalent 25
Ω series resistors to
reduce signal-reflection noise, eliminating the need for
external terminating resistors.
Features
I 25
Ω switch connection between two ports
I Minimal propagation delay through the switch
I Low lCC
I Zero bounce in flow-through mode
I Control inputs compatible with TTL level
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Pin Descriptions
Logic Diagram
Truth Table
H
= HIGH Voltage Level L = LOW Voltage Level Z = High Impedance
Order Number
Package Number
Package Description
FST162245MTD
MTD48
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
Pin Name
Description
OEn
Output Enable Input (Active LOW)
1An, 2An, 3An, 4An
Bus A
1Bn, 2Bn, 3Bn, 4Bn
Bus B
NC
No Internal Connection
Inputs
Outputs
OEx
A, B
LA Port
= B Port
HZ


Número de pieza similar - FST162245

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FST162244 FAIRCHILD-FST162244 Datasheet
175Kb / 4P
   16-Bit Bus Switch with 25??Series Resistor in Outputs Preliminary
FST162244MTD FAIRCHILD-FST162244MTD Datasheet
175Kb / 4P
   16-Bit Bus Switch with 25??Series Resistor in Outputs Preliminary
More results

Descripción similar - FST162245

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FST34X2245 FAIRCHILD-FST34X2245 Datasheet
361Kb / 5P
   32-Bit Bus Switch with 25??Series Resistors in Outputs
FST162244 FAIRCHILD-FST162244 Datasheet
175Kb / 4P
   16-Bit Bus Switch with 25??Series Resistor in Outputs Preliminary
FST34X2245 FAIRCHILD-FST34X2245_05 Datasheet
128Kb / 5P
   32-Bit Bus Switch with 25ohm Series Resistors in Outputs
FST162861 FAIRCHILD-FST162861 Datasheet
82Kb / 4P
   20-Bit Bus Switch with 25W Series Resistors in Outputs
FST162861 FAIRCHILD-FST162861_05 Datasheet
166Kb / 5P
   20-Bit Bus Switch with 25ohm Series Resistors in Outputs
FSTD162861 FAIRCHILD-FSTD162861 Datasheet
173Kb / 6P
   20-Bit Bus Switch with Level Shifting and 25??Series Resistors in Outputs Preliminary
FSTU162211 FAIRCHILD-FSTU162211 Datasheet
271Kb / 6P
   24-Bit Bus Switch with .2V Undershoot Protection and 25??Series Resistors in Outputs (Preliminary)
74ABT162244 FAIRCHILD-74ABT162244 Datasheet
92Kb / 7P
   16-Bit Buffer/Line Driver with 25??Series Resistors in the Outputs
74ABT162244CSSC FAIRCHILD-74ABT162244CSSC Datasheet
81Kb / 7P
   16-Bit Buffer/Line Driver with 25 OHM Series Resistors in the Outputs
74F2645 FAIRCHILD-74F2645 Datasheet
42Kb / 5P
   Octal Bus Transceiver with 25廓 Series Resistors in the Outputs
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com