Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FSTD16861 Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza FSTD16861
Descripción Electrónicos  20-Bit Bus Switch with Level Shifting
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSTD16861 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FSTD16861 Datasheet HTML 1Page - Fairchild Semiconductor FSTD16861 Datasheet HTML 2Page - Fairchild Semiconductor FSTD16861 Datasheet HTML 3Page - Fairchild Semiconductor FSTD16861 Datasheet HTML 4Page - Fairchild Semiconductor FSTD16861 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions (Note 4)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum rating.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Note 2: VS is the voltage observed/applied at either the A or B Ports across
the switch.
Note 3: The input and output negative voltage ratings may be exceeded if
the input and output diode current ratings are observed.
Note 4: Unused control inputs must be held HIGH or LOW. They may not
float.
DC Electrical Characteristics
Note 5: Typical values are at VCC = 5.0V and TA = +25°C
Note 6: Measured by the voltage drop between A and B pins at the indicated current through the switch. On Resistance is determined by the lower of the
voltages on the two (A or B) pins.
Supply Voltage (VCC)
−0.5V to +7.0V
DC Switch Voltage (VS) (Note 2)
−0.5V to +7.0V
DC Input Voltage (VIN) (Note 3)
−0.5V to +7.0V
DC Input Diode Current (lIK) VIN < 0V
−50 mA
DC Output Current (IOUT)
128 mA
DC VCC/GND Current (ICC/IGND)
±100 mA
Storage Temperature Range (TSTG)
−65°C to +150 °C
Power Supply Operating (VCC)
4.5V to 5.5V
Input Voltage (VIN)0V to 5.5V
Output Voltage (VOUT)0V to 5.5V
Input Rise and Fall Time (tr, tf)
Switch Control Input
0 ns/V to 5 ns/V
Switch I/O
0 ns/V to DC
Free Air Operating Temperature (TA)-40 °C to +85 °C
Symbol
Parameter
VCC
TA = −40 °C to +85 °C
Units
Conditions
(V)
Min
Typ
(Note 5)
Max
VIK
Clamp Diode Voltage
4.5
−1.2
V
IIN = −18 mA
VIH
HIGH Level Input Voltage
4.5-5.5
2.0
V
VIL
LOW Level Input Voltage
4.5-5.5
0.8
V
VOH
HIGH Level
4.5-5.5
See Figure 3
V
II
Input Leakage Current
5.5
±1.0
µA0 ≤ V
IN ≤ 5.5V
010
µAV
IN = 5.5V
IOZ
OFF-STATE Leakage Current
5.5
±1.0
µA0 ≤ A, B ≤ V
CC
RON
Switch On Resistance
4.5
4
7
VIN = 0V, IIN = 64 mA
(Note 6)
4.5
4
7
VIN = 0V, IIN = 30 mA
4.5
35
50
VIN = 2.4V, IIN = 15 mA
ICC
Quiescent Supply Current
5.5
1.5
mA
OE1 = OE2 = GND
VIN = VCC or GND, IOUT = 0
10
µA
OE1 = OE2 = VCC
VIN = VCC or GND, IOUT = 0
∆ I
CC
Increase in ICC per Input
5.5
2.5
mA
One Input at 3.4V
Other Inputs at VCC or GND


Número de pieza similar - FSTD16861

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FSTD16861 FAIRCHILD-FSTD16861 Datasheet
174Kb / 6P
   20-Bit Bus Switch with Level Shifting
logo
ON Semiconductor
FSTD16861 ONSEMI-FSTD16861 Datasheet
273Kb / 8P
   20-Bit Bus Switch with Level Shifting
Revised June 2005
logo
Fairchild Semiconductor
FSTD16861MTD FAIRCHILD-FSTD16861MTD Datasheet
174Kb / 6P
   20-Bit Bus Switch with Level Shifting
logo
ON Semiconductor
FSTD16861MTD ONSEMI-FSTD16861MTD Datasheet
273Kb / 8P
   20-Bit Bus Switch with Level Shifting
Revised June 2005
logo
Fairchild Semiconductor
FSTD16861 FAIRCHILD-FSTD16861_05 Datasheet
174Kb / 6P
   20-Bit Bus Switch with Level Shifting
More results

Descripción similar - FSTD16861

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FSTD16861 FAIRCHILD-FSTD16861_05 Datasheet
174Kb / 6P
   20-Bit Bus Switch with Level Shifting
logo
ON Semiconductor
FSTD16861 ONSEMI-FSTD16861 Datasheet
273Kb / 8P
   20-Bit Bus Switch with Level Shifting
Revised June 2005
logo
Texas Instruments
SN74CBTD16210 TI-SN74CBTD16210 Datasheet
87Kb / 6P
[Old version datasheet]   20-BIT FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD16210DGGR TI-SN74CBTD16210DGGR Datasheet
352Kb / 12P
[Old version datasheet]   SN74CBTD16210 20-BIT FET BUS SWITCH WITH LEVEL SHIFTING
logo
Fairchild Semiconductor
FSTD3125 FAIRCHILD-FSTD3125_05 Datasheet
153Kb / 7P
   4-Bit Bus Switch with Level Shifting
logo
ON Semiconductor
FSTD3125 ONSEMI-FSTD3125 Datasheet
617Kb / 10P
   4-Bit Bus Switch with Level Shifting
May 2012 Rev. 1.0.3
logo
Fairchild Semiconductor
FSTD16211 FAIRCHILD-FSTD16211 Datasheet
322Kb / 7P
   24-Bit Bus Switch with Level Shifting
FSTD3125 FAIRCHILD-FSTD3125_12 Datasheet
642Kb / 8P
   4-Bit Bus Switch with Level Shifting
logo
ON Semiconductor
FSTD16211 ONSEMI-FSTD16211 Datasheet
410Kb / 9P
   24-Bit Bus Switch with Level Shifting
Revised April 2005
logo
NXP Semiconductors
CBTD16210 PHILIPS-CBTD16210_15 Datasheet
89Kb / 10P
   20-bit level shifting bus switch with 10-bit output enables
2000 Oct 12
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com