Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD5172BRM100 Datasheet(PDF) 9 Page - Analog Devices

No. de pieza AD5172BRM100
Descripción Electrónicos  256-Position, One-Time Programmable, Dual-Channel, I2C Digital Potentiometers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD5172BRM100 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5172BRM100 Datasheet HTML 5Page - Analog Devices AD5172BRM100 Datasheet HTML 6Page - Analog Devices AD5172BRM100 Datasheet HTML 7Page - Analog Devices AD5172BRM100 Datasheet HTML 8Page - Analog Devices AD5172BRM100 Datasheet HTML 9Page - Analog Devices AD5172BRM100 Datasheet HTML 10Page - Analog Devices AD5172BRM100 Datasheet HTML 11Page - Analog Devices AD5172BRM100 Datasheet HTML 12Page - Analog Devices AD5172BRM100 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD5172/AD5173
Rev. H | Page 9 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
128
96
32
64
0
160
192
224
256
CODE (DECIMAL)
VDD = 5.5V
TA = 25°C
RAB = 10kΩ
VDD = 2.7V
Figure 6. R-INL vs. Code vs. Supply Voltages
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
128
96
32
64
0
160
192
224
256
CODE (DECIMAL)
TA = 25°C
RAB = 10kΩ
VDD = 2.7V
VDD = 5.5V
Figure 7. R-DNL vs. Code vs. Supply Voltages
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
128
96
32
64
0
160
192
224
256
CODE (DECIMAL)
RAB = 10kΩ
VDD = 2.7V
TA = –40°C, +25°C, +85°C, +125°C
VDD = 5.5V
TA = –40°C, +25°C, +85°C, +125°C
Figure 8. INL vs. Code vs. Temperature
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
128
96
32
64
0
160
192
224
256
CODE (DECIMAL)
VDD = 2.7V; TA = –40°C, +25°C, +85°C, +125°C
RAB = 10kΩ
Figure 9. DNL vs. Code vs. Temperature
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
128
96
32
64
0
160
192
224
256
CODE (DECIMAL)
TA = 25°C
RAB = 10kΩ
VDD = 2.7V
VDD = 5.5V
Figure 10. INL vs. Code vs. Supply Voltages
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
128
96
32
64
0
160
192
224
256
CODE (DECIMAL)
TA = 25°C
RAB = 10kΩ
VDD = 2.7V
VDD = 5.5V
Figure 11. DNL vs. Code vs. Supply Voltages


Número de pieza similar - AD5172BRM100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5172BRM100 AD-AD5172BRM100 Datasheet
948Kb / 24P
   256-Position One-Time Programmable Dual-Channel I2C Digital Potentiometers
REV. A
AD5172BRM100-RL7 AD-AD5172BRM100-RL7 Datasheet
948Kb / 24P
   256-Position One-Time Programmable Dual-Channel I2C Digital Potentiometers
REV. A
More results

Descripción similar - AD5172BRM100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5172 AD-AD5172 Datasheet
948Kb / 24P
   256-Position One-Time Programmable Dual-Channel I2C Digital Potentiometers
REV. A
AD5243 AD-AD5243_16 Datasheet
834Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
AD5248 AD-AD5248_16 Datasheet
834Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
AD5243BRMZ100 AD-AD5243BRMZ100 Datasheet
803Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
REV. B
AD5241BR10 AD-AD5241BR10 Datasheet
394Kb / 16P
   I2C Compatible 256-Position Digital Potentiometers
REV. B
AD5241 AD-AD5241_09 Datasheet
550Kb / 20P
   I2C-Compatible, 256-Position Digital Potentiometers
REV. C
AD5170 AD-AD5170 Datasheet
900Kb / 24P
   256-Position Two-Time Programmable I2C Digital Potentiometer
REV. A
AD5251 AD-AD5251 Datasheet
566Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
AD5251 AD-AD5251_12 Datasheet
575Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. D
AD5252 AD-AD5252 Datasheet
859Kb / 28P
   Dual 64-and 256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com