Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD5668ACPZ-3-RL7 Datasheet(PDF) 11 Page - Analog Devices

No. de pieza AD5668ACPZ-3-RL7
Descripción Electrónicos  Octal, 12-/14-/16-Bit SPI Voltage Output denseDAC with 5 ppm/째C On-Chip Reference
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD5668ACPZ-3-RL7 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5668ACPZ-3-RL7 Datasheet HTML 7Page - Analog Devices AD5668ACPZ-3-RL7 Datasheet HTML 8Page - Analog Devices AD5668ACPZ-3-RL7 Datasheet HTML 9Page - Analog Devices AD5668ACPZ-3-RL7 Datasheet HTML 10Page - Analog Devices AD5668ACPZ-3-RL7 Datasheet HTML 11Page - Analog Devices AD5668ACPZ-3-RL7 Datasheet HTML 12Page - Analog Devices AD5668ACPZ-3-RL7 Datasheet HTML 13Page - Analog Devices AD5668ACPZ-3-RL7 Datasheet HTML 14Page - Analog Devices AD5668ACPZ-3-RL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Data Sheet
AD5628/AD5648/AD5668
Rev. G | Page 11 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
10
8
6
4
2
0
–2
–4
–6
–8
–10
VDD = 5V
EXT REF = 5V
TA = 25°C
CODES
0
10k
20k
30k
40k
50k
60k 65535
Figure 7. INL AD5668—External Reference
4
2
0
–2
3
1
–1
–3
–4
VDD = 5V
EXT REF = 5V
TA = 25°C
0
5k
10k
15k 16384
CODES
Figure 8. INL AD5648—External Reference
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
0
500
1000
1500
2000
2500
3000
3500
4095
CODES
VDD = 5V
EXT REF = 5V
TA = 25°C
Figure 9. INL AD5628—External Reference
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
VDD = 5V
EXT REF = 5V
TA = 25°C
CODES
0
10k
20k
30k
40k
50k
60k 65535
Figure 10. DNL AD5668—External Reference
CODES
VDD = 5V
EXT REF = 5V
TA = 25°C
0
5k
10k
15k 16384
0.5
0.3
0.2
0.1
0.4
0
–0.2
–0.1
–0.3
–0.5
–0.4
Figure 11. DNL AD5648—External Reference
0
500
1000
1500
2000
2500
3000
3500
4095
CODES
–0.05
–0.10
–0.15
–0.20
0
0.05
0.10
0.15
0.20
VDD = 5V
EXT REF = 5V
TA = 25°C
Figure 12. DNL AD5628—External Reference


Número de pieza similar - AD5668ACPZ-3-RL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5668 AD-AD5668 Datasheet
306Kb / 24P
   Octal, 12-14-16 Bit Dac with 10ppm/째C Max On-Chip Reference in 14-Lead TSSOP
Rev. PrA
AD5668 AD-AD5668 Datasheet
695Kb / 36P
   Industrial Current/Voltage Output Driver
REV. D
AD5668BRUZ-1 AD-AD5668BRUZ-1 Datasheet
306Kb / 24P
   Octal, 12-14-16 Bit Dac with 10ppm/째C Max On-Chip Reference in 14-Lead TSSOP
Rev. PrA
More results

Descripción similar - AD5668ACPZ-3-RL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5629R AD-AD5629R Datasheet
1Mb / 32P
   Octal, 12-/16-Bit, I2C, denseDACs with 5 ppm/째C On-Chip Reference
REV. B
AD5624R AD-AD5624R_V01 Datasheet
843Kb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference
Rev. D
AD5672R AD-AD5672R Datasheet
865Kb / 34P
   Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
AD5625R AD-AD5625R_13 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference, I2C Interface
REV. C
AD5627R AD-AD5627R_07 Datasheet
1Mb / 32P
   Dual, 12-/14-/16-Bit nanoDACs짰 with 5 ppm/째C On-Chip Reference, I2C짰 Interface
REV. 0
AD5620 AD-AD5620_10 Datasheet
538Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Rev. F
logo
Texas Instruments
DAC80508Z TI1-DAC80508Z Datasheet
2Mb / 53P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80508 TI1-DAC80508 Datasheet
217Kb / 8P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80508 TI1-DAC80508_18 Datasheet
2Mb / 55P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
logo
Analog Devices
AD5624R AD-AD5624R_15 Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com