Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADP3338AKCZ-3.3RL7 Datasheet(PDF) 8 Page - Analog Devices

No. de pieza ADP3338AKCZ-3.3RL7
Descripción Electrónicos  High Accuracy, Ultralow IQ, 1 A, anyCAP짰 Low Dropout Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADP3338AKCZ-3.3RL7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP3338AKCZ-3.3RL7 Datasheet HTML 4Page - Analog Devices ADP3338AKCZ-3.3RL7 Datasheet HTML 5Page - Analog Devices ADP3338AKCZ-3.3RL7 Datasheet HTML 6Page - Analog Devices ADP3338AKCZ-3.3RL7 Datasheet HTML 7Page - Analog Devices ADP3338AKCZ-3.3RL7 Datasheet HTML 8Page - Analog Devices ADP3338AKCZ-3.3RL7 Datasheet HTML 9Page - Analog Devices ADP3338AKCZ-3.3RL7 Datasheet HTML 10Page - Analog Devices ADP3338AKCZ-3.3RL7 Datasheet HTML 11Page - Analog Devices ADP3338AKCZ-3.3RL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADP3338
Rev. B | Page 8 of 16
VIN = 6V
400m
SHORT
FULL SHORT
0
0.4
TIME (s)
0.6
0.8
1.0
0.5
0
2.5
1.0
1.5
Figure 16. Short-Circuit Current
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
VOUT = 2.5V
CL = 10µF
IL = 1A
–80
–70
–60
–50
–40
–30
–20
–10
–90
–100
0
CL = 1µF
IL = 1A
CL = 10µF
IL = 0
CL = 1µF
IL = 0
Figure 17. Power Supply Ripple Rejection
CL (µF)
250
200
0
010
50
20
30
40
150
100
50
300
IL = 1A
IL = 0A
Figure 18. RMS Noise vs. CL
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
CL = 1µF
0.001
0.01
0.1
1
10
100
CL = 10µF
Figure 19. Output Noise Density (10 Hz to 100 kHz)


Número de pieza similar - ADP3338AKCZ-3.3RL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADP3338AKCZ-3.3RL7 AD-ADP3338AKCZ-3.3RL7 Datasheet
295Kb / 16P
   High Accuracy, Ultralow I Low Dropout Regulator
REV. B
ADP3338AKCZ-3.3RL71 AD-ADP3338AKCZ-3.3RL71 Datasheet
295Kb / 16P
   High Accuracy, Ultralow IQ, 1A, anyCAP Low Dropout Regulator
REV. B
More results

Descripción similar - ADP3338AKCZ-3.3RL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADP3338 AD-ADP3338 Datasheet
144Kb / 8P
   High-Accuracy Ultralow IQ, 1 A, anyCAP Low Dropout Regulator
REV. 0
ADP3334ARMZ-REEL AD-ADP3334ARMZ-REEL Datasheet
477Kb / 12P
   High Accuracy, Low IQ, anyCAP짰 Adjustable Low Dropout Regulator
REV. B
ADP3339AKC-2.5-RL7 AD-ADP3339AKC-2.5-RL7 Datasheet
345Kb / 12P
   High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. A
ADP3339AKC-3.3 AD-ADP3339AKC-3.3 Datasheet
252Kb / 12P
   High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. C
ADP3339AKCZ-5-R7 AD-ADP3339AKCZ-5-R7 Datasheet
252Kb / 12P
   High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. C
ADP3339 AD-ADP3339 Datasheet
209Kb / 8P
   High-Accuracy Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. 0
ADP3339AKC-33-RL7 AD-ADP3339AKC-33-RL7 Datasheet
252Kb / 12P
   High Accuracy, Ultralow IQ,1.5 A,anyCAP Low Dropout Regulator
REV. C
ADP3339AKCZ-1.8-RL AD-ADP3339AKCZ-1.8-RL Datasheet
252Kb / 12P
   High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. C
ADP3339AKC-2.5 AD-ADP3339AKC-2.5 Datasheet
252Kb / 12P
   High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. C
ADP3338AKC-18 AD-ADP3338AKC-18 Datasheet
295Kb / 16P
   High Accuracy, Ultralow IQ, 1A, anyCAP Low Dropout Regulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com