Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS8881IDGS Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS8881IDGS
Descripción Electrónicos  18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

ADS8881IDGS Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS8881IDGS Datasheet HTML 6Page - Texas Instruments ADS8881IDGS Datasheet HTML 7Page - Texas Instruments ADS8881IDGS Datasheet HTML 8Page - Texas Instruments ADS8881IDGS Datasheet HTML 9Page - Texas Instruments ADS8881IDGS Datasheet HTML 10Page - Texas Instruments ADS8881IDGS Datasheet HTML 11Page - Texas Instruments ADS8881IDGS Datasheet HTML 12Page - Texas Instruments ADS8881IDGS Datasheet HTML 13Page - Texas Instruments ADS8881IDGS Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
-3
-2
-1
0
1
2
3
-40
-15
10
35
60
85
Free-Air Temperature (oC)
C00
AVDD = 3 V
REF = 5 V
-1
-0.5
0
0.5
1
1.5
2
-40
-15
10
35
60
85
Free-Air Temperature (oC)
C00
AVDD = 3 V
REF = 5 V
-3
-2
-1
0
1
2
3
-131072
131071
ADC Output Code
C00
AVDD = 3 V
REF = 5 V
T
A = 25
oC
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
-131072
131071
ADC Output Code
C00
AVDD = 3 V
REF = 5 V
T
A = 25
oC
-3
-2
-1
0
1
2
3
-131072
131071
ADC Output Code
C00
AVDD = 3 V
REF = 2.5 V
T
A = 25
oC
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
-131072
131071
ADC Output Code
C00
AVDD = 3 V
REF = 2.5 V
T
A = 25
oC
ADS8881
SBAS547A – MAY 2013 – REVISED JULY 2013
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C, AVDD = 3 V, DVDD = 3 V, VREF = 5 V, and fSAMPLE = 1 MSPS, unless otherwise noted.
Figure 6. TYPICAL INL (VREF = 2.5 V)
Figure 7. TYPICAL DNL (VREF = 2.5 V)
Figure 8. TYPICAL INL (VREF = 5 V)
Figure 9. TYPICAL DNL (VREF = 5 V)
Figure 10. INL vs TEMPERATURE
Figure 11. DNL vs TEMPERATURE
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: ADS8881


Número de pieza similar - ADS8881IDGS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS8881IDGS TI1-ADS8881IDGS Datasheet
1Mb / 57P
[Old version datasheet]   Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8881IDGSR TI1-ADS8881IDGSR Datasheet
1Mb / 57P
[Old version datasheet]   Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
More results

Descripción similar - ADS8881IDGS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS8881C TI1-ADS8881C Datasheet
1Mb / 57P
[Old version datasheet]   ADS8881x 18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8861IDGS TI1-ADS8861IDGS Datasheet
1Mb / 48P
[Old version datasheet]   16-Bit 1-MSPS Serial Interface microPower Miniature True-Differential Input SAR Analog-to-Digital Converter
ADS8861 TI1-ADS8861_14 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8881C TI1-ADS8881C_15 Datasheet
1Mb / 57P
[Old version datasheet]   Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8887IDRCT TI-ADS8887IDRCT Datasheet
1Mb / 44P
[Old version datasheet]   18-Bit, 100-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8883 TI1-ADS8883_14 Datasheet
1Mb / 49P
[Old version datasheet]   18-Bit, 680-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8887 TI1-ADS8887_14 Datasheet
1Mb / 45P
[Old version datasheet]   18-Bit, 100-kSPS, Serial Interface, microPower, Miniature True-Differential Input, SAR Analog-to-Digital Converter
ADS8885 TI1-ADS8885_14 Datasheet
1Mb / 49P
[Old version datasheet]   18-Bit, 400-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8865 TI1-ADS8865_14 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 400-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8863 TI1-ADS8863_14 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 680-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com