Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

FSTU162211 Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de Pieza. FSTU162211
Descripción  24-Bit Bus Switch with .2V Undershoot Protection and 25Ω Series Resistors in Outputs (Preliminary)
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo 

FSTU162211 Datasheet(HTML) 2 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Preliminary
www.fairchildsemi.com
2
Logic Diagram
Connection Diagram
Truth Table
Pin Descriptions
Inputs
Inputs/Outputs
OE1
OE2
1A, 1B
2A, 2B
LL
1A
= 1B
2A
= 2B
LH
1A
= 1B
Z
HL
Z
2A
= 2B
HH
Z
Z
Pin Name
Description
OE1, OE2
Bus Switch Enables
1A, 2A
Bus A
1B, 2B
Bus B
NC
No Connect


Html Pages

1  2  3  4  5  6 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
FSTU162450Configurable 4-Bit to 20-Bit Bus Switch with .2V Undershoot Protection and 25Ω Series Resistors in Outputs Preliminary 1 2 3 4 5 MoreFairchild Semiconductor
FSTUD162450Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting and 25Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
FSTD16286120-Bit Bus Switch with Level Shifting and 25Ω Series Resistors in Outputs Preliminary 1 2 3 4 5 MoreFairchild Semiconductor
FSTU1621124-Bit Bus Switch with .2V Undershoot Protection Preliminary 1 2 3 4 5 MoreFairchild Semiconductor
FSTUD1621124-Bit Bus Switch with -2V Undershoot Protection and Level Shifting 1 2 3 4 5 MoreFairchild Semiconductor
FSTU680010-Bit Bus Switch with Pre-Charged Outputs and −2V Undershoot Hardened Circuit UHC Protection 1 2 3 4 5 Fairchild Semiconductor
FSTUD3221140/48-Bit Bus Switch with -2V Undershoot Protection and Level Shifting Preliminary 1 2 3 4 5 MoreFairchild Semiconductor
CBT681010-bit bus switch with precharged outputs and Schottky undershoot protection for live insertion 1 2 3 4 5 MoreNXP Semiconductors
CBT682020-bit bus switch with precharged outputs and Schottky undershoot protection for live insertion 1 2 3 4 5 MoreNXP Semiconductors
74LVTH322374Low Voltage 32-Bit D-Type Flip-Flop with 3-STATE Outputs and 25Ω Series Resistors in the Outputs Preliminary 1 2 3 4 5 MoreFairchild Semiconductor

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn