Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HLMP-3750-L0NA2 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza HLMP-3750-L0NA2
Descripción Electrónicos  T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-3750-L0NA2 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-3750-L0NA2 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-3750-L0NA2 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-3750-L0NA2 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-3750-L0NA2 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-3750-L0NA2 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-3750-L0NA2 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-3750-L0NA2 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-3750-L0NA2 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-3750-L0NA2 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Electrical/Optical Characteristics at TA = 25°C
T-13/4
Test
Symbol
Description
T-13/4
Low Dome
T-1
Min.
Typ.
Max.
Units
Conditions
OPEAK
Peak
37xx
3390
1340
635
nm
Measurement
Wavelength
38xx
3490
1440
583
at Peak
39xx
3590
1540
565
K640
558
Od
Dominant
37xx
3390
1340
626
nm
Note 1
Wavelength
38xx
3490
1440
585
39xx
3590
1540
569
K640
560
'O3/4
Spectral Line
37xx
3390
1340
40
nm
Halfwidth
38xx
3490
1440
36
39xx
3590
1540
28
K640
24
Ws
Speed of
37xx
3390
1340
90
ns
Respond
38xx
3490
1440
90
39xx
3590
1540
500
K640
3100
C
Capacitance
37xx
3390
1340
11
pF
VF = 0,
38xx
3490
1440
15
f = 1 MHz
39xx
3590
1540
18
K640
35
R
TJ-PIN
Thermal
37xx
3390
210
°C/W
Junction to
Resistance
38xx
3490
210
Cathode Lead
39xx
3590
210
510
1340
290
1440
290
1540
290
K640
290
VF
Forward
37xx
3390
1340
1.5
1.9
2.6
V
IF = 20 mA
Voltage
38xx
3490
1440
1.5
2.1
2.6
(Figure 3)
39xx
3590
1540
1.5
2.2
3.0
K640
2.2
3.0
VR
Reverse
37xx
3390
1340
5.0
V
IF = 100 μA
Breakdown
38xx
3490
1440
Voltage
39xx
3590
1540
K640
Kv
Luminous
37xx
3390
1340
145
lumens
Note 2
Efficacy
38xx
3490
1440
500
watt
39xx
3590
1540
595
K640
655
Notes:
1. The dominant wavelength,
Od, is derived from the CIE chromaticity diagram and represents the single wavelength which defines the color of the
device.
2. The radiant intensity, Ie, in watts per steradian, may be found from the equation Ie = IV/
KV , where IV is the luminous intensity in candelas and KV is
the luminous efficacy in lumens/watt.


Número de pieza similar - HLMP-3750-L0NA2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HLMP-3750-L00XX HP-HLMP-3750-L00XX Datasheet
225Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
More results

Descripción similar - HLMP-3750-L0NA2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HLMP-3707 HP-HLMP-3707_05 Datasheet
255Kb / 11P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-3707 HP-HLMP-3707 Datasheet
225Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Broadcom Corporation.
HLMP-3707 BOARDCOM-HLMP-3707 Datasheet
1Mb / 15P
   T-1 3/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-4700 HP-HLMP-4700 Datasheet
192Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700 AVAGO-HLMP-1700 Datasheet
410Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-1790 AVAGO-HLMP-1790 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Broadcom Corporation.
HLMP-4700 BOARDCOM-HLMP-4700 Datasheet
293Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3707 AVAGO-HLMP-3707 Datasheet
889Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra?멊right LED Lamps New sturdy leads
logo
Agilent(Hewlett-Packard...
HLMA-CX00 HP-HLMA-CX00 Datasheet
122Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), High Performance AlInGaP LED Lamps
HLMP-DB25-B00XX HP-HLMP-DB25-B00XX Datasheet
217Kb / 6P
   T-1 3/4 (5 mm), T-1 (3 mm) Blue LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com